전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3AG 8-R

  • AI
    ### Overview of the 3AG 8-R The **3AG 8-R** is a specific model of an electrical fuse. In the world of electronic components, "3AG" refers to the physical size and shape of the fuse, while the "8-R" typically denotes the amperage rating and compliance standards. --- ### 1. Technical Specifications The table below summarizes the core attributes of a standard 3AG 8-R fuse (commonly manufactured by brands like Littelfuse or Bel Fuse). | Property | Specification | | :--- | :--- | | **Fuse Type** | Glass Body / Cartridge | | **Physical Size** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **Current Rating** | 8 Amperes | | **Voltage Rating** | Typically 250V AC | | **Response Characteristic** | Fast-Acting (F) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Component Name Understanding the nomenclature helps in identifying replacement parts: * **3AG:** This is a legacy North American designation. It stands for "Size 3 Automotive Glass." Despite the name, they are used in a vast array of industrial and consumer electronics, not just cars. * **8:** This represents the **Continuous Current Rating**. The fuse is designed to carry 8 amps indefinitely without blowing. * **-R:** In modern component labeling, this usually signifies **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances. --- ### 3. Construction and Use #### Physical Build * **Body:** Transparent glass tube, allowing for easy visual inspection to see if the internal filament has melted. * **End Caps:** Nickel-plated brass for high conductivity and corrosion resistance. * **Filament:** A calibrated wire or strip designed to melt when the current exceeds 8A for a specific duration. #### Common Applications * Power supplies and chargers. * Amplifiers and audio equipment. * Industrial control panels. * Older automotive accessory circuits. --- ### 4. Safety Considerations > **Warning:** Never replace an 8-R fuse with a higher amperage fuse (e.g., 10A or 15A). Doing so removes the protection for your circuit and can lead to electrical fires or permanent damage to the device.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Time-Delay 3AG fuse?
    • ⤷ How do I test if a 3AG 8-R fuse is blown using a multimeter?
    • ⤷ Are there ceramic versions of the 3AG size
    • ⤷ and when should they be used?