3SB 2.5-R
AI

The **3SB 2.5-R** is a specific model of a miniature cartridge fuse, widely used in electronic circuits to protect against overcurrent and short-circuit conditions. Below is a detailed technical breakdown of this component.
### 1. Technical Specifications
The model name follows a standard nomenclature used by manufacturers like **Bel Fuse**.
| Feature | Specification |
| :--- | :--- |
| **Series** | 3SB (3.6mm x 10mm Miniature) |
| **Current Rating** | 2.5 Amperes (2.5-R) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Slow Blow / Time Delay |
| **Body Material** | Glass |
| **Termination Style** | Axial Leaded (Pig-tail) |
| **Standards** | UL, CSA, CE |
---
### 2. Physical Construction
The "3SB" series is characterized by its small form factor, often referred to as a **micro-fuse**.
* **Glass Tube:** Allows for visual inspection to see if the internal filament has melted.
* **Axial Leads:** The "-R" suffix typically indicates it comes with copper leads (pig-tails) attached to the end caps. This allows the part to be soldered directly into a Printed Circuit Board (PCB) without a fuse holder.
* **Dimensions:** Roughly 3.6mm in diameter and 10mm in length.
### 3. Electronic Characteristics
#### Slow Blow (Time Delay) Functionality
The 3SB 2.5-R is a **Slow Blow** fuse. Unlike "Fast Acting" fuses, it is designed to tolerate temporary current surges (inrush current) without blowing. This is essential for:
* Inductive loads (motors, transformers).
* Capacitive power supplies that draw a large burst of energy upon startup.
#### Current and Voltage Limits
* **2.5A Rating:** The fuse will carry 2.5 amps indefinitely under normal conditions. It will open (blow) if the current significantly exceeds this value for a sustained period.
* **Interrupting Rating:** This component can safely interrupt high currents (often up to 35A or 100A at 250V AC) without the glass tube shattering.
---
### 4. Common Applications
Due to its small size and time-delay characteristics, the 3SB 2.5-R is commonly found in:
1. **Consumer Electronics:** Power adapters for laptops and small appliances.
2. **LED Lighting:** Drivers and ballasts.
3. **Industrial Controls:** Protecting small sensors or control circuits.
4. **Chargers:** Battery charging circuits where initial connection causes a spike.
---
- ⤷
What is the difference between the 3SB and 3SA fuse series?
- ⤷ How do I calculate the correct fuse rating for my specific circuit?
- ⤷ Can I replace an axial leaded fuse with a standard glass fuse of the same rating?