전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3SB 8-R

  • AI
    Based on the part number provided, the **3SB8-R** typically refers to a component within the **Siemens SIRIUS 3SB series**. This series is a modular range of command and signaling devices, such as pushbuttons, emergency stops, and indicator lights. The suffix **-R** often designates the color **Red** or a specific **Reset** functionality, frequently used in emergency stop configurations. --- ### 1. Key Technical Specifications The 3SB series is designed for industrial control circuits. Below are the general electronic and mechanical specifications: | Feature | Specification | | :--- | :--- | | **Product Type** | Command and Signaling Device (Pushbutton/E-Stop) | | **Mounting Diameter** | 22 mm (Standard Industrial) | | **Voltage Range** | Up to 500V AC/DC (Depending on Contact Block) | | **Thermal Current ($I_{th}$)** | 10A | | **Degree of Protection** | IP65 / IP66 (Dust and Water-resistant) | | **Actuator Type** | Mushroom head / Circular | --- ### 2. Electronic Components & Modularity The 3SB8-R system is not a single electronic chip but a **modular assembly**. It consists of three primary electronic/mechanical parts: 1. **The Actuator (The 3SB8-R Head):** * This is the visible part (the red button). * In the 3SB series, the "R" usually indicates a red mushroom head used for **Emergency Stop** or a red flat button for **Stop** functions. 2. **The Holder:** * The plastic or metal frame that snaps onto the back of the actuator to hold the electronic contact blocks in place. 3. **Contact Blocks (Electronic Switching):** * These are the actual electrical components. * **NO (Normally Open):** Completes the circuit when pressed. * **NC (Normally Closed):** Breaks the circuit when pressed (Standard for Red E-Stops for safety). --- ### 3. Connection Diagram Example When wiring a 3SB8-R component with a Normally Closed (NC) contact block, the logic follows this structure: ```mermaid graph LR A[Power Supply] --> B{3SB8-R NC Contact} B -- Closed State --> C[Machine Operation] B -- Pressed/Open --> D[Emergency Shutdown] ``` ### 4. Common Applications * **Emergency Stop Stations:** High visibility red buttons for immediate power cut-off. * **Safety Relays:** Interfacing with PLC (Programmable Logic Controllers) to signal a fault. * **Control Panels:** Manual intervention in industrial automation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the plastic and metal versions of the 3SB series?
    • ⤷ How do I wire a 3SB8-R button to a PLC input?
    • ⤷ Does the 3SB8-R support LED illumination for status signaling?