전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 5HT 800-R

  • AI
    The **5HT 800-R** typically refers to a high-capacity, high-pressure plunger pump system, often utilized in industrial applications like fracking, well stimulation, or large-scale fluid injection. From an electronics and control perspective, these systems rely on a sophisticated integration of sensors, control units, and power management. --- ### 1. Control Systems and Architecture The electronic brain of the 800-R is responsible for monitoring performance and ensuring safety parameters are met. | Component | Function | | :--- | :--- | | **Electronic Control Unit (ECU)** | Processes inputs from sensors and manages engine/motor output to match pump demand. | | **VFD (Variable Frequency Drive)** | If electrically driven, the VFD regulates the motor speed to control fluid flow rates precisely. | | **HMI (Human Machine Interface)** | A digital display unit that allows operators to view real-time pressure, RPM, and temperature data. | --- ### 2. Sensor Array (Data Acquisition) The electronics include a suite of sensors designed to withstand high vibration and harsh environments. * **Pressure Transducers:** Located at the discharge manifold to monitor output PSI. These sensors convert hydraulic pressure into a 4-20mA or 0-10V electrical signal. * **Thermocouples/RTDs:** Monitor oil temperature in the power end and fluid temperature in the suction manifold. * **Proximity/Speed Sensors:** Typically Hall-effect sensors used to measure the RPM of the crankshaft or the input drive shaft. * **Vibration Sensors:** Piezoelectric accelerometers used for predictive maintenance to detect bearing failure before it occurs. --- ### 3. Electrical Protection & Safety To prevent catastrophic failure, the electronic system includes several "fail-safe" mechanisms: 1. **Automatic Shutdown System:** Triggers if oil pressure drops below a threshold or if discharge pressure exceeds the maximum rating. 2. **CAN bus Communication:** Most modern 800-R units use **J1939 (CAN bus)** protocol to allow the pump controller to talk to the truck engine or the remote control trailer. 3. **Emergency Stop (E-Stop):** A hard-wired circuit that cuts power to the fuel solenoids or motor contactors instantly. --- ### 4. Wiring and Housing Specifications Because these units operate in oilfields or industrial sites, the electronic components must meet specific durability standards: * **Enclosures:** Usually NEMA 4X or IP66 rated to protect against water jets and dust. * **Cabling:** Use of shielded, heavy-duty "SOOW" or armored cables to prevent Electromagnetic Interference (EMI) from the high-power motors. * **Connectors:** Often utilize **Deutsch** or **Amphenol** heavy-duty circular connectors for vibration resistance. --- ### 5. Sample Signal Logic (Pseudocode) The logic used in the controller to prevent over-pressurization might look like this: ```python if discharge_pressure > max_limit: trigger_alarm() reduce_engine_rpm() if discharge_pressure > critical_limit: execute_emergency_shutdown() ```
    ✨ Follow-up Questions
    • ⤷ What are the specific maintenance intervals for the pressure transducers on the 5HT 800-R?
    • ⤷ How does the CAN bus integration differ between diesel-driven and electric-driven 800-R units?
    • ⤷ Can the 5HT 800-R be integrated into a remote SCADA monitoring system?