전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • A TMS-30-R

  • AI
    ## TMS-30-R Electronic Components & Specifications The **TMS-30-R** is a high-precision Temperature Management System (specifically a thermal controller/switch) often used in industrial, HVAC, or telecommunications environments to protect sensitive electronics from overheating or freezing. --- ### 1. Key Electronic Specifications The "TMS" series generally refers to thermal management solutions that utilize solid-state or mechanical switching based on temperature thresholds. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V DC or 110/220V AC (Model dependent) | | **Contact Type** | Relay (Dry Contact) | | **Switching Capacity** | Up to 30 Amps (Indicated by the "30" in the model name) | | **Configuration** | Normally Open (NO) or Normally Closed (NC) | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Core Internal Components The electronic architecture of the TMS-30-R consists of several critical stages: 1. **Sensing Element (NTC/PTC or Thermostat):** * Uses a thermistor or a bimetallic strip to detect ambient temperature changes. * High sensitivity ensures a tight differential (hysteresis), preventing rapid cycling of connected fans or heaters. 2. **Switching Mechanism (Heavy Duty Relay):** * The "R" in the suffix usually denotes a **Relay** output. * This component physically opens or closes the circuit to the load (e.g., an industrial cooling fan). 3. **Hysteresis Control Logic:** * Internal circuitry (often a small PCB with resistors and capacitors) that determines the "turn-on" vs. "turn-off" temperature to prevent "chatter" (rapid toggling). 4. **Terminal Block:** * Robust screw terminals designed to handle the high current (30A) flow without overheating. --- ### 3. Wiring Configuration Example In a typical cooling application, the TMS-30-R acts as a gatekeeper between the power source and the cooling device. ```mermaid graph LR A[Power Supply] --> B[TMS-30-R Input] B --> C{Temp Threshold} C -- High Temp --> D[Relay Closes] D --> E[Cooling Fan/AC] C -- Low Temp --> F[Relay Opens] F --> G[System Idle] ``` ### 4. Common Use Cases * **Enclosure Cooling:** Toggling exhaust fans when the internal cabinet temperature exceeds a set limit. * **Freeze Protection:** Activating small heaters in outdoor telecommunication boxes. * **Industrial Automation:** Protecting PLCs and Variable Frequency Drives (VFDs) from thermal runaway. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range for the TMS-30-R?
    • ⤷ Can the TMS-30-R be used for both heating and cooling applications?
    • ⤷ What are the dimensions and mounting requirements for this module?