전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MBF 20-RJ45

  • AI
    The **MBF 20-RJ45** is a specialized electronic component, typically classified as an **RJ45 Interface Module** or a **Breakout Board**. It is designed to bridge standard RJ45 networking cables with industrial control systems or breadboard-style wiring. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Components & Construction The module consists of several integrated electronic parts designed for signal integrity and physical durability. | Component | Description | | :--- | :--- | | **RJ45 Jack (8P8C)** | A female socket that accepts standard Ethernet/Cat5e/Cat6 cables. | | **Screw Terminal Blocks** | 8 individual terminal ports (plus a shield/ground terminal) used to connect discrete wires. | | **PCB (Printed Circuit Board)** | A high-quality fiberglass (FR-4) board that routes signals from the jack to the terminals. | | **Mounting Foot** | Usually a DIN-rail compatible clip for industrial cabinet installation. | | **Trace Protection** | Solder mask coating to prevent short circuits and oxidation. | --- ### 2. Technical Specifications The electrical characteristics are optimized for low-voltage signal transmission. * **Max Voltage:** Typically rated up to **125V AC/DC**. * **Current Rating:** Approximately **1A to 1.5A** per pin. * **Wire Range:** Supports **26 to 16 AWG** (American Wire Gauge) for the screw terminals. * **Stripping Length:** Usually requires 5mm of wire insulation removal. * **Operating Temperature:** -20°C to +50°C. --- ### 3. Pinout Mapping The MBF 20-RJ45 maps the 8 pins of a standard Ethernet connector to 8 numbered screw terminals. | RJ45 Pin | T568B Standard Color | Terminal Block Label | | :--- | :--- | :--- | | 1 | Orange/White | 1 | | 2 | Orange | 2 | | 3 | Green/White | 3 | | 4 | Blue | 4 | | 5 | Blue/White | 5 | | 6 | Green | 6 | | 7 | Brown/White | 7 | | 8 | Brown | 8 | | **S** | Shield (Metal Casing) | G / Shield | --- ### 4. Primary Use Cases * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to Ethernet-based sensors. * **Telecommunications:** Easy patching for RS-232, RS-485, or CAN bus signals transmitted over RJ45 cables. * **Prototyping:** Allowing engineers to access specific twisted pairs within a network cable without cutting the cable. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the shielded and unshielded versions of the MBF 20-RJ45?
    • ⤷ Can this module support Power over Ethernet (PoE) applications?
    • ⤷ How do I mount this component onto a standard 35mm DIN rail?