전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RB400DS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RB400DS_13 Datasheet

  • # Example questions: ➢ What is the maximum allowable junction temperature for this schottky barrier rectifier?
    ➢ What packing options are available for ordering this device and how many pieces are included per reel?
    ➢ What is the typical forward voltage drop when the forward current is 0.5a?

  • Part No.RB400DS_13
    ManufacturerMCC
    Size164 Kbytes
    Pages2 pages
    Description0.5 Amp Schottky Barrier Rectifier 40 Volts
    Datasheet Summary with AI

    # RB400DS Schottky Barrier Rectifier

    ## Features
    · 0.5 Amp current rating
    · 40 Volt peak reverse voltage
    · Low reverse current and forward voltage
    · Small surface mounting type
    · RoHS Compliant ("P" suffix designates)
    · Halogen free available upon request (-HF suffix)
    · Meets UL 94 V-0 flammability rating
    · Marking: D3A

    ## Maximum Ratings
    · Peak Reverse Voltage (VRM): 40V
    · DC Reverse Voltage (VR): 40V
    · Mean Rectifying Current (IO): 0.5A (500mA)
    · Peak Forward Surge Current (IFSM): 3A
    · Junction Temperature (TJ): 125°C
    · Storage Temperature (TSTG): -40°C to 125°C

    ## Electrical Characteristics (at 25°C)
    · Forward Voltage (VF) @ 0.5A: 0.55V
    · Reverse Current (IR) @ 30V: 50μA
    · Reverse Current (IR) @ 10V: 30μA
    · Capacitance Between Terminals @ 0V, 1MHz: 125pF
    · Capacitance Between Terminals @ 10V, 1MHz: 20pF

    ## Dimensions (inches/mm)
    · A: 0.110 - 0.120 / 2.80 - 3.04
    · B: 0.083 - 0.104 / 2.10 - 2.64
    · C: 0.047 - 0.055 / 1.20 - 1.40
    · D: 0.035 - 0.041 / 0.89 - 1.03
    · E: 0.070 - 0.081 / 1.78 - 2.05
    · F: 0.018 - 0.024 / 0.45 - 0.60
    · G: 0.0005 - 0.0039 / 0.013 - 0.100
    · H: 0.035 - 0.044 / 0.89 - 1.12
    · J: 0.003 - 0.007 / 0.085 - 0.180
    · K: 0.015 - 0.020 / 0.37 - 0.51



    ## Ordering Information
    · Part Number-TP: Tape & Reel, 3000 units/reel
    · To specify Halogen Free: Add "-HF" suffix.

    # RB400DS Schottky Barrier Rectifier

    ## Features
    · 0.5 Amp current rating
    · 40 Volt peak reverse voltage
    · Low reverse current and forward voltage
    · Small surface mounting type
    · RoHS Compliant ("P" suffix designates)
    · Halogen free available upon request (-HF suffix)
    · Meets UL 94 V-0 flammability rating
    · Marking: D3A

    ## Maximum Ratings
    · Peak Reverse Voltage (VRM): 40V
    · DC Reverse Voltage (VR): 40V
    · Mean Rectifying Current (IO): 0.5A (500mA)
    · Peak Forward Surge Current (IFSM): 3A
    · Junction Temperature (TJ): 125°C
    · Storage Temperature (TSTG): -40°C to 125°C

    ## Electrical Characteristics (at 25°C)
    · Forward Voltage (VF) @ 0.5A: 0.55V
    · Reverse Current (IR) @ 30V: 50μA
    · Reverse Current (IR) @ 10V: 30μA
    · Capacitance Between Terminals @ 0V, 1MHz: 125pF
    · Capacitance Between Terminals @ 10V, 1MHz: 20pF

    ## Dimensions (inches/mm)
    · A: 0.110 - 0.120 / 2.80 - 3.04
    · B: 0.083 - 0.104 / 2.10 - 2.64
    · C: 0.047 - 0.055 / 1.20 - 1.40
    · D: 0.035 - 0.041 / 0.89 - 1.03
    · E: 0.070 - 0.081 / 1.78 - 2.05
    · F: 0.018 - 0.024 / 0.45 - 0.60
    · G: 0.0005 - 0.0039 / 0.013 - 0.100
    · H: 0.035 - 0.044 / 0.89 - 1.12
    · J: 0.003 - 0.007 / 0.085 - 0.180
    · K: 0.015 - 0.020 / 0.37 - 0.51



    ## Ordering Information
    · Part Number-TP: Tape & Reel, 3000 units/reel
    · To specify Halogen Free: Add "-HF" suffix.

    Part No.RB400DS_13
    ManufacturerMCC
    Size164 Kbytes
    Pages2 pages
    Description0.5 Amp Schottky Barrier Rectifier 40 Volts