| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LRF3W-R02GW Datasheet
# Example questions:
➢ What materials are used in the construction of the lrf3w chip?
➢ What temperature can the lrf3w chip withstand during soldering?
➢ How are the lrf3w chips oriented when they are mounted onto a circuit board?
# LRF3W Series Low Value 3W Chip Resistors
## Electrical Characteristics
️· Power Rating: 3 Watts @ 70°C
️· Resistance Range: 0.003 to 1 Ohm
️· Tolerance: 1%, 2%, 5%
️· TCR (Temperature Coefficient of Resistance): <R0.04: ±550 ppm/°C, ≥R0.04: ±100 ppm/°C
️· Dielectric Withstand Voltage: 200 Volts
## Environmental & Mechanical
️· Ambient Temperature Range: -55 to +150°C
️· Preferred Values: E24 series
️· Pad/Trace Area (minimum): 500 mm² (for rated dissipation on FR4 PCB)
## Construction & Packaging
️· Construction: Thick film resistor on 96% alumina substrate with non-noble copper material.
️· Terminations: Wrap-around with electroplated nickel barrier and matte tin finish (RoHS compliant).
️· Packaging: Tape & Reel (1800 pieces per reel)
## Key Features
️· AEC-Q200 Qualified
️· Suitable for reflow or wave soldering
️· Marking on body for identification.
️· Low thermal impedance.
️· Robust construction with wide terminations.
# LRF3W Series Low Value 3W Chip Resistors
## Electrical Characteristics
️· Power Rating: 3 Watts @ 70°C
️· Resistance Range: 0.003 to 1 Ohm
️· Tolerance: 1%, 2%, 5%
️· TCR (Temperature Coefficient of Resistance): <R0.04: ±550 ppm/°C, ≥R0.04: ±100 ppm/°C
️· Dielectric Withstand Voltage: 200 Volts
## Environmental & Mechanical
️· Ambient Temperature Range: -55 to +150°C
️· Preferred Values: E24 series
️· Pad/Trace Area (minimum): 500 mm² (for rated dissipation on FR4 PCB)
## Construction & Packaging
️· Construction: Thick film resistor on 96% alumina substrate with non-noble copper material.
️· Terminations: Wrap-around with electroplated nickel barrier and matte tin finish (RoHS compliant).
️· Packaging: Tape & Reel (1800 pieces per reel)
## Key Features
️· AEC-Q200 Qualified
️· Suitable for reflow or wave soldering
️· Marking on body for identification.
️· Low thermal impedance.
️· Robust construction with wide terminations.
| Part No. | LRF3W-R02GW |
| Manufacturer | TTELEC |
| Size | 538 Kbytes |
| Pages | 3 pages |
| Description | Low Value 3W Chip Resistors |