전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28S-C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M28S-C Datasheet

  • # Example questions: ➢ What is the operating junction temperature range for this transistor?
    ➢ What are the different hfe ranges available, and which rank corresponds to an hfe between 500 and 700?
    ➢ What is the maximum collector current this transistor can handle?

  • Part No.M28S-C
    ManufacturerMCC
    Size251 Kbytes
    Pages2 pages
    DescriptionNPN Silicon Plastic-Encapsulate Transistor
    Datasheet Summary with AI

    # M28S Transistor - Datasheet Summary

    ## General Information

    · Type: NPN Silicon Plastic-Encapsulate Transistor
    · Manufacturer: Micro Commercial Components
    · Revision: D, 2013/01/01

    ## Features

    · Power Dissipation: 0.625 Watts
    · Collector Current (Ic): 1.0A
    · Collector-Base Voltage (Vcbo): 40V
    · Operating & Storage Junction Temperature: -55°C to +150°C
    · UL 94 V-0 Flammability Rating (Epoxy)
    · Moisture Sensitivity Level: 1
    · RoHS Compliant: Available with "-P" suffix
    · Halogen Free: Available with "-HF" suffix
    · Marking: M28S X (e.g., M28S-B, M28S-C, M28S-D)

    ## Electrical Characteristics (@ 25°C)

    · V(BR)CEO (Collector-Emitter Breakdown Voltage): 20 Vdc
    · V(BR)CBO (Collector-Base Breakdown Voltage): 40 Vdc
    · V(BR)EBO (Emitter-Base Breakdown Voltage): 6.0 Vdc
    · ICBO (Collector Cutoff Current): ≤ 1.0 uAdc
    · ICEO (Collector Cutoff Current): ≤ 5.0 Vdc
    · IEBO (Emitter Cutoff Current): ≤ 0.1 uAdc
    · hFE (DC Current Gain):
    - 290 - 1000 (Ic = 1.0mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 100mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 300mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 500mAdc, Vce = 1.0Vdc)
    · Vce(sat) (Collector-Emitter Saturation Voltage): ≤ 0.55 Vdc (Ic = 600mAdc, Ib = 30mAdc)
    · fT (Transition Frequency): 100 MHz (Vce = 10Vdc, Ic = 50mAdc, f = 30MHz)

    ## HFE Classification

    Rank B C D
    Range 300-550 500-700 650-1000

    ## Dimensions (TO-92 Package) - Inches / Millimeters

    Dimension Inches (Min) Inches (Max) Millimeters (Min) Millimeters (Max)
    A 0.175 0.185 4.45 4.70
    B 0.175 0.185 4.45 4.70
    C 0.500 - 12.70 -
    D 0.016 0.020 0.41 0.63
    E 0.135 0.145 3.43 3.68
    G (Straight Lead) 0.095 0.105 2.42 2.67
    G (Bent Lead) 0.173 0.220 4.40 5.60

    ## Ordering Information

    · Part Number - AP: Ammo Packing (20,000 pcs/Carton)
    · Part Number - BP: Bulk (100,000 pcs/Carton)
    · Add "-HF" suffix for Halogen Free option.

    # M28S Transistor - Datasheet Summary

    ## General Information

    · Type: NPN Silicon Plastic-Encapsulate Transistor
    · Manufacturer: Micro Commercial Components
    · Revision: D, 2013/01/01

    ## Features

    · Power Dissipation: 0.625 Watts
    · Collector Current (Ic): 1.0A
    · Collector-Base Voltage (Vcbo): 40V
    · Operating & Storage Junction Temperature: -55°C to +150°C
    · UL 94 V-0 Flammability Rating (Epoxy)
    · Moisture Sensitivity Level: 1
    · RoHS Compliant: Available with "-P" suffix
    · Halogen Free: Available with "-HF" suffix
    · Marking: M28S X (e.g., M28S-B, M28S-C, M28S-D)

    ## Electrical Characteristics (@ 25°C)

    · V(BR)CEO (Collector-Emitter Breakdown Voltage): 20 Vdc
    · V(BR)CBO (Collector-Base Breakdown Voltage): 40 Vdc
    · V(BR)EBO (Emitter-Base Breakdown Voltage): 6.0 Vdc
    · ICBO (Collector Cutoff Current): ≤ 1.0 uAdc
    · ICEO (Collector Cutoff Current): ≤ 5.0 Vdc
    · IEBO (Emitter Cutoff Current): ≤ 0.1 uAdc
    · hFE (DC Current Gain):
    - 290 - 1000 (Ic = 1.0mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 100mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 300mAdc, Vce = 1.0Vdc)
    - 300 - 1000 (Ic = 500mAdc, Vce = 1.0Vdc)
    · Vce(sat) (Collector-Emitter Saturation Voltage): ≤ 0.55 Vdc (Ic = 600mAdc, Ib = 30mAdc)
    · fT (Transition Frequency): 100 MHz (Vce = 10Vdc, Ic = 50mAdc, f = 30MHz)

    ## HFE Classification

    Rank B C D
    Range 300-550 500-700 650-1000

    ## Dimensions (TO-92 Package) - Inches / Millimeters

    Dimension Inches (Min) Inches (Max) Millimeters (Min) Millimeters (Max)
    A 0.175 0.185 4.45 4.70
    B 0.175 0.185 4.45 4.70
    C 0.500 - 12.70 -
    D 0.016 0.020 0.41 0.63
    E 0.135 0.145 3.43 3.68
    G (Straight Lead) 0.095 0.105 2.42 2.67
    G (Bent Lead) 0.173 0.220 4.40 5.60

    ## Ordering Information

    · Part Number - AP: Ammo Packing (20,000 pcs/Carton)
    · Part Number - BP: Bulk (100,000 pcs/Carton)
    · Add "-HF" suffix for Halogen Free option.

    Part No.M28S-C
    ManufacturerMCC
    Size251 Kbytes
    Pages2 pages
    DescriptionNPN Silicon Plastic-Encapsulate Transistor