| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAC24E-120P-R Datasheet
# Example questions:
➢ How does the leakage current of this power adapter compare to typical values for similar devices?
➢ What is the minimum quantity of units required when placing an order for this adapter?
➢ What is the maximum operating temperature for this adapter to maintain its specified performance?
# 24W Wall Plug Adapter (PSAC24E Series)
## Features
· Class B EMI & Class II Double Insulated
· Low No Load Power Consumption: <0.3W
· Compliant: CEC, Ecodesign ErP Directive 2009/125/EC level 2 annex 1b
· Short-Circuit Protection
## Applications
· Portable Equipment
· Access Devices
· Peripherals
## Safety Approvals
· CE
· TUV
## Mechanical Characteristics
· Length: 83.5mm (3.29in)
· Height: 53.5mm (2.11in)
· Width: 35mm (1.38in)
## Output Specifications
· Model: PSAC24E-120P-R
· DC Output Voltage: 12V
· Output Current: 0A - 2A
· Ripple (P-P max.): 120mV
· Efficiency: Meets Level V, 82% Minimum
## Input Specifications
· AC Input Voltage Rating: 100-240V AC
· AC Input Voltage Range: 90-264V AC
· AC Input Frequency: 50-60Hz
· Input Current: 0.6A (RMS) max at 100V AC
· Leakage Current: 0.25mA maximum
· Inrush Current: 85A maximum at 230V AC (Cold Start, 25°C)
· Input Power Saving: <0.3W at 115V/230V AC, 0A
## Environmental
· Operation Temperature: 0 to 40°C
· Non-Operation Temperature: -40 to 85°C
· Humidity: 90%
## Protection
· Over-Voltage Protection: <24V
· Over-Current Protection: 5A maximum at 230V AC
## EMI/Immunity
· EMI: FCC Class B, EN55022 Class B
· ESD: EN61000-4-2 Level 4
· Surge: EN61000-4-5 Level 2
· EFT: EN61000-4-4 Level 2
## Reliability
· MTBF: 50K Hours (MIL-HDBK-217F at max load, 25°C)
## Physical
· DC Output Connector: 2.5mm x 5.5mm x 9.5mm
· DC Cord Length: 1.5 meters
## Ordering
· Minimum Order Quantity: 3500 pieces
# 24W Wall Plug Adapter (PSAC24E Series)
## Features
· Class B EMI & Class II Double Insulated
· Low No Load Power Consumption: <0.3W
· Compliant: CEC, Ecodesign ErP Directive 2009/125/EC level 2 annex 1b
· Short-Circuit Protection
## Applications
· Portable Equipment
· Access Devices
· Peripherals
## Safety Approvals
· CE
· TUV
## Mechanical Characteristics
· Length: 83.5mm (3.29in)
· Height: 53.5mm (2.11in)
· Width: 35mm (1.38in)
## Output Specifications
· Model: PSAC24E-120P-R
· DC Output Voltage: 12V
· Output Current: 0A - 2A
· Ripple (P-P max.): 120mV
· Efficiency: Meets Level V, 82% Minimum
## Input Specifications
· AC Input Voltage Rating: 100-240V AC
· AC Input Voltage Range: 90-264V AC
· AC Input Frequency: 50-60Hz
· Input Current: 0.6A (RMS) max at 100V AC
· Leakage Current: 0.25mA maximum
· Inrush Current: 85A maximum at 230V AC (Cold Start, 25°C)
· Input Power Saving: <0.3W at 115V/230V AC, 0A
## Environmental
· Operation Temperature: 0 to 40°C
· Non-Operation Temperature: -40 to 85°C
· Humidity: 90%
## Protection
· Over-Voltage Protection: <24V
· Over-Current Protection: 5A maximum at 230V AC
## EMI/Immunity
· EMI: FCC Class B, EN55022 Class B
· ESD: EN61000-4-2 Level 4
· Surge: EN61000-4-5 Level 2
· EFT: EN61000-4-4 Level 2
## Reliability
· MTBF: 50K Hours (MIL-HDBK-217F at max load, 25°C)
## Physical
· DC Output Connector: 2.5mm x 5.5mm x 9.5mm
· DC Cord Length: 1.5 meters
## Ordering
· Minimum Order Quantity: 3500 pieces
| Part No. | PSAC24E-120P-R |
| Manufacturer | PHIHONG |
| Size | 108 Kbytes |
| Pages | 3 pages |
| Description | 24W Wall Plug Adapter |