전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

550 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 550 Datasheet

  • # Example questions: ➢ For a capacitor with a capacitance of 220uf and a voltage rating of 16v, what is the maximum ripple current it can handle?
    ➢ What are the different voltage ratings available for the capacitors listed in the document?
    ➢ What is the relationship between the capacitance value and the physical dimensions (e.g., length, diameter) of the capacitors?

  • Part No.550
    ManufacturerCDE
    Size454 Kbytes
    Pages8 pages
    DescriptionHigh Ripple, Long Life, Computer Grade
    Datasheet Summary with AI

    Overall Document Context:

    ️· This is a catalog excerpt from Cornell-Dubilier, detailing aluminum electrolytic capacitors.
    ️· It contains a table of capacitor specifications and part numbers.
    ️· The document includes voltage, capacitance, dimensions, and other ratings.

    Data Extraction & Structuring:

    I've broken the data into sections based on Voltage ratings. Because the document is a snapshot of many parts, I'm focusing on extracting the key headers and a few representative rows for each voltage.

    1. 16 Vdc (20 Vdc Surge)

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550173U016AK2B 17 N/A N/A 1 ⅜ x 1⅝
    550293U016AA2B 29 N/A N/A 1⅜ x 2⅛
    550413U016AH2B 41 N/A N/A 1⅜ x 2⅝
    550523U016AB2B 52 N/A N/A 1⅜ x 3⅛
    550753U016AC2B 75 N/A N/A 1⅜ x 4⅛
    550114U016AF2B 110 N/A N/A 1⅜ x 5⅝
    550114U016BB2B 110 N/A N/A 2 x 3⅛

    2. 16 Vdc (20 Vdc Surge) - Continued

    *Includes information on Ripple Current and ESR for some parts*

    3. 25 Vdc (30 Vdc Surge)

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550992U025AK2B 9.9 63.8 4.4 1⅜ x 1⅝
    550163U025AA2B 16 38.7 6.2 1⅜ x 2⅛
    550233U025AH2B 23 28.1 7.8 1⅜ x 2⅝
    550303U025AB2B 30 22.2 9.5 1⅜ x 3⅛
    550433U025AC2B 43 16.0 12.6 1⅜ x 4⅛
    550603U025BB2B 60 12.2 16.0 2 x 3⅛
    550623U025AF2B 62 11.8 16.7 1⅜ x 5⅝
    550903U025BC2B 90 8.5 21.3 2 x 4⅛
    550154U025BF2B 150 5.5 30.2 2 ½ X 4⅛
    550224U025DC2D 220 3.9 43.8 2 ½ X 5⅝
    550324U025DF2D 320 3.5 47.5 3 X 5⅝

    4. 50 Vdc (65 Vdc Surge )

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550402U050AK2B 4.0 85.2 3.8 1⅜ x 1⅝
    550672U050AA2B 6.7 51.6 5.3 1⅜ x 2⅛
    550942U050AH2B 9.4 37.2 6.8 1⅜ x 2⅝
    550123U050AB2B 12 29.3 8.3 1⅜ x 3⅛

    Important Notes:

    ️· "N/A" Values: Many parts do not have stated values for all parameters (ESR, Ripple Current). These are marked as "N/A."
    ️· Dimensions: Dimensions are given in inches (in).
    ️· Ripple Current: Ripple current ratings are likely at a specific frequency (often 120 Hz) and voltage. Consult the full Cornell-Dubilier datasheet for details.
    ️· Datasheet: This information is from a catalog excerpt. A complete datasheet will give detailed performance characteristics and testing conditions.

    Overall Document Context:

    ️· This is a catalog excerpt from Cornell-Dubilier, detailing aluminum electrolytic capacitors.
    ️· It contains a table of capacitor specifications and part numbers.
    ️· The document includes voltage, capacitance, dimensions, and other ratings.

    Data Extraction & Structuring:

    I've broken the data into sections based on Voltage ratings. Because the document is a snapshot of many parts, I'm focusing on extracting the key headers and a few representative rows for each voltage.

    1. 16 Vdc (20 Vdc Surge)

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550173U016AK2B 17 N/A N/A 1 ⅜ x 1⅝
    550293U016AA2B 29 N/A N/A 1⅜ x 2⅛
    550413U016AH2B 41 N/A N/A 1⅜ x 2⅝
    550523U016AB2B 52 N/A N/A 1⅜ x 3⅛
    550753U016AC2B 75 N/A N/A 1⅜ x 4⅛
    550114U016AF2B 110 N/A N/A 1⅜ x 5⅝
    550114U016BB2B 110 N/A N/A 2 x 3⅛

    2. 16 Vdc (20 Vdc Surge) - Continued

    *Includes information on Ripple Current and ESR for some parts*

    3. 25 Vdc (30 Vdc Surge)

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550992U025AK2B 9.9 63.8 4.4 1⅜ x 1⅝
    550163U025AA2B 16 38.7 6.2 1⅜ x 2⅛
    550233U025AH2B 23 28.1 7.8 1⅜ x 2⅝
    550303U025AB2B 30 22.2 9.5 1⅜ x 3⅛
    550433U025AC2B 43 16.0 12.6 1⅜ x 4⅛
    550603U025BB2B 60 12.2 16.0 2 x 3⅛
    550623U025AF2B 62 11.8 16.7 1⅜ x 5⅝
    550903U025BC2B 90 8.5 21.3 2 x 4⅛
    550154U025BF2B 150 5.5 30.2 2 ½ X 4⅛
    550224U025DC2D 220 3.9 43.8 2 ½ X 5⅝
    550324U025DF2D 320 3.5 47.5 3 X 5⅝

    4. 50 Vdc (65 Vdc Surge )

    Part Number Capacitance (uF) ESR (Ohms) Ripple Current (Amps) Dimensions (in)
    550402U050AK2B 4.0 85.2 3.8 1⅜ x 1⅝
    550672U050AA2B 6.7 51.6 5.3 1⅜ x 2⅛
    550942U050AH2B 9.4 37.2 6.8 1⅜ x 2⅝
    550123U050AB2B 12 29.3 8.3 1⅜ x 3⅛

    Important Notes:

    ️· "N/A" Values: Many parts do not have stated values for all parameters (ESR, Ripple Current). These are marked as "N/A."
    ️· Dimensions: Dimensions are given in inches (in).
    ️· Ripple Current: Ripple current ratings are likely at a specific frequency (often 120 Hz) and voltage. Consult the full Cornell-Dubilier datasheet for details.
    ️· Datasheet: This information is from a catalog excerpt. A complete datasheet will give detailed performance characteristics and testing conditions.

    Part No.550
    ManufacturerCDE
    Size454 Kbytes
    Pages8 pages
    DescriptionHigh Ripple, Long Life, Computer Grade