전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR1122DG-15-AB3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LR1122DG-15-AB3 Datasheet

  • # Example questions: ➢ What is the approximate input transient response when the output voltage is 2v?
    ➢ What is the typical dropout voltage at an output current of 150ma, according to the provided data?
    ➢ How does the turn-on speed with the ce pin change as the output current increases from 0ma to 150ma?

  • Part No.LR1122DG-15-AB3
    ManufacturerUTC
    Size280 Kbytes
    Pages7 pages
    DescriptionLOW NOISE 200mA LDO REGULATOR
    Datasheet Summary with AI

    # LR1122D CMOS IC - Low Noise 200mA LDO Regulator

    ## DESCRIPTION
    ️· LDO (Linear Regulator) with high output voltage accuracy, low supply current, low ON-resistance, and high ripple rejection.
    ️· Very low dropout voltage and good line/load transient response.
    ️· Suitable for portable communication equipment, cameras, VCRs, camcorders, and battery-powered devices.

    ## FEATURES
    ️· Ultra Supply Current: 20µA (Typ.)
    ️· Standby Mode: 0.1µA (Typ.)
    ️· Very Low Dropout Voltage: 0.13V (Typ.) @ Iout = 150mA, Vout = 2.85V
    ️· Ripple Rejection: 75dB (Typ.) @ f=1kHz, Vout=2.85V
    ️· Temperature-Drift Coefficient: ±30ppm/°C (Typ.)
    ️· Line Regulation: 0.02%/V (Typ.)
    ️· Output Voltage Accuracy: ±1.0% (Typ.)
    ️· Internal Fold Back Protection Circuit: 40mA (Typ.)
    ️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)

    ## ORDERING INFORMATION
    ️· LR1122DG-xx-AE5-R: SOT-23-5 package, Tape Reel
    ️· LR1122DG-xx-AF5-R: SOT-25 package, Tape Reel
    ️· LR1122DG-xx-AB3-C-R: SOT-89 package, Tape Reel
    - `xx` indicates Output Voltage (refer to Marking Information).

    ## MARKING INFORMATION
    ️· SOT-89: 12 (1.2V), 15 (1.5V), 16 (1.6V), 18 (1.8V), 20 (2.0V), 22 (2.2V), 25 (2.5V), 2J (2.85V), 30 (3.0V), 33 (3.3V), 50 (5.0V)
    ️· SOT-23-5 / SOT-25: Voltage code marking.

    ## PIN CONFIGURATION
    ️· SOT-89: G, I, O (Ground, Input, Output)
    ️· SOT-23-5 / SOT-25: I, G, CE, NC, O (Input, Ground, Chip Enable, No Connection, Output)

    ## PIN DESCRIPTIONS
    ️· VIN: Input Pin
    ️· GND: Ground Pin
    ️· CE: Chip Enable Pin (Active High)
    ️· NC: No Connection
    ️· VOUT: Output Pin

    ## ABSOLUTE MAXIMUM RATINGS
    ️· Input Voltage (VIN): 9V
    ️· Input Voltage (CE Pin): 8.5V
    ️· Output Voltage (VOUT): -0.3 ~ VIN + 0.3V
    ️· Output Current (IOUT): 200mA
    ️· Power Dissipation (PD): 360mW (SOT-23-5/SOT-25), 530mW (SOT-89)
    ️· Junction Temperature (TJ): +125°C
    ️· Operating Temperature (TOPR): -40°C ~ +85°C
    ️· Storage Temperature (TSTG): -55°C ~ +125°C

    ## ELECTRICAL CHARACTERISTICS (TA=25°C, VIN=Set VOUT+1V, IOUT=1mA, CI=CO=1µF)
    ️· Output Voltage (VOUT): Within ±1.0% of set voltage.
    ️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
    ️· Supply Current (ISS): 20-40µA (IOUT=0A)
    ️· Supply Current (Standby): 0.1-2µA (VCE=0V)
    ️· Short Circuit Current Limit (ILIMIT): 40mA @ VOUT=0V
    ️· Dropout Voltage (VD): 0.13-0.30V (depending on VOUT and IOUT)

    # LR1122D CMOS IC - Low Noise 200mA LDO Regulator

    ## DESCRIPTION
    ️· LDO (Linear Regulator) with high output voltage accuracy, low supply current, low ON-resistance, and high ripple rejection.
    ️· Very low dropout voltage and good line/load transient response.
    ️· Suitable for portable communication equipment, cameras, VCRs, camcorders, and battery-powered devices.

    ## FEATURES
    ️· Ultra Supply Current: 20µA (Typ.)
    ️· Standby Mode: 0.1µA (Typ.)
    ️· Very Low Dropout Voltage: 0.13V (Typ.) @ Iout = 150mA, Vout = 2.85V
    ️· Ripple Rejection: 75dB (Typ.) @ f=1kHz, Vout=2.85V
    ️· Temperature-Drift Coefficient: ±30ppm/°C (Typ.)
    ️· Line Regulation: 0.02%/V (Typ.)
    ️· Output Voltage Accuracy: ±1.0% (Typ.)
    ️· Internal Fold Back Protection Circuit: 40mA (Typ.)
    ️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)

    ## ORDERING INFORMATION
    ️· LR1122DG-xx-AE5-R: SOT-23-5 package, Tape Reel
    ️· LR1122DG-xx-AF5-R: SOT-25 package, Tape Reel
    ️· LR1122DG-xx-AB3-C-R: SOT-89 package, Tape Reel
    - `xx` indicates Output Voltage (refer to Marking Information).

    ## MARKING INFORMATION
    ️· SOT-89: 12 (1.2V), 15 (1.5V), 16 (1.6V), 18 (1.8V), 20 (2.0V), 22 (2.2V), 25 (2.5V), 2J (2.85V), 30 (3.0V), 33 (3.3V), 50 (5.0V)
    ️· SOT-23-5 / SOT-25: Voltage code marking.

    ## PIN CONFIGURATION
    ️· SOT-89: G, I, O (Ground, Input, Output)
    ️· SOT-23-5 / SOT-25: I, G, CE, NC, O (Input, Ground, Chip Enable, No Connection, Output)

    ## PIN DESCRIPTIONS
    ️· VIN: Input Pin
    ️· GND: Ground Pin
    ️· CE: Chip Enable Pin (Active High)
    ️· NC: No Connection
    ️· VOUT: Output Pin

    ## ABSOLUTE MAXIMUM RATINGS
    ️· Input Voltage (VIN): 9V
    ️· Input Voltage (CE Pin): 8.5V
    ️· Output Voltage (VOUT): -0.3 ~ VIN + 0.3V
    ️· Output Current (IOUT): 200mA
    ️· Power Dissipation (PD): 360mW (SOT-23-5/SOT-25), 530mW (SOT-89)
    ️· Junction Temperature (TJ): +125°C
    ️· Operating Temperature (TOPR): -40°C ~ +85°C
    ️· Storage Temperature (TSTG): -55°C ~ +125°C

    ## ELECTRICAL CHARACTERISTICS (TA=25°C, VIN=Set VOUT+1V, IOUT=1mA, CI=CO=1µF)
    ️· Output Voltage (VOUT): Within ±1.0% of set voltage.
    ️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
    ️· Supply Current (ISS): 20-40µA (IOUT=0A)
    ️· Supply Current (Standby): 0.1-2µA (VCE=0V)
    ️· Short Circuit Current Limit (ILIMIT): 40mA @ VOUT=0V
    ️· Dropout Voltage (VD): 0.13-0.30V (depending on VOUT and IOUT)

    Part No.LR1122DG-15-AB3
    ManufacturerUTC
    Size280 Kbytes
    Pages7 pages
    DescriptionLOW NOISE 200mA LDO REGULATOR