전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UR5516-TQ5-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about UR5516-TQ5-R Datasheet

  • # Example questions: ➢ The datasheet mentions a thermal shutdown feature. what is the typical thermal shutdown temperature?
    ➢ What type of application circuits are shown in the datasheet, and what is the purpose of the application circuit labeled 'for v_out = 4v'?
    ➢ What is the typical current limit for the ur5516 when v_in = 8v?

  • Part No.UR5516-TQ5-R
    ManufacturerUTC
    Size245 Kbytes
    Pages9 pages
    Description3A BUS TERMINATION REGULATOR
    Datasheet Summary with AI

    # UR5516 Linear Integrated Circuit

    ## Overview

    ️· 3A Bus Termination Regulator for DDR-SDRAM applications.
    ️· Provides regulated voltage with bi-directional output current.
    ️· Features current-limit and on-chip thermal shutdown protection.
    ️· Output voltage tracks the voltage at the VREF pin.
    ️· Adjustable output voltage via external resistors.
    ️· Shutdown control via VREF pin for standby/suspend mode.

    ## Key Features

    ️· Bi-directional current: up to 3A sourcing or sinking.
    ️· Output voltages: 1.25V / 0.9V for DDR I/II.
    ️· Fast transient response.
    ️· High output accuracy: ±20mV over load, offset, and temperature.
    ️· Current-limit, thermal shutdown, and shutdown control.
    ️· Soft-start functionality via external capacitor.

    ## Ordering Information

    ️· Packages: SOP-8, HSOP-8, TO-252-5, TO-263-5.
    ️· Packing Options: Tape Reel (R), Tube (T).
    ️· Lead Free/Halogen Free: Available (designated by "L" and "G" in part number).

    ## Pin Descriptions

    ️· VIN: Main power input.
    ️· GND: Power and signal ground.
    ️· VREF: Reference voltage input and shutdown control (active-low).
    ️· VOUT: Output pin.
    ️· VCNTL: Power input for internal control circuitry.

    ## Absolute Maximum Ratings

    ️· VCNTL: -0.2V to 7V
    ️· VIN: -0.2V to 3.9V
    ️· Junction Temperature: +150°C
    ️· Storage Temperature: -40°C to +150°C

    ## Recommended Operating Conditions

    ️· VCNTL: 3.1V to 6V
    ️· VIN: 1.2V to 3.5V
    ️· VREF: 0.85V to 1.75V
    ️· VOUT: VREF ± 0.02V
    ️· IOUT: -3A to +3A
    ️· Junction Temperature: 0°C to +125°C

    ## Thermal Resistance

    ️· SOP-8: 160°C/W
    ️· HSOP-8: 80°C/W
    ️· TO-252-5: 80°C/W
    ️· TO-263-5: 50°C/W

    # UR5516 Linear Integrated Circuit

    ## Overview

    ️· 3A Bus Termination Regulator for DDR-SDRAM applications.
    ️· Provides regulated voltage with bi-directional output current.
    ️· Features current-limit and on-chip thermal shutdown protection.
    ️· Output voltage tracks the voltage at the VREF pin.
    ️· Adjustable output voltage via external resistors.
    ️· Shutdown control via VREF pin for standby/suspend mode.

    ## Key Features

    ️· Bi-directional current: up to 3A sourcing or sinking.
    ️· Output voltages: 1.25V / 0.9V for DDR I/II.
    ️· Fast transient response.
    ️· High output accuracy: ±20mV over load, offset, and temperature.
    ️· Current-limit, thermal shutdown, and shutdown control.
    ️· Soft-start functionality via external capacitor.

    ## Ordering Information

    ️· Packages: SOP-8, HSOP-8, TO-252-5, TO-263-5.
    ️· Packing Options: Tape Reel (R), Tube (T).
    ️· Lead Free/Halogen Free: Available (designated by "L" and "G" in part number).

    ## Pin Descriptions

    ️· VIN: Main power input.
    ️· GND: Power and signal ground.
    ️· VREF: Reference voltage input and shutdown control (active-low).
    ️· VOUT: Output pin.
    ️· VCNTL: Power input for internal control circuitry.

    ## Absolute Maximum Ratings

    ️· VCNTL: -0.2V to 7V
    ️· VIN: -0.2V to 3.9V
    ️· Junction Temperature: +150°C
    ️· Storage Temperature: -40°C to +150°C

    ## Recommended Operating Conditions

    ️· VCNTL: 3.1V to 6V
    ️· VIN: 1.2V to 3.5V
    ️· VREF: 0.85V to 1.75V
    ️· VOUT: VREF ± 0.02V
    ️· IOUT: -3A to +3A
    ️· Junction Temperature: 0°C to +125°C

    ## Thermal Resistance

    ️· SOP-8: 160°C/W
    ️· HSOP-8: 80°C/W
    ️· TO-252-5: 80°C/W
    ️· TO-263-5: 50°C/W

    Part No.UR5516-TQ5-R
    ManufacturerUTC
    Size245 Kbytes
    Pages9 pages
    Description3A BUS TERMINATION REGULATOR