전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT3238 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about UT3238 Datasheet

  • # Example questions: ➢ What does this output indicate, and is it affected by the states of the forceon and forceoff pins?
    ➢ What happens to the utc ut3238's transmitters when the forceoff pin is driven low or invalid voltage levels are detected on receiver inputs?
    ➢ What are the typical capacitor values recommended for a vcc of 5v for c1, c2/c3/c4, and the bypass capacitor?

  • Part No.UT3238
    ManufacturerUTC
    Size203 Kbytes
    Pages10 pages
    DescriptionLINE DRIVERS/RECEIVERS
    Datasheet Summary with AI

    # UT3238 RS-232 Line Drivers/Receivers

    ## Overview
    The UT3238 is a CMOS IC consisting of 5 drivers and 3 receivers, designed for RS-232 communication, particularly in notebook computers. It supports data rates up to 250kbps and operates with a +3.3V to +5.0V power supply.

    ## Features
    ️· Power Supply: +3.3V to +5.0V
    ️· Data Rate: Up to 250 kbps
    ️· Drivers/Receivers: 5 drivers, 3 receivers
    ️· Low Power: 1µA supply current in shutdown mode
    ️· External Capacitors: Requires 0.1µF capacitors (for 3.3V operation)
    ️· Logic Input: Accepts 5.0V logic with a 3.3V supply
    ️· Always-Active Receiver: One receiver remains active during shutdown for monitoring.
    ️· ESD Protection: Exceeds ±8KV ESD protection (HBM) for RS-232 I/O pins.

    ## Pin Descriptions (Key Pins)
    ️· VCC: +3.3V to +5.0V Supply Voltage
    ️· GND: Ground
    ️· TXIN: TTL/CMOS Transmitter Inputs
    ️· TXOUT: RS-232 Transmitter Outputs
    ️· RXIN: RS-232 Receiver Inputs
    ️· RXOUT: TTL/CMOS Receiver Outputs
    ️· FORCEON: Override to keep transmitters on.
    ️· FORCEOFF: Shut down transmitters and power supply.
    ️· INVALID: Indicates valid signal level on receiver inputs.
    ️· R1OUTB: Always-active non-inverting receiver output.

    ## Shutdown Function
    ️· Enters shutdown mode when no valid RS-232 signal is detected, reducing current consumption to 1µA.
    ️· Can be forced into shutdown via the FORCEOFF pin.
    ️· Automatic restart when a valid signal is present.

    ## Ordering Information
    ️· UT3238G-P28-R: TSSOP-28 package, Tape Reel

    ## Absolute Maximum Ratings
    ️· VCC: 6.0V
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C

    ## Electrical Characteristics (Typical)
    ️· Shutdown Current: 1µA
    ️· Supply Current: 0.5-2.0 mA
    ️· Data Rate: 250 kbps

    # UT3238 RS-232 Line Drivers/Receivers

    ## Overview
    The UT3238 is a CMOS IC consisting of 5 drivers and 3 receivers, designed for RS-232 communication, particularly in notebook computers. It supports data rates up to 250kbps and operates with a +3.3V to +5.0V power supply.

    ## Features
    ️· Power Supply: +3.3V to +5.0V
    ️· Data Rate: Up to 250 kbps
    ️· Drivers/Receivers: 5 drivers, 3 receivers
    ️· Low Power: 1µA supply current in shutdown mode
    ️· External Capacitors: Requires 0.1µF capacitors (for 3.3V operation)
    ️· Logic Input: Accepts 5.0V logic with a 3.3V supply
    ️· Always-Active Receiver: One receiver remains active during shutdown for monitoring.
    ️· ESD Protection: Exceeds ±8KV ESD protection (HBM) for RS-232 I/O pins.

    ## Pin Descriptions (Key Pins)
    ️· VCC: +3.3V to +5.0V Supply Voltage
    ️· GND: Ground
    ️· TXIN: TTL/CMOS Transmitter Inputs
    ️· TXOUT: RS-232 Transmitter Outputs
    ️· RXIN: RS-232 Receiver Inputs
    ️· RXOUT: TTL/CMOS Receiver Outputs
    ️· FORCEON: Override to keep transmitters on.
    ️· FORCEOFF: Shut down transmitters and power supply.
    ️· INVALID: Indicates valid signal level on receiver inputs.
    ️· R1OUTB: Always-active non-inverting receiver output.

    ## Shutdown Function
    ️· Enters shutdown mode when no valid RS-232 signal is detected, reducing current consumption to 1µA.
    ️· Can be forced into shutdown via the FORCEOFF pin.
    ️· Automatic restart when a valid signal is present.

    ## Ordering Information
    ️· UT3238G-P28-R: TSSOP-28 package, Tape Reel

    ## Absolute Maximum Ratings
    ️· VCC: 6.0V
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C

    ## Electrical Characteristics (Typical)
    ️· Shutdown Current: 1µA
    ️· Supply Current: 0.5-2.0 mA
    ️· Data Rate: 250 kbps

    Part No.UT3238
    ManufacturerUTC
    Size203 Kbytes
    Pages10 pages
    DescriptionLINE DRIVERS/RECEIVERS