| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ETA6003 Datasheet
# Example questions:
➢ What happens when the system load current exceeds the internal current limit of the dc-dc regulator?
➢ How does the eta6003 determine the charging current – using iset1 or iset2?
➢ What is the maximum charging current this device can deliver?
# ETA6003: 2.5A, 3MHz Switching Charger with Dynamic Power Path Management
## Description
️· Switching Li-Ion battery charger with dynamic power-path control and input current limiting.
️· Regulates system voltage (VSYS) or pre-conditions/fast-charges battery based on battery voltage.
️· No external sense resistor required for current sensing.
️· Charging current programmable via ISET1/ISET2 pins, determined by USB_DET status.
️· Disconnects SYS to BATT when battery reaches 4.2V termination voltage.
️· Dynamic power path activates to supplement system load from battery when SYS load exceeds DCDC regulator's current limit.
## Features
️· Up to 95% DC-DC efficiency
️· 50mΩ Power Path MOSFET
️· Up to 2.5A max charging current
️· Instant-on functionality with dead or absent battery
️· No battery detection required
️· Programmable USB and AC IN charging current
## Applications
️· Tablets & MIDs
️· Smartphones
️· Power Banks
## Ordering Information
| PART | PACKAGE | PIN | TOP MARK |
|---|---|---|---|
| ETA6003Q3Q | QFN3X3-16 | | ETA6003 - Product Number <br>YWWPL - Date Code |
# ETA6003: 2.5A, 3MHz Switching Charger with Dynamic Power Path Management
## Description
️· Switching Li-Ion battery charger with dynamic power-path control and input current limiting.
️· Regulates system voltage (VSYS) or pre-conditions/fast-charges battery based on battery voltage.
️· No external sense resistor required for current sensing.
️· Charging current programmable via ISET1/ISET2 pins, determined by USB_DET status.
️· Disconnects SYS to BATT when battery reaches 4.2V termination voltage.
️· Dynamic power path activates to supplement system load from battery when SYS load exceeds DCDC regulator's current limit.
## Features
️· Up to 95% DC-DC efficiency
️· 50mΩ Power Path MOSFET
️· Up to 2.5A max charging current
️· Instant-on functionality with dead or absent battery
️· No battery detection required
️· Programmable USB and AC IN charging current
## Applications
️· Tablets & MIDs
️· Smartphones
️· Power Banks
## Ordering Information
| PART | PACKAGE | PIN | TOP MARK |
|---|---|---|---|
| ETA6003Q3Q | QFN3X3-16 | ETA6003 - Product Number <br>YWWPL - Date Code |
| Part No. | ETA6003 |
| Manufacturer | ETA |
| Size | 187 Kbytes |
| Pages | 1 page |
| Description | 2.5A, 3MHz Switching Charger with Dynamic Power Path Management |