전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3.0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USB3.0 Datasheet

  • # Example questions: ➢ What are the certified safety and compliance standards for this usb 0 hybrid active optical cable?
    ➢ How does the amount of current supplied to the device side change depending on the cable length?
    ➢ What is the maximum data transfer rate supported by this usb 0 hybrid active optical cable?

  • Part No.USB3.0
    ManufacturerVIA
    Size238 Kbytes
    Pages1 page
    DescriptionActive Optical Cables
    Datasheet Summary with AI

    # USB 3.0 Hybrid AOC

    ## Features
    · Data Transfer Rate: Up to 5Gbps (USB 3.0 SuperSpeed)
    · Compatibility: USB 1.0/1.1/2.0 and USB 3.0
    · Transmission Distance: >50m
    · Power: USB Bus powered, no external adapter needed
    - Host Side: 5V/900mA (10m/20m/30m), 5V/600mA (50m)
    · Resistance: High EMI and ESD resistance
    · Plug and Play

    ## Specifications
    · Model Name: USB 3.0 Hybrid Active Optical Cable (AOC)
    · Connectors:
    - Host Side: USB 3.0 male (with locking screws)
    - Device Side: USB 3.0 female (with locking threads)
    · Cable Diameter: 3mm (0.12")
    · Operating Temperature: 0°C ~ 55°C
    · Storage Temperature: -20°C ~ 80°C
    · Mechanical Construction: Silver metal housing

    · Certifications: CE, FCC
    · Bend Radius (Dynamic/Static): 60mm/30mm
    · Tensile Strength (Long Term/Short Term): 100N/200N
    · Crush Resistance (Long Term/Short Term): 200N/400N

    ## Dimensions
    · Host Side: 27mm(W) x 13mm(H) x 44mm(D)
    · Device Side: 26mm(W) x 14.5mm(H) x 82mm(D)

    ## Ordering Information
    · 99G33-10093L: 10M USB 3.0 Hybrid AOC
    · 99G33-10094L: 20M USB 3.0 Hybrid AOC
    · 99G33-10095L: 30M USB 3.0 Hybrid AOC
    · 99G33-10096L: 50M USB 3.0 Hybrid AOC

    ## Note
    · Specifications subject to change. (Updated Sept. 26, 2017)
    · Website: [www.viatech.com](http://www.viatech.com/)

    # USB 3.0 Hybrid AOC

    ## Features
    · Data Transfer Rate: Up to 5Gbps (USB 3.0 SuperSpeed)
    · Compatibility: USB 1.0/1.1/2.0 and USB 3.0
    · Transmission Distance: >50m
    · Power: USB Bus powered, no external adapter needed
    - Host Side: 5V/900mA (10m/20m/30m), 5V/600mA (50m)
    · Resistance: High EMI and ESD resistance
    · Plug and Play

    ## Specifications
    · Model Name: USB 3.0 Hybrid Active Optical Cable (AOC)
    · Connectors:
    - Host Side: USB 3.0 male (with locking screws)
    - Device Side: USB 3.0 female (with locking threads)
    · Cable Diameter: 3mm (0.12")
    · Operating Temperature: 0°C ~ 55°C
    · Storage Temperature: -20°C ~ 80°C
    · Mechanical Construction: Silver metal housing
    · Certifications: CE, FCC
    · Bend Radius (Dynamic/Static): 60mm/30mm
    · Tensile Strength (Long Term/Short Term): 100N/200N
    · Crush Resistance (Long Term/Short Term): 200N/400N

    ## Dimensions
    · Host Side: 27mm(W) x 13mm(H) x 44mm(D)
    · Device Side: 26mm(W) x 14.5mm(H) x 82mm(D)

    ## Ordering Information
    · 99G33-10093L: 10M USB 3.0 Hybrid AOC
    · 99G33-10094L: 20M USB 3.0 Hybrid AOC
    · 99G33-10095L: 30M USB 3.0 Hybrid AOC
    · 99G33-10096L: 50M USB 3.0 Hybrid AOC

    ## Note
    · Specifications subject to change. (Updated Sept. 26, 2017)
    · Website: [www.viatech.com](http://www.viatech.com/)

    Part No.USB3.0
    ManufacturerVIA
    Size238 Kbytes
    Pages1 page
    DescriptionActive Optical Cables