전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25Q16CEFG
MfrGIGADEVICE
Size1Mb
Pages68 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview (Implied - From Context)

️· Type: Serial Flash Memory (likely SPI interface)
️· Functionality: Designed for data storage in embedded systems.
️· Key Features: Supports Quad operation (faster data transfer), software and hardware protection mechanisms for data security.

2. Status Register (Key Focus - S15-S0)

️· Location: The status register controls and monitors device operation.
️· Access: Modified via the `Write Status Register (WRSR)` command.
️· Bits & Functionality (Detailed below):

3. Detailed Breakdown of Status Register Bits (Most Important)

Bit Name Description Non-Volatile? Default Value Notes
S15 SUS Erase/Program Suspend flag. Set by Erase/Program Suspend (75H), cleared by Erase/Program Resume (7AH) or power cycle. No 0
S14 CMP Chip Erase Mode Select. Works with Block Protect bits to determine protection areas. Yes 0
S13 HPF High Performance Flag. Indicates the status of High Performance Mode. Read-only. No 0
S12-S11 Reserved Not used; should be written as '0' No 0
S10 LB Security Register Unlock. OTP (One Time Programmable). Set to 1 to lock security registers. Yes 0
S9 QE Quad Enable. Enables Quad operation. Set to 1 to enable Quad IO2/IO3 pins. Set to 0 for WP#/HOLD# pin enable. Yes 0
S8 SRP1 Status Register Protection Bit 1. Works with SRP0 and #WP to control write protection (see table below). Yes 0
S7 SRP0 Status Register Protection Bit 0. Works with SRP1 and #WP to control write protection (see table below). Yes 0
S6 BP4 Block Protect Bit 4. Used to define software-protected memory areas. Yes 0
S5 BP3 Block Protect Bit 3. Used to define software-protected memory areas. Yes 0
S4 BP2 Block Protect Bit 2. Used to define software-protected memory areas. Yes 0
S3 BP1 Block Protect Bit 1. Used to define software-protected memory areas. Yes 0
S2 BP0 Block Protect Bit 0. Used to define software-protected memory areas. Yes 0
S1 WEL Write Enable Latch. Must be '1' to write status register, program, or erase. Yes 0
S0 WIP Write In Progress. '1' indicates a write operation is in progress. '0' indicates no operation in progress. No 0

4. Status Register Protection (SRP1 & SRP0 - Key for Data Security)

The `SRP1` and `SRP0` bits, combined with the `#WP` (hardware write protect) pin, control how the status register can be written.

SRP1 SRP0 #WP Status Register Control
0 0 X Software Protected (Normal Operation)
0 1 0 Hardware Protected (Status Register Locked)
0 1 1 Hardware Unprotected
1 0 X Power Supply Lock-Down (Requires Power Cycle to Reset)
1 1 X One Time Programmable (Requires Special Order, Permanent Lock)

5. Block Protection (BP4-BP0)

️· These bits define areas of memory that are protected against programming and erasing.
️· They work in conjunction with the `CMP` bit to define specific protected regions. Refer to the datasheet table for details on the protected area based on BP4-BP0 and CMP.

6. Quad Enable (QE)

️· Enables Quad SPI mode for faster read/write operations.
️· When disabled (QE=0), the WP# and HOLD# pins are active.
️· When enabled (QE=1), Quad IO2 and IO3 are enabled, and WP#/HOLD# functionality is changed.



In essence, this datasheet extract describes a robust flash memory device with multiple layers of protection to ensure data integrity. The status register configuration is complex, but understanding its bits and the associated protection mechanisms is crucial for proper device usage and security.
GD25Q16CEFG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25Q16CEFG Datasheet.
    Example questions: ➤ What are the primary functions of the srp0 and srp1 bits in the status register, and how do they influence write protection?➤ Describe the purpose of the wip (write in progress) bit and how it can be used to determine the status of a program or erase operation.➤ Explain the difference between setting the qe bit to 0 versus 1, and what implications does this have for pin functionality?
  • Datasheet Details
    Part No.GD25Q16CEFG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages68 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview (Implied - From Context)

    ️· Type: Serial Flash Memory (likely SPI interface)
    ️· Functionality: Designed for data storage in embedded systems.
    ️· Key Features: Supports Quad operation (faster data transfer), software and hardware protection mechanisms for data security.

    2. Status Register (Key Focus - S15-S0)

    ️· Location: The status register controls and monitors device operation.
    ️· Access: Modified via the `Write Status Register (WRSR)` command.
    ️· Bits & Functionality (Detailed below):

    3. Detailed Breakdown of Status Register Bits (Most Important)

    Bit Name Description Non-Volatile? Default Value Notes
    S15 SUS Erase/Program Suspend flag. Set by Erase/Program Suspend (75H), cleared by Erase/Program Resume (7AH) or power cycle. No 0
    S14 CMP Chip Erase Mode Select. Works with Block Protect bits to determine protection areas. Yes 0
    S13 HPF High Performance Flag. Indicates the status of High Performance Mode. Read-only. No 0
    S12-S11 Reserved Not used; should be written as '0' No 0
    S10 LB Security Register Unlock. OTP (One Time Programmable). Set to 1 to lock security registers. Yes 0
    S9 QE Quad Enable. Enables Quad operation. Set to 1 to enable Quad IO2/IO3 pins. Set to 0 for WP#/HOLD# pin enable. Yes 0
    S8 SRP1 Status Register Protection Bit 1. Works with SRP0 and #WP to control write protection (see table below). Yes 0
    S7 SRP0 Status Register Protection Bit 0. Works with SRP1 and #WP to control write protection (see table below). Yes 0
    S6 BP4 Block Protect Bit 4. Used to define software-protected memory areas. Yes 0
    S5 BP3 Block Protect Bit 3. Used to define software-protected memory areas. Yes 0
    S4 BP2 Block Protect Bit 2. Used to define software-protected memory areas. Yes 0
    S3 BP1 Block Protect Bit 1. Used to define software-protected memory areas. Yes 0
    S2 BP0 Block Protect Bit 0. Used to define software-protected memory areas. Yes 0
    S1 WEL Write Enable Latch. Must be '1' to write status register, program, or erase. Yes 0
    S0 WIP Write In Progress. '1' indicates a write operation is in progress. '0' indicates no operation in progress. No 0

    4. Status Register Protection (SRP1 & SRP0 - Key for Data Security)

    The `SRP1` and `SRP0` bits, combined with the `#WP` (hardware write protect) pin, control how the status register can be written.

    SRP1 SRP0 #WP Status Register Control
    0 0 X Software Protected (Normal Operation)
    0 1 0 Hardware Protected (Status Register Locked)
    0 1 1 Hardware Unprotected
    1 0 X Power Supply Lock-Down (Requires Power Cycle to Reset)
    1 1 X One Time Programmable (Requires Special Order, Permanent Lock)

    5. Block Protection (BP4-BP0)

    ️· These bits define areas of memory that are protected against programming and erasing.
    ️· They work in conjunction with the `CMP` bit to define specific protected regions. Refer to the datasheet table for details on the protected area based on BP4-BP0 and CMP.

    6. Quad Enable (QE)

    ️· Enables Quad SPI mode for faster read/write operations.
    ️· When disabled (QE=0), the WP# and HOLD# pins are active.
    ️· When enabled (QE=1), Quad IO2 and IO3 are enabled, and WP#/HOLD# functionality is changed.



    In essence, this datasheet extract describes a robust flash memory device with multiple layers of protection to ensure data integrity. The status register configuration is complex, but understanding its bits and the associated protection mechanisms is crucial for proper device usage and security.