| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AOM-6746L-R Datasheet
# Example questions:
➢ How does the sensitivity value of -46 db relate to the microphone's ability to detect quiet sounds?
➢ What is the minimum signal to noise ratio, in decibels, that this microphone provides?
➢ What is the maximum permissible deviation in angle, as specified in the document?
# AOM-6746L-R Microphone
## Specifications
· Directivity: Omni
· Sensitivity: -46 ± 3 dB
· Standard Operating Voltage: 1.5 Vdc
· Max Operating Voltage: 10 Vdc
· Current Consumption (Max): 0.5 mA
· Impedance: 2.2 kOhm
· Signal to Noise Ratio (Min.): 60 dB
· Terminal: Solder Pads
· Internal Capacitor: N/A pF
## Revision History
· Released From Engineering: 1/30/2006
· Added Terminal Polarity: 1/30/2007 (Approved by R.W.)
· Revised to Inventor 3-D Drawing Template: 6/6/2013 (Approved by B.R.)
## Notes
· Dimensions are in millimeters, tolerances are ±0.5 and angles are ±3°.
· RoHS 2011/65/EU compliant.
· Specifications subject to change or withdrawal without notice.
# AOM-6746L-R Microphone
## Specifications
· Directivity: Omni
· Sensitivity: -46 ± 3 dB
· Standard Operating Voltage: 1.5 Vdc
· Max Operating Voltage: 10 Vdc
· Current Consumption (Max): 0.5 mA
· Impedance: 2.2 kOhm
· Signal to Noise Ratio (Min.): 60 dB
· Terminal: Solder Pads
· Internal Capacitor: N/A pF
## Revision History
· Released From Engineering: 1/30/2006
· Added Terminal Polarity: 1/30/2007 (Approved by R.W.)
· Revised to Inventor 3-D Drawing Template: 6/6/2013 (Approved by B.R.)
## Notes
· Dimensions are in millimeters, tolerances are ±0.5 and angles are ±3°.
· RoHS 2011/65/EU compliant.
· Specifications subject to change or withdrawal without notice.
| Part No. | AOM-6746L-R |
| Manufacturer | PUIAUDIO |
| Size | 2Mb |
| Pages | 1 page |
| Description | ALL DIMENSIONS ARE IN MILLIMETERS |