전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

POM-2244L-C33-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about POM-2244L-C33-R Datasheet

  • # Example questions: ➢ Within what temperature range is this microphone guaranteed to function according to the testing performed?
    ➢ What is the overall diameter and height of this microphone?
    ➢ What is the minimum signal-to-noise ratio guaranteed for this microphone?

  • Part No.POM-2244L-C33-R
    ManufacturerPUIAUDIO
    Size909 Kbytes
    Pages3 pages
    Description6mm overall diameter and 2.2mm height
    Datasheet Summary with AI

    # POM-2244L-C33-R Omni-Directional Microphone

    ## Product Overview
    ️· Dimensions: 6mm diameter, 2.2mm height
    ️· Sensitivity: -44 ± 2 dB
    ️· Operating Voltage: 2 to 10 VDC
    ️· Impedance: 2.2 kOhm
    ️· Signal-to-Noise Ratio: ≥ 60 dB
    ️· Directivity: Omni-directional
    ️· Internal Capacitor: 33 pF (filters GSM TDMA noise)

    ## Specifications
    ️· Current Consumption (Max): 0.2 mA
    ️· Frequency Response: 2 to 10,000 Hz

    ## Mechanical & Environmental Testing
    ️· High Temperature: 70°C with random humidity for 200 hours
    ️· Low Temperature: -40°C with random humidity for 200 hours
    ️· Humidity: 40°C with 90% relative humidity for 200 hours
    ️· Vibration: 3 mm movement for 3 minutes (3 axes)

    ️· Drop Test: 70cm onto 20mm board (2 directions)
    ️· Temperature Cycle: -10°C to 50°C (5 cycles)

    ## Revision History
    ️· 10/31/2005: Released from Engineering
    ️· 09/25/2006: Revised Current Consumption
    ️· 09/27/2010: Revised to Inventor 3-D drawing template

    ## Notes
    ️· RoHS 2002/95/EC Compliant
    ️· Specifications subject to change without notice.
    ️· Dimensions are in millimeters, tolerances ±0.5, angles ±3°.

    # POM-2244L-C33-R Omni-Directional Microphone

    ## Product Overview
    ️· Dimensions: 6mm diameter, 2.2mm height
    ️· Sensitivity: -44 ± 2 dB
    ️· Operating Voltage: 2 to 10 VDC
    ️· Impedance: 2.2 kOhm
    ️· Signal-to-Noise Ratio: ≥ 60 dB
    ️· Directivity: Omni-directional
    ️· Internal Capacitor: 33 pF (filters GSM TDMA noise)

    ## Specifications
    ️· Current Consumption (Max): 0.2 mA
    ️· Frequency Response: 2 to 10,000 Hz

    ## Mechanical & Environmental Testing
    ️· High Temperature: 70°C with random humidity for 200 hours
    ️· Low Temperature: -40°C with random humidity for 200 hours
    ️· Humidity: 40°C with 90% relative humidity for 200 hours
    ️· Vibration: 3 mm movement for 3 minutes (3 axes)
    ️· Drop Test: 70cm onto 20mm board (2 directions)
    ️· Temperature Cycle: -10°C to 50°C (5 cycles)

    ## Revision History
    ️· 10/31/2005: Released from Engineering
    ️· 09/25/2006: Revised Current Consumption
    ️· 09/27/2010: Revised to Inventor 3-D drawing template

    ## Notes
    ️· RoHS 2002/95/EC Compliant
    ️· Specifications subject to change without notice.
    ️· Dimensions are in millimeters, tolerances ±0.5, angles ±3°.

    Part No.POM-2244L-C33-R
    ManufacturerPUIAUDIO
    Size909 Kbytes
    Pages3 pages
    Description6mm overall diameter and 2.2mm height