전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38BOS6-0-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 38BOS6-0-R Datasheet

  • # Example questions: ➢ How much torque should be applied when tightening the m5 screw terminals for the output connection?
    ➢ What is the minimum switching load required for the output contacts to operate reliably?
    ➢ What is the acceptable ripple voltage for the 24v dc power input to ensure proper operation of the card?

  • Part No.38BOS6-0-R
    ManufacturerMSYSTEM
    Size56 Kbytes
    Pages2 pages
    DescriptionOUTPUT RELAY CARD
    Datasheet Summary with AI

    # 38BOS6 DCS Input/Output Relay Card Series

    ## Model & Ordering Information

    ️· Model Number: 38BOS6
    ️· Suffix Code Selection: 38BOS6–❑–R
    - Test Switch: 0 (Without), 1 (With AUTO position)
    - Power Input: R (24V DC)
    ️· Ordering: Specify code number (e.g., 38BOS6-1-R)
    ️· Related Products: Standard Rack (model: 38B ❑)

    ## General Specifications

    ️· Construction: Rack mounted, with front screw terminals and rear connector access.
    ️· Connections:
    - Input: Connector
    - Output: M3.5 screw terminals (nickel-plated steel, 0.8 N·m torque)
    - Power Input: Supplied from connector
    ️· Isolation: Input or power isolated from output.

    ## Input & Output Characteristics

    ️· Input: Status output from a controller
    - 24V DC @30mA min.
    - ON resistance: ≤200Ω
    - OFF resistance: ≥100kΩ
    ️· Output: Dry contact
    - Rating: 250V AC @3A (cosø=1) or 30V DC @3A (resistive load)
    - Minimum switching load: 5V DC @10mA
    ️· Relay Life:
    - Mechanical: 5 × 10⁷ cycles
    - Electrical: 10⁵ cycles
    ️· Relay Protection: External protection recommended for inductive loads.

    ## Installation & Performance

    ️· Power Input: 24V DC ±10%, approx. 60mA (ripple 10% p-p max.)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Standard Rack 38B ❑
    ️· Dimensions: W24×H110×D110 mm (0.94"×4.33"×4.33")
    ️· Weight: 150 g (0.33 lbs)
    ️· Insulation Resistance: ≥100MΩ with 500V DC
    ️· Dielectric Strength: 1500V AC @1 minute (input/power to output to ground)

    ## Front View & Jumpers

    ️· Test Switch (Test SW): 0 (Without), 1 (With AUTO position)
    ️· LED Indicators: Indicate relay status (ON/OFF) for Channels 1 & 2
    ️· Jumpers: Factory set to position A – C. Affects input/output configurations.

    ## Schematic Circuitry & Connection Diagram

    ️· Includes diagrams illustrating jumper positions (JP11, JP12, JP21, JP22) and connector layout (X1, X2).
    ️· Visual representations of input/output relationships.

    # 38BOS6 DCS Input/Output Relay Card Series

    ## Model & Ordering Information

    ️· Model Number: 38BOS6
    ️· Suffix Code Selection: 38BOS6–❑–R
    - Test Switch: 0 (Without), 1 (With AUTO position)
    - Power Input: R (24V DC)
    ️· Ordering: Specify code number (e.g., 38BOS6-1-R)
    ️· Related Products: Standard Rack (model: 38B ❑)

    ## General Specifications

    ️· Construction: Rack mounted, with front screw terminals and rear connector access.
    ️· Connections:
    - Input: Connector
    - Output: M3.5 screw terminals (nickel-plated steel, 0.8 N·m torque)
    - Power Input: Supplied from connector
    ️· Isolation: Input or power isolated from output.

    ## Input & Output Characteristics

    ️· Input: Status output from a controller
    - 24V DC @30mA min.
    - ON resistance: ≤200Ω
    - OFF resistance: ≥100kΩ
    ️· Output: Dry contact
    - Rating: 250V AC @3A (cosø=1) or 30V DC @3A (resistive load)
    - Minimum switching load: 5V DC @10mA
    ️· Relay Life:
    - Mechanical: 5 × 10⁷ cycles
    - Electrical: 10⁵ cycles
    ️· Relay Protection: External protection recommended for inductive loads.

    ## Installation & Performance

    ️· Power Input: 24V DC ±10%, approx. 60mA (ripple 10% p-p max.)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Mounting: Standard Rack 38B ❑
    ️· Dimensions: W24×H110×D110 mm (0.94"×4.33"×4.33")
    ️· Weight: 150 g (0.33 lbs)
    ️· Insulation Resistance: ≥100MΩ with 500V DC
    ️· Dielectric Strength: 1500V AC @1 minute (input/power to output to ground)

    ## Front View & Jumpers

    ️· Test Switch (Test SW): 0 (Without), 1 (With AUTO position)
    ️· LED Indicators: Indicate relay status (ON/OFF) for Channels 1 & 2
    ️· Jumpers: Factory set to position A – C. Affects input/output configurations.

    ## Schematic Circuitry & Connection Diagram

    ️· Includes diagrams illustrating jumper positions (JP11, JP12, JP21, JP22) and connector layout (X1, X2).
    ️· Visual representations of input/output relationships.

    Part No.38BOS6-0-R
    ManufacturerMSYSTEM
    Size56 Kbytes
    Pages2 pages
    DescriptionOUTPUT RELAY CARD