전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVP-A-R/A15 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HVP-A-R/A15 Datasheet

  • # Example questions: ➢ What input voltage ranges are supported by the hvp model, and what is the minimum input resistance for voltage input?
    ➢ What is the operational temperature range for the hvp, and what type of mounting is supported for this device?
    ➢ If the input loop is open, what will happen to the output signal, and what are the maximum air delivery and exhaust rates?

  • Part No.HVP-A-R/A15
    ManufacturerMSYSTEM
    Size111 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners H-UNIT
    Datasheet Summary with AI

    # HVP I/P TRANSDUCER

    ## Ordering Information

    · Model Code: HVP-[1]-R[2]
    · [1] Input:
    - A: 4 – 20 mA DC (Input resistance 250 Ω)
    - 6: 1 – 5 V DC (Input resistance 1 MΩ min.)
    · [2] Options:
    - Output: Various pressure ranges (e.g., 0.2 – 1.0 kgf/cm2, 20 – 100 kPa, 3 – 15 psig)
    - Pneumatic Connection: Rc 1/4" or 1/4" NPT fitting

    ## General Specifications

    · Construction: Plug-in
    · Connections: M3.5 screw terminals (torque 0.8 N·m) for input/power; Rc 1/4" or 1/4" NPT (torque ≤ 12 N·m) for pneumatic.
    · Material: Flame-resistant resin (housing), die cast aluminium (base socket & valve section).

    ## Input & Output Specifications

    · Input:
    - DC Current: Shunt resistor attached (0.5 W)
    · Output: Various pressure ranges; output falls below 0% if input loop is open.
    - Max. air delivery/exhaust: 60 Nl/minute (2.1 SCFM)

    ## Installation & Environmental Conditions

    · Supply Pressure: 140 kPa (±10%) - use dry, filtered air.
    · Air Consumption: 6 Nl/minute (0.21 SCFM)
    · Current Consumption: Approx. 30 mA
    · Operating Temperature: -5 to +55°C (23 to 131°F)
    · Operating Humidity: 30 to 90 %RH (non-condensing)
    · Mounting: Surface or Standard Rack Mounting Frame (BX-16H)
    · Weight: 400 g (0.88 lb)

    ## Performance

    · Accuracy: ±0.3 %
    · Linearity: ±0.2 %
    · Repeatability: 0.1 %
    · Temp. Coefficient: ±0.05 %/°C
    · Response Time: ≤ 3 sec.
    · Insulation Resistance: ≥ 100 MΩ
    · Dielectric Strength: 500 V AC / 1500 V AC

    ## External Dimensions

    # HVP I/P TRANSDUCER

    ## Ordering Information

    · Model Code: HVP-[1]-R[2]
    · [1] Input:
    - A: 4 – 20 mA DC (Input resistance 250 Ω)
    - 6: 1 – 5 V DC (Input resistance 1 MΩ min.)
    · [2] Options:
    - Output: Various pressure ranges (e.g., 0.2 – 1.0 kgf/cm2, 20 – 100 kPa, 3 – 15 psig)
    - Pneumatic Connection: Rc 1/4" or 1/4" NPT fitting

    ## General Specifications

    · Construction: Plug-in
    · Connections: M3.5 screw terminals (torque 0.8 N·m) for input/power; Rc 1/4" or 1/4" NPT (torque ≤ 12 N·m) for pneumatic.
    · Material: Flame-resistant resin (housing), die cast aluminium (base socket & valve section).

    ## Input & Output Specifications

    · Input:
    - DC Current: Shunt resistor attached (0.5 W)
    · Output: Various pressure ranges; output falls below 0% if input loop is open.
    - Max. air delivery/exhaust: 60 Nl/minute (2.1 SCFM)

    ## Installation & Environmental Conditions

    · Supply Pressure: 140 kPa (±10%) - use dry, filtered air.
    · Air Consumption: 6 Nl/minute (0.21 SCFM)
    · Current Consumption: Approx. 30 mA
    · Operating Temperature: -5 to +55°C (23 to 131°F)
    · Operating Humidity: 30 to 90 %RH (non-condensing)
    · Mounting: Surface or Standard Rack Mounting Frame (BX-16H)
    · Weight: 400 g (0.88 lb)

    ## Performance

    · Accuracy: ±0.3 %
    · Linearity: ±0.2 %
    · Repeatability: 0.1 %
    · Temp. Coefficient: ±0.05 %/°C
    · Response Time: ≤ 3 sec.
    · Insulation Resistance: ≥ 100 MΩ
    · Dielectric Strength: 500 V AC / 1500 V AC

    ## External Dimensions

    Part No.HVP-A-R/A15
    ManufacturerMSYSTEM
    Size111 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners H-UNIT