전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVS-BB-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HVS-BB-R Datasheet

  • # Example questions: ➢ What is the maximum input voltage range supported by the hvs signal conditioner?
    ➢ If a current input signal of 4-20ma is used, what is the maximum load resistance that can be connected?
    ➢ What options are available for coating the hvs unit, and where can more detailed information about those coatings be found?

  • Part No.HVS-BB-R
    ManufacturerMSYSTEM
    Size110 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners H-UNIT
    Datasheet Summary with AI

    1. Overview

    ️· Product: HVS Signal Conditioner (part of a modular system, likely for panel mounting)
    ️· Manufacturer: M-System
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Ordering Information & Model Number

    ️· Model Number Format: `HVS-[1][2]-R[3]`
    - `[1]` = Input type/range (Current or Voltage)
    - `[2]` = Output type/range (Current or Voltage)
    - `R[3]` = Power Supply type/Options (e.g., R/K/Q)
    ️· Special Ranges: Can specify custom input/output ranges using codes "Z" (input) and "0" (output).
    ️· Option Codes: `/Q` for specific options like coating and terminal material.

    3. Input Options ([1])

    Current Inputs:

    ️· A: 4 – 20 mA DC (250 Ω)
    ️· A1: 4 – 20 mA DC (50 Ω)
    ️· B: 2 – 10 mA DC (500 Ω)
    ️· C: 1 – 5 mA DC (1000 Ω)
    ️· D: 0 – 20 mA DC (50 Ω)
    ️· E: 0 – 16 mA DC (62.5 Ω)
    ️· F: 0 – 10 mA DC (100 Ω)
    ️· G: 0 – 1 mA DC (1000 Ω)
    ️· H: 10 – 50 mA DC (100 Ω)
    ️· J: 0 – 10 μA DC (1000 Ω)
    ️· K: 0 – 100 μA DC (1000 Ω)
    ️· GW: -1 – +1 mA DC (1000 Ω)
    ️· FW: -10 – +10 mA DC (100 Ω)
    ️· Z: Specify custom current range.

    Voltage Inputs:

    ️· 1: 0 – 10 mV DC (10 kΩ)
    ️· Specify custom voltage range.

    4. Output Options ([2])

    ️· A: 4 – 20 mA DC
    ️· B: 2 – 10 mA DC
    ️· C: 1 – 5 mA DC
    ️· D: 0 – 20 mA DC
    ️· E: 0 – 16 mA DC
    ️· F: 0 – 10 mA DC
    ️· G: 0 – 1 mA DC
    ️· H: 10 – 50 mA DC
    ️· J: 0 – 10 μA DC
    ️· K: 0 – 100 μA DC
    ️· GW: -1 – +1 mA DC
    ️· FW: -10 – +10 mA DC
    ️· Z: Specify custom current range.
    ️· 1: 0 – 10 mV DC
    ️· 2: 0 – 100 mV DC
    ️· 3: 0 – 1 V DC
    ️· 4: 0 – 10 V DC
    ️· 5: 0 – 5 V DC
    ️· 6: 1 – 5 V DC
    ️· 4W: -10 – +10 V DC
    ️· 5W: -5 – +5 V DC
    ️· 0: Specify custom voltage range.

    5. Power Supply Options ([3] - R followed by a code)

    ️· `R` indicates a 24V DC power supply (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
    ️· `/K`: Fast response time (Approx. 25 msec.)
    ️· `/Q`: Other options, like coating and terminal material.

    6. General Specifications

    ️· Construction: Plug-in
    ️· Connection: M3.5 screw terminals (torque 0.8 N·m)
    ️· Housing Material: Flame-resistant resin (black)
    ️· Isolation: Input to output to power
    ️· Zero Adjustment: -5 to +5 % (front)
    ️· Span Adjustment: 95 to 105 % (front)
    ️· Current Consumption: Approx. 80 mA
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90 %RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Weight: 200 g (0.44 lb)
    ️· Accuracy: ±0.1 %
    ️· Temp. Coefficient: ±0.015 %/°C
    ️· Line Voltage Effect: ±0.1 %

    7. Diagrams

    ️· External Dimensions: Shows a diagram with dimensions, marked for DIN Rail mounting.
    ️· Terminal Assignments: Shows a diagram indicating terminal designations.
    ️· Schematic Circuitry: Basic schematic showing Input and Output connections.

    8. Input Specifications (Detailed)

    ️· DC Voltage Minimum Span: 3 mV.
    ️· DC Voltage Offset: Maximum 1.5 times span.
    ️· Input Resistance for Voltage Ranges: Specific ranges have required resistances.
    ️· DC Current: Shunt resistor attached to the input terminals (0.5 W).

    1. Overview

    ️· Product: HVS Signal Conditioner (part of a modular system, likely for panel mounting)
    ️· Manufacturer: M-System
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Ordering Information & Model Number

    ️· Model Number Format: `HVS-[1][2]-R[3]`
    - `[1]` = Input type/range (Current or Voltage)
    - `[2]` = Output type/range (Current or Voltage)
    - `R[3]` = Power Supply type/Options (e.g., R/K/Q)
    ️· Special Ranges: Can specify custom input/output ranges using codes "Z" (input) and "0" (output).
    ️· Option Codes: `/Q` for specific options like coating and terminal material.

    3. Input Options ([1])

    Current Inputs:

    ️· A: 4 – 20 mA DC (250 Ω)
    ️· A1: 4 – 20 mA DC (50 Ω)
    ️· B: 2 – 10 mA DC (500 Ω)
    ️· C: 1 – 5 mA DC (1000 Ω)
    ️· D: 0 – 20 mA DC (50 Ω)
    ️· E: 0 – 16 mA DC (62.5 Ω)
    ️· F: 0 – 10 mA DC (100 Ω)
    ️· G: 0 – 1 mA DC (1000 Ω)
    ️· H: 10 – 50 mA DC (100 Ω)
    ️· J: 0 – 10 μA DC (1000 Ω)
    ️· K: 0 – 100 μA DC (1000 Ω)
    ️· GW: -1 – +1 mA DC (1000 Ω)
    ️· FW: -10 – +10 mA DC (100 Ω)
    ️· Z: Specify custom current range.

    Voltage Inputs:

    ️· 1: 0 – 10 mV DC (10 kΩ)
    ️· Specify custom voltage range.

    4. Output Options ([2])

    ️· A: 4 – 20 mA DC
    ️· B: 2 – 10 mA DC
    ️· C: 1 – 5 mA DC
    ️· D: 0 – 20 mA DC
    ️· E: 0 – 16 mA DC
    ️· F: 0 – 10 mA DC
    ️· G: 0 – 1 mA DC
    ️· H: 10 – 50 mA DC
    ️· J: 0 – 10 μA DC
    ️· K: 0 – 100 μA DC
    ️· GW: -1 – +1 mA DC
    ️· FW: -10 – +10 mA DC
    ️· Z: Specify custom current range.
    ️· 1: 0 – 10 mV DC
    ️· 2: 0 – 100 mV DC
    ️· 3: 0 – 1 V DC
    ️· 4: 0 – 10 V DC
    ️· 5: 0 – 5 V DC
    ️· 6: 1 – 5 V DC
    ️· 4W: -10 – +10 V DC
    ️· 5W: -5 – +5 V DC
    ️· 0: Specify custom voltage range.

    5. Power Supply Options ([3] - R followed by a code)

    ️· `R` indicates a 24V DC power supply (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
    ️· `/K`: Fast response time (Approx. 25 msec.)
    ️· `/Q`: Other options, like coating and terminal material.

    6. General Specifications

    ️· Construction: Plug-in
    ️· Connection: M3.5 screw terminals (torque 0.8 N·m)
    ️· Housing Material: Flame-resistant resin (black)
    ️· Isolation: Input to output to power
    ️· Zero Adjustment: -5 to +5 % (front)
    ️· Span Adjustment: 95 to 105 % (front)
    ️· Current Consumption: Approx. 80 mA
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90 %RH (non-condensing)
    ️· Mounting: Surface or DIN rail
    ️· Weight: 200 g (0.44 lb)
    ️· Accuracy: ±0.1 %
    ️· Temp. Coefficient: ±0.015 %/°C
    ️· Line Voltage Effect: ±0.1 %

    7. Diagrams

    ️· External Dimensions: Shows a diagram with dimensions, marked for DIN Rail mounting.
    ️· Terminal Assignments: Shows a diagram indicating terminal designations.
    ️· Schematic Circuitry: Basic schematic showing Input and Output connections.

    8. Input Specifications (Detailed)

    ️· DC Voltage Minimum Span: 3 mV.
    ️· DC Voltage Offset: Maximum 1.5 times span.
    ️· Input Resistance for Voltage Ranges: Specific ranges have required resistances.
    ️· DC Current: Shunt resistor attached to the input terminals (0.5 W).

    Part No.HVS-BB-R
    ManufacturerMSYSTEM
    Size110 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners H-UNIT