| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about JRQ2-4G-S/Q Datasheet
# Example questions:
➢ The text mentions 'no extra space is needed between units' during mounting. what is the implication of this statement for the jrq2 units?
➢ What are terminals 3 and 15 internally connected to?
➢ What type of input can the jrq2 accept for signal transmission?
Okay, I've analyzed the provided text. This appears to be a technical specification sheet for a JRQ2 model (likely a motor controller or similar device) from M-System. Here's a breakdown of the key elements and a summarized explanation:
1. General Information:
️· Model: JRQ2
️· Document: JRQ2 SPECIFICATIONS ES-1576 Rev.8
️· Page Numbers: Pages 4/5 and 5/5 (The entire document seems to be a few pages long)
️· Website: http://www.m-system.co.jp/ (Manufacturer's website)
2. Key Sections & Explanations:
️· Mounting Instructions: "When mounting, no extra space is needed between units." This suggests that multiple JRQ2 units can be placed adjacent to each other without gaps.
️· Circuitry & Connection Diagram:
- The main focus is "OPEN COLLECTOR or VOLTAGE PULSE INPUT" - This indicates the type of input signal the device accepts.
- There are connection diagrams, but without a visual aid, it's difficult to fully understand the specifics.
- Several columns (Col1, Col2, etc.) are present in the diagrams.
- Sections include references to waveform shapes and Input Monitoring.
- RS-422 receivers are mentioned.
️· Important Note: "* Terminals 3 and 15 are internally connected. COM terminals of the rotary encoder and the reset input can be connected to either one." - This highlights a specific internal connection and gives flexibility in how certain inputs are wired.
️· Visual elements: The text is accompanied by diagrams and tables, showing connections and electrical characteristics.
Overall Interpretation:
The JRQ2 is a device designed for integration into a system, likely a motor control or automation application. It accepts specific input signals (open collector or voltage pulse) and has internal connections allowing for flexible wiring. The mounting instructions suggest a modular design. The circuitry diagrams and accompanying text describe how it interacts with other components in a system. The RS-422 mention indicates communication capabilities.
If you can provide more context or specific questions about the JRQ2, I can attempt to provide a more tailored analysis. For example:
* What is the device ultimately used for?
* What are you trying to do with this information?
1. General Information:
️· Model: JRQ2
️· Document: JRQ2 SPECIFICATIONS ES-1576 Rev.8
️· Page Numbers: Pages 4/5 and 5/5 (The entire document seems to be a few pages long)
️· Website: http://www.m-system.co.jp/ (Manufacturer's website)
2. Key Sections & Explanations:
️· Mounting Instructions: "When mounting, no extra space is needed between units." This suggests that multiple JRQ2 units can be placed adjacent to each other without gaps.
️· Circuitry & Connection Diagram:
- The main focus is "OPEN COLLECTOR or VOLTAGE PULSE INPUT" - This indicates the type of input signal the device accepts.
- There are connection diagrams, but without a visual aid, it's difficult to fully understand the specifics.
- Several columns (Col1, Col2, etc.) are present in the diagrams.
- Sections include references to waveform shapes and Input Monitoring.
- RS-422 receivers are mentioned.
️· Important Note: "* Terminals 3 and 15 are internally connected. COM terminals of the rotary encoder and the reset input can be connected to either one." - This highlights a specific internal connection and gives flexibility in how certain inputs are wired.
️· Visual elements: The text is accompanied by diagrams and tables, showing connections and electrical characteristics.
Overall Interpretation:
The JRQ2 is a device designed for integration into a system, likely a motor control or automation application. It accepts specific input signals (open collector or voltage pulse) and has internal connections allowing for flexible wiring. The mounting instructions suggest a modular design. The circuitry diagrams and accompanying text describe how it interacts with other components in a system. The RS-422 mention indicates communication capabilities.
| Part No. | JRQ2-4G-S/Q |
| Manufacturer | MSYSTEM |
| Size | 156 Kbytes |
| Pages | 5 pages |
| Description | Plug-in Signal Conditioners M-UNIT |