전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSP-2E-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KSP-2E-R Datasheet

  • # Example questions: ➢ The document repeatedly warns against connecting devices to the inverter's fm terminal *except* what?
    ➢ What is the operating temperature range for the ksp device?
    ➢ What is the maximum dielectric strength (in volts ac) of the ksp device?

  • Part No.KSP-2E-R
    ManufacturerMSYSTEM
    Size98 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT
    Datasheet Summary with AI

    1. Product Overview: KSP Series Signal Conditioner/Converter

    ️· Function: The KSP series appears to be a signal conditioner/converter designed to interface with inverters (likely frequency inverters or variable frequency drives - VFDs). It converts a signal from the inverter into a usable output.
    ️· Application: Primarily used with inverters to monitor and/or control the inverter’s operation.
    ️· Mounting: Can be surface mounted or DIN rail mounted.

    2. Technical Specifications

    ️· Input: Accepts a "pulse" signal from the inverter. Specifically, it is a "square wave" with a specified voltage and frequency range. (Details of the signal are found in the technical specifications for the input)
    ️· Output: Provides an analog or digital output signal based on the input signal. (Specific output type depends on the model).
    ️· Response Time: Fast response times are a key feature (up to 10 kHz).
    ️· Accuracy: Accuracy is specified as ±0.3% of the span.
    ️· Operating Environment:
    - Temperature: -5 to +55°C (23 to 131°F)
    - Humidity: 30 to 90% relative humidity (non-condensing)
    ️· Dimensions & Weight: Approximately 103 x 123 x 80 mm (4.06 x 4.84 x 3.15 in) and 350 g (0.77 lb).
    ️· Isolation: Provides electrical isolation between the input and output circuits.
    ️· Circuitry: Includes an integration circuit and waveform shaping circuitry.

    3. Key Features & Benefits

    ️· Fast Response: Enables real-time monitoring and control of inverter operations.
    ️· Accuracy: Provides reliable and precise signal conversion.
    ️· Electrical Isolation: Enhances system safety and prevents ground loops.
    ️· Compact Design: Saves valuable panel space.
    ️· Easy Installation: DIN rail or surface mounting options.

    4. Ordering Information & Configuration

    ️· Model Number: The "KSP" series denotes the product family. Specific model numbers are needed to determine exact input/output types and other configuration details.
    ️· Part Number Codes: The manual shows how to decode model numbers to understand their configuration.

    5. Wiring & Connections

    ️· Terminal Identification: A diagram shows the function of each terminal (Power, Input, Output).
    ️· Important Note: Do not connect any devices other than the inverter to the inverter’s frequency modulation (FM) terminal.

    6. Diagram Explanation

    The diagrams visually represent the internal circuitry of the KSP and illustrate the input/output connections.

    1. Product Overview: KSP Series Signal Conditioner/Converter

    ️· Function: The KSP series appears to be a signal conditioner/converter designed to interface with inverters (likely frequency inverters or variable frequency drives - VFDs). It converts a signal from the inverter into a usable output.
    ️· Application: Primarily used with inverters to monitor and/or control the inverter’s operation.
    ️· Mounting: Can be surface mounted or DIN rail mounted.

    2. Technical Specifications

    ️· Input: Accepts a "pulse" signal from the inverter. Specifically, it is a "square wave" with a specified voltage and frequency range. (Details of the signal are found in the technical specifications for the input)
    ️· Output: Provides an analog or digital output signal based on the input signal. (Specific output type depends on the model).
    ️· Response Time: Fast response times are a key feature (up to 10 kHz).
    ️· Accuracy: Accuracy is specified as ±0.3% of the span.
    ️· Operating Environment:
    - Temperature: -5 to +55°C (23 to 131°F)
    - Humidity: 30 to 90% relative humidity (non-condensing)
    ️· Dimensions & Weight: Approximately 103 x 123 x 80 mm (4.06 x 4.84 x 3.15 in) and 350 g (0.77 lb).
    ️· Isolation: Provides electrical isolation between the input and output circuits.
    ️· Circuitry: Includes an integration circuit and waveform shaping circuitry.

    3. Key Features & Benefits

    ️· Fast Response: Enables real-time monitoring and control of inverter operations.
    ️· Accuracy: Provides reliable and precise signal conversion.
    ️· Electrical Isolation: Enhances system safety and prevents ground loops.
    ️· Compact Design: Saves valuable panel space.
    ️· Easy Installation: DIN rail or surface mounting options.

    4. Ordering Information & Configuration

    ️· Model Number: The "KSP" series denotes the product family. Specific model numbers are needed to determine exact input/output types and other configuration details.
    ️· Part Number Codes: The manual shows how to decode model numbers to understand their configuration.

    5. Wiring & Connections

    ️· Terminal Identification: A diagram shows the function of each terminal (Power, Input, Output).
    ️· Important Note: Do not connect any devices other than the inverter to the inverter’s frequency modulation (FM) terminal.

    6. Diagram Explanation

    The diagrams visually represent the internal circuitry of the KSP and illustrate the input/output connections.

    Part No.KSP-2E-R
    ManufacturerMSYSTEM
    Size98 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT