전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMMLS-1B3-C/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KMMLS-1B3-C/Q Datasheet

  • # Example questions: ➢ What are the input voltage requirements for the module, as indicated by 'u(+) ' and 'v(–)' in the schematic?
    ➢ What is the function of the 'r*' component as indicated in the schematic?
    ➢ What are the available output options for this module, and what does 's' and 'z' represent in the context of the schematic?

  • Part No.KMMLS-1B3-C/Q
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT
    Datasheet Summary with AI

    1. Product Type & Purpose:

    ️· What it is: An industrial signal conditioner/converter. The specific function depends on the options selected (see "Configuration" below).
    ️· Likely Applications: Industrial automation, process control, measurement and instrumentation, signal processing, where you need to convert or condition analog signals.

    2. Configuration & Options (Based on Codes and Tables):

    ️· Input: The input can be current or voltage. The 'R*' notations indicate an integrated shunt resistor for current input, which is essential for measuring current signals.
    ️· Output: The output is also voltage, with the same distinction about current/voltage.
    ️· Isolation: Indicated with “Z” in the connection diagram.
    ️· Digital Output 1 & S: The presence of these indicates that it can provide a digital output as well as an analog one.
    ️· Input/Output Ranges: The datasheet doesn't explicitly list input/output ranges. These would likely be selectable through jumpers or DIP switches on the unit itself (not detailed in the datasheet).
    ️· Power: Requires external power. Voltage is not specified in the document.

    3. Key Technical Specifications & Features:

    ️· Signal Conditioning: The primary function is to process and modify input signals, likely for scaling, linearization, noise reduction, or isolation.
    ️· Isolation: The "Z" designation in the diagrams indicates electrical isolation, a critical feature for safety and to prevent ground loops in industrial environments.
    ️· Digital Communication: Indicated by the digital input/output and designation “S”.
    ️· Compact Size: (Implicit from the diagrams - it's likely designed to be panel-mounted or DIN-rail mounted).

    4. Connection & Wiring (Most Detail in the Diagrams):

    ️· Input:
    - "+" and "-" terminals for voltage input.
    - "R*" indicates the built-in shunt resistor for current input.
    ️· Output: "+" and "-" terminals.
    ️· Power: "+" and "-" power terminals.
    ️· Digital Input/Output: Indicated on the connection diagram.
    ️· Isolation: “Z”.
    ️· External Components: The "R*" resistors are internal to the unit.

    5. Diagrams & Schematics:

    ️· Schematic Circuitry & Connection Diagram: This is the most complex part. It shows the internal architecture (isolation barriers, drivers, computation circuitry) and provides wiring information.
    - "R*" Resistor: Crucial for current measurement.
    - "Z" Isolation: Illustrates the isolation barrier.
    - Digital Input/Output: Designated on the schematic.



    Important Notes & Caveats:

    ️· Missing Details: The datasheet *doesn't* include:
    - Exact Input/Output Voltage/Current Ranges.
    - Accuracy specifications.
    - Power requirements (voltage and current).
    - Environmental operating specifications (temperature, humidity, etc.).
    ️· Reference the Full Datasheet: This is likely an excerpt from a larger datasheet. Refer to the complete document for complete specifications, installation instructions, and calibration procedures.
    ️· M-System Website: Refer to the M-System website for the complete datasheet.

    1. Product Type & Purpose:

    ️· What it is: An industrial signal conditioner/converter. The specific function depends on the options selected (see "Configuration" below).
    ️· Likely Applications: Industrial automation, process control, measurement and instrumentation, signal processing, where you need to convert or condition analog signals.

    2. Configuration & Options (Based on Codes and Tables):

    ️· Input: The input can be current or voltage. The 'R*' notations indicate an integrated shunt resistor for current input, which is essential for measuring current signals.
    ️· Output: The output is also voltage, with the same distinction about current/voltage.
    ️· Isolation: Indicated with “Z” in the connection diagram.
    ️· Digital Output 1 & S: The presence of these indicates that it can provide a digital output as well as an analog one.
    ️· Input/Output Ranges: The datasheet doesn't explicitly list input/output ranges. These would likely be selectable through jumpers or DIP switches on the unit itself (not detailed in the datasheet).
    ️· Power: Requires external power. Voltage is not specified in the document.

    3. Key Technical Specifications & Features:

    ️· Signal Conditioning: The primary function is to process and modify input signals, likely for scaling, linearization, noise reduction, or isolation.
    ️· Isolation: The "Z" designation in the diagrams indicates electrical isolation, a critical feature for safety and to prevent ground loops in industrial environments.
    ️· Digital Communication: Indicated by the digital input/output and designation “S”.
    ️· Compact Size: (Implicit from the diagrams - it's likely designed to be panel-mounted or DIN-rail mounted).

    4. Connection & Wiring (Most Detail in the Diagrams):

    ️· Input:
    - "+" and "-" terminals for voltage input.
    - "R*" indicates the built-in shunt resistor for current input.
    ️· Output: "+" and "-" terminals.
    ️· Power: "+" and "-" power terminals.
    ️· Digital Input/Output: Indicated on the connection diagram.
    ️· Isolation: “Z”.
    ️· External Components: The "R*" resistors are internal to the unit.

    5. Diagrams & Schematics:

    ️· Schematic Circuitry & Connection Diagram: This is the most complex part. It shows the internal architecture (isolation barriers, drivers, computation circuitry) and provides wiring information.
    - "R*" Resistor: Crucial for current measurement.
    - "Z" Isolation: Illustrates the isolation barrier.
    - Digital Input/Output: Designated on the schematic.



    Important Notes & Caveats:

    ️· Missing Details: The datasheet *doesn't* include:
    - Exact Input/Output Voltage/Current Ranges.
    - Accuracy specifications.
    - Power requirements (voltage and current).
    - Environmental operating specifications (temperature, humidity, etc.).
    ️· Reference the Full Datasheet: This is likely an excerpt from a larger datasheet. Refer to the complete document for complete specifications, installation instructions, and calibration procedures.
    ️· M-System Website: Refer to the M-System website for the complete datasheet.

    Part No.KMMLS-1B3-C/Q
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT