전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KWRS-61B-S/BL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KWRS-61B-S/BL Datasheet

  • # Example questions: ➢ If a user needs both a 4-20ma output signal and requires a fail-safe (burnout) resistor, what components and connections within the 'schematic circuitry & connection diagram' are crucial for this functionality?
    ➢ What are the possible power supply voltages that the kwrs unit can operate with, and what connection points are designated for power input?
    ➢ Assuming a user selects a pt100 rtd as their temperature sensor, what input terminals on the kwrs unit would they connect the rtd to, and what kind of signal conditioning (if any) does the unit perform on the rtd signal?

  • Part No.KWRS-61B-S/BL
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT
    Datasheet Summary with AI

    1. Product Overview:

    ️· What it is: The KWRS series are temperature transmitters/indicators. These devices take a temperature input (likely from a thermocouple or RTD – Resistance Temperature Detector, though that's not explicitly stated) and convert it into an electrical signal (likely 4-20mA or a voltage signal – not explicitly specified but common for transmitters). They also provide a local display of the temperature.
    ️· Function: They are used to monitor and transmit temperature data in industrial processes and applications.
    ️· Manufacturer: Matsumoto Electric Industrial Co., Ltd.

    2. Ordering Information (Implied, not explicitly listed):

    ️· The datasheet doesn't contain a part number ordering system, but it implies that different options exist based on the various settings and output types mentioned within the documentation.

    3. Key Features & Specifications (Extracted from various sections):

    ️· Input: Designed to accept input from temperature sensors (thermocouples or RTDs likely)
    ️· Output: The datasheet implies an analog output (4-20mA or voltage) for remote monitoring and control. It doesn't definitively state the output type.
    ️· Local Display: Provides a local, visual indication of the measured temperature.
    ️· Accuracy: The accuracy is a crucial specification, but the datasheet *doesn't* explicitly list a single accuracy value. However, it mentions "Linearizer" in the schematic, which implies that the device compensates for the non-linearities of thermocouples.
    ️· Burnout Protection: Indicates the presence of protection circuits against sensor failures (open circuit, broken wire).
    ️· Linearization: The inclusion of a "Linearizer" within the schematic implies that the device corrects for the non-linear output of common temperature sensors like thermocouples.
    ️· Mounting: DIN rail mounting is supported.
    ️· Electrical Isolation: Implied from the circuitry and features.
    ️· Power Requirements: Not explicitly stated, but standard industrial power would be expected.

    4. Schematic Circuitry (Crucial for understanding):

    ️· Shows Internal Structure: The included schematic reveals a glimpse into the internal workings. Key components include:
    - Temperature Sensor Input
    - Linearizer (Compensation for thermocouple non-linearity)
    - Amplifier
    - Output Driver (likely to drive the 4-20mA loop or voltage output)
    - Burnout protection circuitry.

    5. Mechanical Dimensions & Mounting:

    ️· DIN Rail: Designed for mounting on a 35mm wide DIN rail.
    ️· Dimensions: Provides dimensional drawings with values in both inches and millimeters (a mixture is used throughout the document).
    ️· Mounting Hole Details: Specifies the size and depth of mounting holes.
    ️· Clearance: Specifies required clearance behind the unit.

    6. Connection Diagram (Critical for Wiring):

    ️· Shows Wiring: Provides a detailed wiring diagram for connecting the KWRS to a temperature sensor, power supply, and remote monitoring/control system.
    ️· Shows Terminal Connections: Identifies the function of each terminal on the device.
    ️· Implies Loop Power: The diagram suggests a 4-20mA loop powered system.

    Limitations & Missing Information:

    ️· Specific Part Numbers: The datasheet lacks a structured part number ordering system.
    ️· Output Type: It doesn't explicitly state whether the output is a voltage or a 4-20mA signal.
    ️· Power Requirements: The power supply voltage requirements aren't specified.
    ️· Accuracy Specification: A definitive accuracy value is not provided.
    ️· Input Type: The specific thermocouple/RTD types supported are not listed.
    ️· Temperature Range: The supported operating temperature range isn’t explicitly provided.



    This detailed summary should give you a very clear understanding of the KWRS series and its capabilities.

    1. Product Overview:

    ️· What it is: The KWRS series are temperature transmitters/indicators. These devices take a temperature input (likely from a thermocouple or RTD – Resistance Temperature Detector, though that's not explicitly stated) and convert it into an electrical signal (likely 4-20mA or a voltage signal – not explicitly specified but common for transmitters). They also provide a local display of the temperature.
    ️· Function: They are used to monitor and transmit temperature data in industrial processes and applications.
    ️· Manufacturer: Matsumoto Electric Industrial Co., Ltd.

    2. Ordering Information (Implied, not explicitly listed):

    ️· The datasheet doesn't contain a part number ordering system, but it implies that different options exist based on the various settings and output types mentioned within the documentation.

    3. Key Features & Specifications (Extracted from various sections):

    ️· Input: Designed to accept input from temperature sensors (thermocouples or RTDs likely)
    ️· Output: The datasheet implies an analog output (4-20mA or voltage) for remote monitoring and control. It doesn't definitively state the output type.
    ️· Local Display: Provides a local, visual indication of the measured temperature.
    ️· Accuracy: The accuracy is a crucial specification, but the datasheet *doesn't* explicitly list a single accuracy value. However, it mentions "Linearizer" in the schematic, which implies that the device compensates for the non-linearities of thermocouples.
    ️· Burnout Protection: Indicates the presence of protection circuits against sensor failures (open circuit, broken wire).
    ️· Linearization: The inclusion of a "Linearizer" within the schematic implies that the device corrects for the non-linear output of common temperature sensors like thermocouples.
    ️· Mounting: DIN rail mounting is supported.
    ️· Electrical Isolation: Implied from the circuitry and features.
    ️· Power Requirements: Not explicitly stated, but standard industrial power would be expected.

    4. Schematic Circuitry (Crucial for understanding):

    ️· Shows Internal Structure: The included schematic reveals a glimpse into the internal workings. Key components include:
    - Temperature Sensor Input
    - Linearizer (Compensation for thermocouple non-linearity)
    - Amplifier
    - Output Driver (likely to drive the 4-20mA loop or voltage output)
    - Burnout protection circuitry.

    5. Mechanical Dimensions & Mounting:

    ️· DIN Rail: Designed for mounting on a 35mm wide DIN rail.
    ️· Dimensions: Provides dimensional drawings with values in both inches and millimeters (a mixture is used throughout the document).
    ️· Mounting Hole Details: Specifies the size and depth of mounting holes.
    ️· Clearance: Specifies required clearance behind the unit.

    6. Connection Diagram (Critical for Wiring):

    ️· Shows Wiring: Provides a detailed wiring diagram for connecting the KWRS to a temperature sensor, power supply, and remote monitoring/control system.
    ️· Shows Terminal Connections: Identifies the function of each terminal on the device.
    ️· Implies Loop Power: The diagram suggests a 4-20mA loop powered system.

    Limitations & Missing Information:

    ️· Specific Part Numbers: The datasheet lacks a structured part number ordering system.
    ️· Output Type: It doesn't explicitly state whether the output is a voltage or a 4-20mA signal.
    ️· Power Requirements: The power supply voltage requirements aren't specified.
    ️· Accuracy Specification: A definitive accuracy value is not provided.
    ️· Input Type: The specific thermocouple/RTD types supported are not listed.
    ️· Temperature Range: The supported operating temperature range isn’t explicitly provided.



    This detailed summary should give you a very clear understanding of the KWRS series and its capabilities.

    Part No.KWRS-61B-S/BL
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT