| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M5VS-HA-M/F Datasheet
# Example questions:
➢ If a user needs to connect a 4-20ma signal to the m5vs, what input resistance options are available, and what is the corresponding input code?
➢ What are the available coating options for the m5vs, and where can more detailed information about them be found?
➢ What is the dielectric strength of the m5vs when powered by dc, and what testing standard applies?
1. General Overview
️· Product: M5VS signal conditioner.
️· Function: Converts and conditions various industrial signals. (Current and Voltage inputs and outputs)
️· Mounting: DIN rail mounting.
️· Dimensions: (See the diagram on Page 5)
️· Weight: 80g (2.8 oz)
2. Ordering Information & Configuration
️· Part Number Format: `M5VS-[1][2]-[3][4]`
- `[1]`: Input type (Current or Voltage).
- `[2]`: Specific input range and resistance (e.g., 4-20mA, 0-5V).
- `[3]`: Output type and range.
- `[4]`: Options (Coating, Adjustment, Terminal Material, and Special Features).
️· Options Codes (Key for understanding the part number):
- [1] Input:
■ A, A1, B, C, D, E, F, G, H: Various current input ranges.
■ 3, 1, 2, 1, 1, 1, 1: Various Voltage input ranges
■ Z: Specifies the custom current input value.
- [2] Input Resistance - The suffix is a value representing the current range
- [3] Output - Similar to input.
- [4] Options:
■ `/C01`: Silicone coating
■ `/C02`: Polyurethane coating
■ `/C03`: Rubber coating
■ `/V01`: Multi-turn fine adjustment
■ `/VN`: Sealed adjustment holes
■ `/S01`: Stainless steel terminal screw material
■ `/Q`: For any additional specifications.
3. Technical Specifications
️· Input:
- Current input resistance: 20Ω, 49.9Ω, 61.9Ω, 100Ω, 249Ω, 499Ω, 1000Ω.
- Voltage Input: 1MΩ minimum input resistance.
️· Output:
- Load Resistance: 11V maximum
️· Power Consumption: Approximately 2-3VA, depending on AC voltage.
️· Operating Environment:
- Temperature: -5°C to +55°C (23°F to 131°F).
- Humidity: 0% to 90% Relative Humidity (non-condensing).
️· Accuracy: ±0.1% (±0.2% for input code 02)
️· Temperature Coefficient: ±0.015%/°C (±0.008%/°C at input <1V and output <5mA).
️· Dielectric Strength: 2000VAC (DC powered), 1500VAC (AC powered).
️· Insulation Resistance: ≥ 100 MΩ.
4. Wiring & Connections
️· Connection Type: M3.5 screw terminals.
️· Torque: 0.8 Nm.
5. Diagrams & Visuals
️· Front View Diagram: Shows labeling of indicators and adjustments (if applicable).
️· External Dimensions Diagram: Detailed dimensions.
️· Schematic Circuitry Diagram: Shows block diagram of the signal conditioning process.
Key Takeaways:
️· The M5VS is highly configurable for a wide range of industrial signal conditioning needs.
️· The part number is crucial for specifying the exact model.
️· The documentation provides detailed technical specifications, wiring instructions, and dimensions.
1. General Overview
️· Product: M5VS signal conditioner.
️· Function: Converts and conditions various industrial signals. (Current and Voltage inputs and outputs)
️· Mounting: DIN rail mounting.
️· Dimensions: (See the diagram on Page 5)
️· Weight: 80g (2.8 oz)
2. Ordering Information & Configuration
️· Part Number Format: `M5VS-[1][2]-[3][4]`
- `[1]`: Input type (Current or Voltage).
- `[2]`: Specific input range and resistance (e.g., 4-20mA, 0-5V).
- `[3]`: Output type and range.
- `[4]`: Options (Coating, Adjustment, Terminal Material, and Special Features).
️· Options Codes (Key for understanding the part number):
- [1] Input:
■ A, A1, B, C, D, E, F, G, H: Various current input ranges.
■ 3, 1, 2, 1, 1, 1, 1: Various Voltage input ranges
■ Z: Specifies the custom current input value.
- [2] Input Resistance - The suffix is a value representing the current range
- [3] Output - Similar to input.
- [4] Options:
■ `/C01`: Silicone coating
■ `/C02`: Polyurethane coating
■ `/C03`: Rubber coating
■ `/V01`: Multi-turn fine adjustment
■ `/VN`: Sealed adjustment holes
■ `/S01`: Stainless steel terminal screw material
■ `/Q`: For any additional specifications.
3. Technical Specifications
️· Input:
- Current input resistance: 20Ω, 49.9Ω, 61.9Ω, 100Ω, 249Ω, 499Ω, 1000Ω.
- Voltage Input: 1MΩ minimum input resistance.
️· Output:
- Load Resistance: 11V maximum
️· Power Consumption: Approximately 2-3VA, depending on AC voltage.
️· Operating Environment:
- Temperature: -5°C to +55°C (23°F to 131°F).
- Humidity: 0% to 90% Relative Humidity (non-condensing).
️· Accuracy: ±0.1% (±0.2% for input code 02)
️· Temperature Coefficient: ±0.015%/°C (±0.008%/°C at input <1V and output <5mA).
️· Dielectric Strength: 2000VAC (DC powered), 1500VAC (AC powered).
️· Insulation Resistance: ≥ 100 MΩ.
4. Wiring & Connections
️· Connection Type: M3.5 screw terminals.
️· Torque: 0.8 Nm.
5. Diagrams & Visuals
️· Front View Diagram: Shows labeling of indicators and adjustments (if applicable).
️· External Dimensions Diagram: Detailed dimensions.
️· Schematic Circuitry Diagram: Shows block diagram of the signal conditioning process.
Key Takeaways:
️· The M5VS is highly configurable for a wide range of industrial signal conditioning needs.
️· The part number is crucial for specifying the exact model.
️· The documentation provides detailed technical specifications, wiring instructions, and dimensions.
| Part No. | M5VS-HA-M/F |
| Manufacturer | MSYSTEM |
| Size | 104 Kbytes |
| Pages | 3 pages |
| Description | Super-mini Terminal Block Signal Conditioners M5-UNIT |