전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M2VF2-3E-M/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M2VF2-3E-M/Q Datasheet

  • # Example questions: ➢ What is the difference in accuracy and response time between the standard m2vf2 and the m2vf2 with the custom specification /x1?
    ➢ If a user needs to connect a device with a line capacitance exceeding 2000 pf to the m2vf2’s current output, what should they be aware of, and what is recommended to mitigate potential issues?
    ➢ What are the available input ranges for the m2vf2, including the custom option /x1?

  • Part No.M2VF2-3E-M/Q
    ManufacturerMSYSTEM
    Size116 Kbytes
    Pages5 pages
    DescriptionSuper-mini Signal Conditioners Mini-M Series
    Datasheet Summary with AI

    1. Product Overview: M2VF2

    ️· Type: Industrial isolation amplifier/signal conditioner. It takes an input signal and provides an isolated output.
    ️· Key Feature: Fast response time.

    2. Ordering Information & Model Number:

    ️· Model Number Format: M2VF2–[Code1][Code2]–[Code3]/[Option1]/[Option2][Option3]
    - M2VF2: Base product identifier.
    - [Code1]: Relates to the input type/range (e.g., 0, which likely corresponds to a specific input range).
    - [Code2]: Likely refers to the output type/range.
    - [Code3]: Probably indicates the power supply option.
    - [Option1]: Likely relates to standard options like /N (normal).
    - [Option2][Option3]: Represents optional features/customizations.

    3. Input Specifications

    ️· Current Input: An input shunt resistor is attached for current input, so the product is prepared to handle current signals as well as voltage signals.
    ️· 0 - 100 mV DC (Custom Option /X1): This is a custom feature that alters the input range. Performance specifications (accuracy, temperature coefficient, response time) are adjusted for this custom input.

    4. Output Specifications (Inferred – Not Explicitly Detailed):

    ️· The document references output types and ranges through [Code2], but doesn's detail those ranges.
    ️· The output seems to be isolated, providing safety and noise immunity.

    5. Performance Characteristics:

    ️· Accuracy: Standard accuracy varies, and a custom specification alters the accuracy to ±0.2%.
    ️· Temperature Coefficient: Varies with the product configuration, with the custom specification increasing it to ±0.04%/°C.
    ️· Response Time: Typically fast, but adjusted to ≤60μs for the custom option (0-100 mV DC input).

    6. Environmental Considerations:

    ️· Shielded twisted-pair cables are recommended for input wiring to reduce noise.
    ️· Response time can be limited by line capacitance.

    7. Mounting & Dimensions

    ️· Units can be mounted closely together (no extra space needed).
    ️· Detailed dimensional drawings are provided, including dimensions for mounting.

    8. Key Customization Option: /X1

    ️· Function: Enables a specific input voltage range (0-100 mV DC).
    ️· Impact: Modifies accuracy, temperature coefficient, and response time.

    Overall Purpose of the Document:

    1. Product Overview: M2VF2

    ️· Type: Industrial isolation amplifier/signal conditioner. It takes an input signal and provides an isolated output.
    ️· Key Feature: Fast response time.

    2. Ordering Information & Model Number:

    ️· Model Number Format: M2VF2–[Code1][Code2]–[Code3]/[Option1]/[Option2][Option3]
    - M2VF2: Base product identifier.
    - [Code1]: Relates to the input type/range (e.g., 0, which likely corresponds to a specific input range).
    - [Code2]: Likely refers to the output type/range.
    - [Code3]: Probably indicates the power supply option.
    - [Option1]: Likely relates to standard options like /N (normal).
    - [Option2][Option3]: Represents optional features/customizations.

    3. Input Specifications

    ️· Current Input: An input shunt resistor is attached for current input, so the product is prepared to handle current signals as well as voltage signals.
    ️· 0 - 100 mV DC (Custom Option /X1): This is a custom feature that alters the input range. Performance specifications (accuracy, temperature coefficient, response time) are adjusted for this custom input.

    4. Output Specifications (Inferred – Not Explicitly Detailed):

    ️· The document references output types and ranges through [Code2], but doesn's detail those ranges.
    ️· The output seems to be isolated, providing safety and noise immunity.

    5. Performance Characteristics:

    ️· Accuracy: Standard accuracy varies, and a custom specification alters the accuracy to ±0.2%.
    ️· Temperature Coefficient: Varies with the product configuration, with the custom specification increasing it to ±0.04%/°C.
    ️· Response Time: Typically fast, but adjusted to ≤60μs for the custom option (0-100 mV DC input).

    6. Environmental Considerations:

    ️· Shielded twisted-pair cables are recommended for input wiring to reduce noise.
    ️· Response time can be limited by line capacitance.

    7. Mounting & Dimensions

    ️· Units can be mounted closely together (no extra space needed).
    ️· Detailed dimensional drawings are provided, including dimensions for mounting.

    8. Key Customization Option: /X1

    ️· Function: Enables a specific input voltage range (0-100 mV DC).
    ️· Impact: Modifies accuracy, temperature coefficient, and response time.

    Overall Purpose of the Document:

    Part No.M2VF2-3E-M/Q
    ManufacturerMSYSTEM
    Size116 Kbytes
    Pages5 pages
    DescriptionSuper-mini Signal Conditioners Mini-M Series