전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M6NVS-HA-M2/UL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M6NVS-HA-M2/UL Datasheet

  • # Example questions: ➢ What is the maximum allowable ripple for the dc power input, and what is the required input voltage range?
    ➢ What are the available options for the response time, and what is the approximate response time for the 'fast response' option when measuring voltage?
    ➢ What types of standards and approvals are available as options, and what is the maximum load resistance for the dc current output?

  • Part No.M6NVS-HA-M2/UL
    ManufacturerMSYSTEM
    Size133 Kbytes
    Pages4 pages
    DescriptionScrew Terminal Ultra-Slim Signal Conditioners M6N Series
    Datasheet Summary with AI

    1. Product Overview:

    ️· What it is: The M6NVS is a signal isolator. This means it takes a signal (either voltage or current) from one circuit and replicates it in another, electrically isolated circuit. This isolation is crucial for safety, noise reduction, and preventing ground loops.
    ️· Manufacturer: M-System
    ️· Model Number: M6NVS-[1][2]-[3][4] - The model number uses codes to define the input type, output type, power supply, and options.

    2. Ordering Information & Codes:

    ️· Model Structure: `M6NVS-[1][2]-[3][4]`
    - `[1]` - Input Type (Current or Voltage)
    - `[2]` - Input Range (e.g., 4-20mA, 0-10V)
    - `[3]` - Output Type (Current or Voltage)
    - `[4]` - Options (Power Supply, Response Time, Standards, Coatings)

    3. Input Types ([1]):

    ️· Current:
    - A: 4-20mA (50Ω)
    - B: 2-10mA (100Ω)
    - C: 1-5mA (200Ω)
    - D: 0-20mA (50Ω)
    - E: 0-16mA (50Ω)
    - F: 0-10mA (100Ω)
    - G: 0-1mA (1000Ω)
    - H: 10-50mA (20Ω)
    - Z: Specify (custom range)
    ️· Voltage:
    - 3: 0-1V (1MΩ)
    - 4: 0-10V (1MΩ)
    - 5: 0-5V (1MΩ)
    - 6: 1-5V (1MΩ)
    - Z: Specify (custom range)

    4. Output Types ([3]):

    ️· Output types are not explicitly listed. From the general descriptions, it can be deduced that they mirror the input types: Current or Voltage. It would need more specification based on specific applications.

    5. Options ([4]):

    ️· Power Supply:
    - M2: 100-240VAC (Operational range: 90-264VAC, 47-66Hz) - *Not UL listed*
    - R: 24VDC (Ripple limit: 10%p-p)
    ️· Response Time:
    - Blank: Standard (≤ 0.5 seconds)
    - /K: Fast Response (Approx. 3.5ms for voltage, 25ms for current)
    ️· Standards & Approvals:
    - Blank: CE Marking
    - /UL: UL Approval & CE Marking
    ️· Coatings:
    - /C01: Silicone Coating
    - /C02: Polyurethane Coating

    6. Specifications & Performance:

    ️· Input Resistance: Defined by input type (e.g., 50Ω, 1000Ω).
    ️· Minimum Span: 100mV for voltage inputs.
    ️· Offset: Maximum 1.5x the span.
    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.01%/°C
    ️· Line Voltage Effect: ±0.1%
    ️· Insulation Resistance: ≥ 100 MΩ
    ️· Dielectric Strength: 2000VAC
    ️· Operating Temperature: -20 to +55°C
    ️· Operating Humidity: 30 to 90%RH
    ️· Power Consumption: Max. 2VA (AC), Approx. 0.5W (DC)

    7. Physical Characteristics:

    ️· Mounting: DIN Rail or installation base
    ️· Weight: 60g
    ️· Recommended solderless terminal dimensions: See diagrams

    8. Regulatory Compliance:

    ️· EMC: EN 61000-6-4 & EN 61000-6-2
    ️· Low Voltage Directive: EN 61010-1
    ️· RoHS: EN 50581
    ️· UL/CSA (for /UL option)

    Key Considerations:

    ️· Custom Ranges: The 'Z' code allows for custom input ranges, but requires contacting M-System for specific details.
    ️· Power Supply Selection: AC power option (M2) is *not* UL listed.
    ️· Response Time: Consider the impact of response time on application performance.
    ️· Coating: Select a coating based on environmental conditions.

    1. Product Overview:

    ️· What it is: The M6NVS is a signal isolator. This means it takes a signal (either voltage or current) from one circuit and replicates it in another, electrically isolated circuit. This isolation is crucial for safety, noise reduction, and preventing ground loops.
    ️· Manufacturer: M-System
    ️· Model Number: M6NVS-[1][2]-[3][4] - The model number uses codes to define the input type, output type, power supply, and options.

    2. Ordering Information & Codes:

    ️· Model Structure: `M6NVS-[1][2]-[3][4]`
    - `[1]` - Input Type (Current or Voltage)
    - `[2]` - Input Range (e.g., 4-20mA, 0-10V)
    - `[3]` - Output Type (Current or Voltage)
    - `[4]` - Options (Power Supply, Response Time, Standards, Coatings)

    3. Input Types ([1]):

    ️· Current:
    - A: 4-20mA (50Ω)
    - B: 2-10mA (100Ω)
    - C: 1-5mA (200Ω)
    - D: 0-20mA (50Ω)
    - E: 0-16mA (50Ω)
    - F: 0-10mA (100Ω)
    - G: 0-1mA (1000Ω)
    - H: 10-50mA (20Ω)
    - Z: Specify (custom range)
    ️· Voltage:
    - 3: 0-1V (1MΩ)
    - 4: 0-10V (1MΩ)
    - 5: 0-5V (1MΩ)
    - 6: 1-5V (1MΩ)
    - Z: Specify (custom range)

    4. Output Types ([3]):

    ️· Output types are not explicitly listed. From the general descriptions, it can be deduced that they mirror the input types: Current or Voltage. It would need more specification based on specific applications.

    5. Options ([4]):

    ️· Power Supply:
    - M2: 100-240VAC (Operational range: 90-264VAC, 47-66Hz) - *Not UL listed*
    - R: 24VDC (Ripple limit: 10%p-p)
    ️· Response Time:
    - Blank: Standard (≤ 0.5 seconds)
    - /K: Fast Response (Approx. 3.5ms for voltage, 25ms for current)
    ️· Standards & Approvals:
    - Blank: CE Marking
    - /UL: UL Approval & CE Marking
    ️· Coatings:
    - /C01: Silicone Coating
    - /C02: Polyurethane Coating

    6. Specifications & Performance:

    ️· Input Resistance: Defined by input type (e.g., 50Ω, 1000Ω).
    ️· Minimum Span: 100mV for voltage inputs.
    ️· Offset: Maximum 1.5x the span.
    ️· Accuracy: ±0.1%
    ️· Temperature Coefficient: ±0.01%/°C
    ️· Line Voltage Effect: ±0.1%
    ️· Insulation Resistance: ≥ 100 MΩ
    ️· Dielectric Strength: 2000VAC
    ️· Operating Temperature: -20 to +55°C
    ️· Operating Humidity: 30 to 90%RH
    ️· Power Consumption: Max. 2VA (AC), Approx. 0.5W (DC)

    7. Physical Characteristics:

    ️· Mounting: DIN Rail or installation base
    ️· Weight: 60g
    ️· Recommended solderless terminal dimensions: See diagrams

    8. Regulatory Compliance:

    ️· EMC: EN 61000-6-4 & EN 61000-6-2
    ️· Low Voltage Directive: EN 61010-1
    ️· RoHS: EN 50581
    ️· UL/CSA (for /UL option)

    Key Considerations:

    ️· Custom Ranges: The 'Z' code allows for custom input ranges, but requires contacting M-System for specific details.
    ️· Power Supply Selection: AC power option (M2) is *not* UL listed.
    ️· Response Time: Consider the impact of response time on application performance.
    ️· Coating: Select a coating based on environmental conditions.

    Part No.M6NVS-HA-M2/UL
    ManufacturerMSYSTEM
    Size133 Kbytes
    Pages4 pages
    DescriptionScrew Terminal Ultra-Slim Signal Conditioners M6N Series