| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about W2AC-AD2B-R/N Datasheet
# Example questions:
➢ What are the output types available with the w2ac model, and what does the asterisk (*) denote in relation to them?
➢ What type of resistor is incorporated within the w2ac for current input, as indicated in the schematic circuitry section?
➢ What is one consideration when mounting multiple w2ac units next to each other?
1. General Overview
️· Product: M-System W2AC (likely a signal conditioner or isolated input module). The "W2" prefix possibly indicates a specific product series. The AC indicates it likely handles AC signals.
️· Function: Appears to be a versatile input module capable of processing both current and voltage signals. It isolates the input signal, likely to protect other circuits and reduce noise. It seems to be configurable with options for AC signal amplification and output drivers.
️· Modular Design: The document mentions "no extra space is needed between units," suggesting it's designed to be easily integrated into a larger system or rack.
️· Options: The document highlights that some elements (like the 2nd output) are only available as an option.
2. Technical Specifications (Key Highlights)
️· Input Types: Can handle both voltage and current inputs. (Note: The specific voltage/current ranges aren't explicitly stated; further documentation would be needed.) The document suggests it incorporates an "input shunt resistor" for current input processing.
️· Isolation: Provides input isolation for noise reduction and circuit protection.
️· Amplification: Includes "AC amplifier" and "output driver" sections for signal conditioning and level adjustment.
️· Output: Provides both Output 1 and Output 2 options.
️· Power: Power input (U(+) and V(-)) is noted on the schematic diagram.
️· Accuracy: Specific accuracy figures aren't listed, but it's implied that the module aims for a high level of signal fidelity due to its amplification and isolation features.
️· Operating Environment: Although not specified, this is assumed to be a standard industrial range.
3. Physical Characteristics & Mounting
️· Modular: Designed for easy integration and placement next to other units.
️· Dimensions: Dimensions not specified.
️· Mounting: Designed for rail or panel mounting (implied, not explicitly stated).
4. Schematic/Connection Notes (from the Images)
️· Key Blocks: The schematic diagram highlights:
- Input Stage: Includes a shunt resistor for current input and likely a voltage input path.
- Isolation "Z" and "S": These blocks represent the isolation circuitry, a critical element for protecting downstream circuits.
- AC Amplifier and Output Driver: These blocks perform signal amplification and drive the output.
- Output 1 and Output 2: Two distinct output sections.
- Power Input: Designates power input terminals.
️· Option Note: The diagram includes a broken line, indicating that certain sections (specifically relating to the "2nd output" option) are only present when that option is selected.
️· Numbered Blocks: Numbered blocks (e.g., 1, 3, 5, 7, 9) probably indicate connection points or specific components within the circuit.
️· Lack of Detail: The schematic is simplified, meaning it doesn't show every resistor, capacitor, or transistor. It represents the overall signal flow rather than a complete circuit diagram.
Limitations and Missing Information
️· Specific Ranges: The voltage and current input ranges, output ranges, and power supply requirements are not provided.
️· Accuracy and Resolution: Detailed accuracy and resolution specifications are absent.
️· Detailed Circuitry: The schematic is a functional block diagram rather than a complete circuit diagram.
️· Environmental Conditions: The operating temperature range, humidity limits, and other environmental specifications are not listed.
️· Physical Dimensions: Dimensions of the unit were not provided.
1. General Overview
️· Product: M-System W2AC (likely a signal conditioner or isolated input module). The "W2" prefix possibly indicates a specific product series. The AC indicates it likely handles AC signals.
️· Function: Appears to be a versatile input module capable of processing both current and voltage signals. It isolates the input signal, likely to protect other circuits and reduce noise. It seems to be configurable with options for AC signal amplification and output drivers.
️· Modular Design: The document mentions "no extra space is needed between units," suggesting it's designed to be easily integrated into a larger system or rack.
️· Options: The document highlights that some elements (like the 2nd output) are only available as an option.
2. Technical Specifications (Key Highlights)
️· Input Types: Can handle both voltage and current inputs. (Note: The specific voltage/current ranges aren't explicitly stated; further documentation would be needed.) The document suggests it incorporates an "input shunt resistor" for current input processing.
️· Isolation: Provides input isolation for noise reduction and circuit protection.
️· Amplification: Includes "AC amplifier" and "output driver" sections for signal conditioning and level adjustment.
️· Output: Provides both Output 1 and Output 2 options.
️· Power: Power input (U(+) and V(-)) is noted on the schematic diagram.
️· Accuracy: Specific accuracy figures aren't listed, but it's implied that the module aims for a high level of signal fidelity due to its amplification and isolation features.
️· Operating Environment: Although not specified, this is assumed to be a standard industrial range.
3. Physical Characteristics & Mounting
️· Modular: Designed for easy integration and placement next to other units.
️· Dimensions: Dimensions not specified.
️· Mounting: Designed for rail or panel mounting (implied, not explicitly stated).
4. Schematic/Connection Notes (from the Images)
️· Key Blocks: The schematic diagram highlights:
- Input Stage: Includes a shunt resistor for current input and likely a voltage input path.
- Isolation "Z" and "S": These blocks represent the isolation circuitry, a critical element for protecting downstream circuits.
- AC Amplifier and Output Driver: These blocks perform signal amplification and drive the output.
- Output 1 and Output 2: Two distinct output sections.
- Power Input: Designates power input terminals.
️· Option Note: The diagram includes a broken line, indicating that certain sections (specifically relating to the "2nd output" option) are only present when that option is selected.
️· Numbered Blocks: Numbered blocks (e.g., 1, 3, 5, 7, 9) probably indicate connection points or specific components within the circuit.
️· Lack of Detail: The schematic is simplified, meaning it doesn't show every resistor, capacitor, or transistor. It represents the overall signal flow rather than a complete circuit diagram.
Limitations and Missing Information
️· Specific Ranges: The voltage and current input ranges, output ranges, and power supply requirements are not provided.
️· Accuracy and Resolution: Detailed accuracy and resolution specifications are absent.
️· Detailed Circuitry: The schematic is a functional block diagram rather than a complete circuit diagram.
️· Environmental Conditions: The operating temperature range, humidity limits, and other environmental specifications are not listed.
️· Physical Dimensions: Dimensions of the unit were not provided.
| Part No. | W2AC-AD2B-R/N |
| Manufacturer | MSYSTEM |
| Size | 109 Kbytes |
| Pages | 4 pages |
| Description | Space-saving Dual Output Signal Conditioners Mini-MW Series |