전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F2SN-2A6/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about F2SN-2A6/Q Datasheet

  • # Example questions: ➢ What are the operating temperature and humidity ranges for reliable operation of the f2sn?
    ➢ What is the typical accuracy of the f2sn signal conditioner, expressed as a percentage of span?
    ➢ What are the available input types for the f2sn signal conditioner?

  • Part No.F2SN-2A6/Q
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionSuper-mini Signal Conditioners F2 Series
    Datasheet Summary with AI

    1. General Information & Ordering

    ️· Product: M-System F2SN Signal Conditioner
    ️· Function: Converts current or voltage signals.
    ️· Ordering Code: F2SN-[1][2][3][4] - You specify values for each bracketed number to define the configuration.
    ️· Option Code: /Q allows selection of options like coating (e.g., /C01)
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Configuration Options (The [1][2][3][4] Codes)

    ️· [1] Number of Channels:
    - 1: Single-channel
    - 2: Dual-channel
    ️· [2] Input Signal Type:
    - A: 4-20mA DC Current
    - H: 10-50mA DC Current
    ️· [3] Output Signal Type:
    - A: 4-20mA DC Current
    - 6: 1-5V DC Voltage
    ️· [4] Not Described – See Ordering Information

    3. Input and Output Specifications (Examples Based on Configurations)


    ️· Input:
    - 4-20mA DC: Equivalent input impedance ~250 ohms, operational range 3-22mA.
    - 10-50mA DC: Equivalent input impedance ~100 ohms, operational range 7-55mA.
    ️· Output:
    - 4-20mA DC: Load resistance ≥ 50kΩ.
    - 1-5V DC: Specific output impedance and load characteristics would need to be confirmed from the full datasheet, but it’s clearly designed to interface with external circuits.

    4. Physical Characteristics and Environmental Conditions

    ️· Dimensions: 107 mm (4.21 inches)
    ️· Mounting: DIN rail
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Weight: 150g (0.33 lb)

    5. Performance Specifications

    ️· Accuracy: ±0.1% of span.
    ️· Temperature Coefficient: ±0.015%/°C for voltage output, ±0.02%/°C for current output.
    ️· Response Time: ≤ 0.5 seconds for voltage output, approximately 15ms for current output.

    6. Standards and Approvals

    ️· EU Conformity: Complies with EMC and RoHS directives.
    ️· Safety Approvals: UL/C-UL certified (specific standards referenced: UL 3111-1, CAN/CSA-C22.2 No. 1010-1).

    7. Schematic Circuitry & Connection

    ️· Voltage Output: Includes a chopper buffer, amplifier, and inverter rectifier.
    ️· Current Output: Includes isolation, load effect compensation, and an inverter.
    ️· The diagrams give a high-level view of the internal signal processing.



    To fully define your F2SN signal conditioner, you must provide the values for [1], [2], [3], and [4] according to the tables above.

    1. General Information & Ordering

    ️· Product: M-System F2SN Signal Conditioner
    ️· Function: Converts current or voltage signals.
    ️· Ordering Code: F2SN-[1][2][3][4] - You specify values for each bracketed number to define the configuration.
    ️· Option Code: /Q allows selection of options like coating (e.g., /C01)
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Configuration Options (The [1][2][3][4] Codes)

    ️· [1] Number of Channels:
    - 1: Single-channel
    - 2: Dual-channel
    ️· [2] Input Signal Type:
    - A: 4-20mA DC Current
    - H: 10-50mA DC Current
    ️· [3] Output Signal Type:
    - A: 4-20mA DC Current
    - 6: 1-5V DC Voltage
    ️· [4] Not Described – See Ordering Information

    3. Input and Output Specifications (Examples Based on Configurations)


    ️· Input:
    - 4-20mA DC: Equivalent input impedance ~250 ohms, operational range 3-22mA.
    - 10-50mA DC: Equivalent input impedance ~100 ohms, operational range 7-55mA.
    ️· Output:
    - 4-20mA DC: Load resistance ≥ 50kΩ.
    - 1-5V DC: Specific output impedance and load characteristics would need to be confirmed from the full datasheet, but it’s clearly designed to interface with external circuits.

    4. Physical Characteristics and Environmental Conditions

    ️· Dimensions: 107 mm (4.21 inches)
    ️· Mounting: DIN rail
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90% RH (non-condensing)
    ️· Weight: 150g (0.33 lb)

    5. Performance Specifications

    ️· Accuracy: ±0.1% of span.
    ️· Temperature Coefficient: ±0.015%/°C for voltage output, ±0.02%/°C for current output.
    ️· Response Time: ≤ 0.5 seconds for voltage output, approximately 15ms for current output.

    6. Standards and Approvals

    ️· EU Conformity: Complies with EMC and RoHS directives.
    ️· Safety Approvals: UL/C-UL certified (specific standards referenced: UL 3111-1, CAN/CSA-C22.2 No. 1010-1).

    7. Schematic Circuitry & Connection

    ️· Voltage Output: Includes a chopper buffer, amplifier, and inverter rectifier.
    ️· Current Output: Includes isolation, load effect compensation, and an inverter.
    ️· The diagrams give a high-level view of the internal signal processing.



    To fully define your F2SN signal conditioner, you must provide the values for [1], [2], [3], and [4] according to the tables above.

    Part No.F2SN-2A6/Q
    ManufacturerMSYSTEM
    Size103 Kbytes
    Pages3 pages
    DescriptionSuper-mini Signal Conditioners F2 Series