전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KCEZ-BB-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about KCEZ-BB-R Datasheet

  • # Example questions: ➢ What are the acceptable operating temperature and humidity ranges for the kcez device?
    ➢ If an input span narrower than 1ma is used, what is the expected line voltage effect on accuracy?
    ➢ What is the dielectric strength of the kcez device, and between which points is it measured?

  • Part No.KCEZ-BB-R
    ManufacturerMSYSTEM
    Size95 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT
    Datasheet Summary with AI

    1. Overview & Purpose:

    ️· The KCEZ is a signal conditioner, likely designed to adapt signals from sensors (e.g., current sensors, pressure sensors) into a form compatible with control systems or data acquisition.
    ️· It takes raw sensor signals and converts them into standardized outputs (DC voltage or current).

    2. Ordering Information & Configuration (Model Number Breakdown):

    ️· KCEZ - [Digits] (The digits represent configuration options – this document does not fully explain what each digit signifies. There's a table for many of the choices.)
    ️· Input Codes (A-Z): These dictate the input type and range. "Z" refers to custom inputs.
    ️· Output Codes: Define the output signal type (voltage or current) and its range.
    ️· Power Options: Accepts AC or DC power.

    3. Specifications & Performance:

    ️· Input: Accepts a variety of input types. Input ranges vary depending on the input code chosen.
    ️· Output: Provides DC voltage or DC current outputs. Output ranges are configurable.
    ️· Accuracy: ±1%
    ️· Temperature Coefficient: ±0.05%/°C (±0.03%/°F)
    ️· Response Time: ≤ 0.7 seconds (0 to 90% of full scale)
    ️· Ripple: ≤ 0.5% peak-to-peak
    ️· Power Input: AC or DC (specific voltage ranges are provided within the table)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Humidity: 30 to 90% Relative Humidity (non-condensing)
    ️· Weight: 400 g (0.88 lb)

    4. Mechanical Details:

    ️· DIN Rail mountable (no extra space needed between units).
    ️· Mounting Hole Size: 2–4.5 mm (.18”)
    ️· Includes terminal designations (1-8) corresponding to input and output connections. (See schematic diagram).

    5. Key Features & Considerations:

    ️· Versatile Input & Output: Supports a wide array of signal types and ranges to suit different sensor applications.
    ️· Isolation: Provides electrical isolation between input and output circuits.
    ️· Signal Conditioning: Performs signal conditioning functions like amplification, linearization, and filtering (details not provided).
    ️· Compact Size: DIN rail mounting saves space in control panels.
    ️· Requires Configuration: The model number specifies the required settings; understanding the coding is crucial for proper use. This document provides the structure, but not full definitions of all digits.

    6. Schematic Diagram:

    ️· Provides a visual representation of the terminal connections:
    - Terminals 1-4: Input connections (likely sensor power and signal)
    - Terminal 7: Positive power supply
    - Terminal 8: Negative power supply/Ground.
    - Terminals 2-4: Output and other connections.

    1. Overview & Purpose:

    ️· The KCEZ is a signal conditioner, likely designed to adapt signals from sensors (e.g., current sensors, pressure sensors) into a form compatible with control systems or data acquisition.
    ️· It takes raw sensor signals and converts them into standardized outputs (DC voltage or current).

    2. Ordering Information & Configuration (Model Number Breakdown):

    ️· KCEZ - [Digits] (The digits represent configuration options – this document does not fully explain what each digit signifies. There's a table for many of the choices.)
    ️· Input Codes (A-Z): These dictate the input type and range. "Z" refers to custom inputs.
    ️· Output Codes: Define the output signal type (voltage or current) and its range.
    ️· Power Options: Accepts AC or DC power.

    3. Specifications & Performance:

    ️· Input: Accepts a variety of input types. Input ranges vary depending on the input code chosen.
    ️· Output: Provides DC voltage or DC current outputs. Output ranges are configurable.
    ️· Accuracy: ±1%
    ️· Temperature Coefficient: ±0.05%/°C (±0.03%/°F)
    ️· Response Time: ≤ 0.7 seconds (0 to 90% of full scale)
    ️· Ripple: ≤ 0.5% peak-to-peak
    ️· Power Input: AC or DC (specific voltage ranges are provided within the table)
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Humidity: 30 to 90% Relative Humidity (non-condensing)
    ️· Weight: 400 g (0.88 lb)

    4. Mechanical Details:

    ️· DIN Rail mountable (no extra space needed between units).
    ️· Mounting Hole Size: 2–4.5 mm (.18”)
    ️· Includes terminal designations (1-8) corresponding to input and output connections. (See schematic diagram).

    5. Key Features & Considerations:

    ️· Versatile Input & Output: Supports a wide array of signal types and ranges to suit different sensor applications.
    ️· Isolation: Provides electrical isolation between input and output circuits.
    ️· Signal Conditioning: Performs signal conditioning functions like amplification, linearization, and filtering (details not provided).
    ️· Compact Size: DIN rail mounting saves space in control panels.
    ️· Requires Configuration: The model number specifies the required settings; understanding the coding is crucial for proper use. This document provides the structure, but not full definitions of all digits.

    6. Schematic Diagram:

    ️· Provides a visual representation of the terminal connections:
    - Terminals 1-4: Input connections (likely sensor power and signal)
    - Terminal 7: Positive power supply
    - Terminal 8: Negative power supply/Ground.
    - Terminals 2-4: Output and other connections.

    Part No.KCEZ-BB-R
    ManufacturerMSYSTEM
    Size95 Kbytes
    Pages3 pages
    DescriptionPlug-in Signal Conditioners K-UNIT