| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 400APS12P Datasheet
# Example questions:
➢ What is the maximum leakage current for a 520v model at 400v, 50 hz?
➢ Which operating voltage ranges are available for the aph and aps series filters?
➢ How does the weight of these filters potentially reduce overall system costs?
# CORCOM APH & APS Series High Current Filters
## Overview
TE Connectivity's Corcom APH & APS Series are 3-phase power line filters designed for high current applications (250A - 1600A) in alternative energy and motor drive industries. They feature compact, lightweight designs with corrosion-resistant busbar terminations.
## Key Features
· Current Ratings: 250A to 1600A
· Voltage Models: 520 VAC & 690 VAC
· Wiring Configuration: Delta
· Performance Levels: Two available
· Leakage Current: Available with limited leakage current options
· Weight: Lightweight for easy installation
· Dimensions: Compact design
· Busbar Terminations: Corrosion resistant
## Electrical Specifications
| Parameter | 520V Models | 690V Models |
|---|---|---|
| Nominal Leakage Current | 6 mA | 10 mA |
| Maximum Leakage Current | 222 mA @ 277V, 50Hz | 330 mA @ 400V, 50Hz |
| Hipot (Line to Ground) | 2200 VDC | 2640 VDC |
| Hipot (Line to Line) | 2160 VDC | 2520 VDC |
| Operating Frequency | 50 - 60 Hz | 50 - 60 Hz |
## Dimensions (Example - see datasheet for full table)
Dimensions vary by model. Example:
· 250APS12L/P: 208mm (L) x 160mm (W) x 123mm (H), Busbar: 5x20mm
· 1600APS12L/P: 350mm (L) x 210mm (W) x 175mm (H), Busbar: 10x63mm
## Applications
· Motor Drives
· Alternative Energy
· CNC Machines
## Ordering Information
· Refer to the datasheet for specific model numbers and dimensions.
· Customer drawings should be used for design activity.
# CORCOM APH & APS Series High Current Filters
## Overview
TE Connectivity's Corcom APH & APS Series are 3-phase power line filters designed for high current applications (250A - 1600A) in alternative energy and motor drive industries. They feature compact, lightweight designs with corrosion-resistant busbar terminations.
## Key Features
· Current Ratings: 250A to 1600A
· Voltage Models: 520 VAC & 690 VAC
· Wiring Configuration: Delta
· Performance Levels: Two available
· Leakage Current: Available with limited leakage current options
· Weight: Lightweight for easy installation
· Dimensions: Compact design
· Busbar Terminations: Corrosion resistant
## Electrical Specifications
| Parameter | 520V Models | 690V Models |
|---|---|---|
| Nominal Leakage Current | 6 mA | 10 mA |
| Maximum Leakage Current | 222 mA @ 277V, 50Hz | 330 mA @ 400V, 50Hz |
| Hipot (Line to Ground) | 2200 VDC | 2640 VDC |
| Hipot (Line to Line) | 2160 VDC | 2520 VDC |
| Operating Frequency | 50 - 60 Hz | 50 - 60 Hz |
| Part No. | 400APS12P |
| Manufacturer | TEC |
| Size | 1Mb |
| Pages | 2 pages |
| Description | High Current 3-Phase Power Line Filters |