| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about WSBS-1BA-V Datasheet
# Example questions:
➢ Can this device be configured to function as a simple amplifier with a single input, or does it inherently require two inputs for operation?
➢ What are the available output current options, and what is the maximum load resistance for each?
➢ What functionality does this option add to the device?
1. GENERAL OVERVIEW
️· Product: WSB Series Isolated Differential Input Signal Conditioners/Isolators. These are versatile devices used to condition and isolate signals.
️· Function: They accept differential input signals, condition them (amplification, filtering, linearization, etc.), and output a scaled and isolated signal. Primarily intended for industrial automation, process control, and data acquisition.
️· Key Features:
- Isolation: Crucially, these devices offer electrical isolation between the input and output circuits and the power supply circuit. This protects connected systems from ground loops, noise, and voltage transients.
- Differential Input: Designed to process differential signals (two wires carrying opposite polarity signals). This dramatically reduces the effects of common-mode noise (noise that is present on both wires).
- Programmability (potentially): Some models allow for programming via serial communication (not detailed in this datasheet excerpt).
- Flexibility: Configurable scaling and offset adjustment.
- Accuracy: High accuracy and low drift.
2. INPUT/OUTPUT
️· Input:
- Type: Differential.
- Range: Variable. The specific input voltage range is model-dependent.
- Common-Mode Range: Not explicitly listed, but an important characteristic to check on a specific model datasheet. The wider the common-mode range, the more robust the device is to noise.
️· Output:
- Type: Scaled and Isolated.
- Range: Variable, configurable.
- Output Configuration: Supports various output configurations to match application requirements.
- Scaling and Offset: The output signal can be adjusted for gain and offset to match the requirements of the downstream system.
3. POWER
️· Supply Voltage: Variable. The specific supply voltage range is model-dependent. Requires a separate power supply.
️· Isolation: The power supply is also electrically isolated from the input and output circuitry.
4. PERFORMANCE
️· Accuracy: High accuracy and low drift. This means the output will remain accurate over time and temperature changes. The datasheet mentions “Low Drift Output”.
️· Linearity: Offers good linearity, meaning the output signal is directly proportional to the input signal.
️· Response Time: Not specifically listed, but a factor to consider for dynamic applications.
️· Temperature Range: Operating Temperature Range is typically -40°C to +85°C, but this is model dependent.
️· Common-Mode Rejection Ratio (CMRR): High. This is a key indicator of how well the device rejects common-mode noise.
5. PHYSICAL
️· Package Type: Likely surface-mount (SMT). The schematic shows a "Base Socket," suggesting a module design.
️· Dimensions: Not detailed.
️· Mounting: DIN Rail mounting possible.
️· Spacing: "no extra space is needed between units"
6. ORDERING INFORMATION (Not Detailed Enough in the Extract)
️· Model Numbers: Not explicitly listed in this excerpt. You’re going to need the specific datasheet for the exact model you need.
️· Options: The asterisked note (`) indicates options, most likely regarding programmability or other configurable parameters. These options can be found on the specific datasheet.
HOW THESE DEVICES CAN BE USED
️· Process Control: Monitoring temperature, pressure, flow, or level in industrial processes.
️· Data Acquisition: Gathering data from sensors in noisy environments.
️· Motor Control: Isolating motor control signals to prevent interference.
️· PLC Interface: Connecting PLCs to field devices with different ground potentials.
️· Measurement Systems: Isolating sensitive measurement circuits from noise and ground loops.
IMPORTANT NOTES & LIMITATIONS OF THIS SUMMARY
️· Model-Specific Data: This is a generalized datasheet excerpt. *Crucially*, the specific voltage ranges, accuracy, isolation voltages, and other key parameters will vary greatly depending on the specific WSB model number. Always refer to the specific model datasheet.
️· Programmability: The level of programmability isn's clear from this extract.
️· Full Feature Set: This is only an excerpt. The full datasheet may contain additional features and information.
1. GENERAL OVERVIEW
️· Product: WSB Series Isolated Differential Input Signal Conditioners/Isolators. These are versatile devices used to condition and isolate signals.
️· Function: They accept differential input signals, condition them (amplification, filtering, linearization, etc.), and output a scaled and isolated signal. Primarily intended for industrial automation, process control, and data acquisition.
️· Key Features:
- Isolation: Crucially, these devices offer electrical isolation between the input and output circuits and the power supply circuit. This protects connected systems from ground loops, noise, and voltage transients.
- Differential Input: Designed to process differential signals (two wires carrying opposite polarity signals). This dramatically reduces the effects of common-mode noise (noise that is present on both wires).
- Programmability (potentially): Some models allow for programming via serial communication (not detailed in this datasheet excerpt).
- Flexibility: Configurable scaling and offset adjustment.
- Accuracy: High accuracy and low drift.
2. INPUT/OUTPUT
️· Input:
- Type: Differential.
- Range: Variable. The specific input voltage range is model-dependent.
- Common-Mode Range: Not explicitly listed, but an important characteristic to check on a specific model datasheet. The wider the common-mode range, the more robust the device is to noise.
️· Output:
- Type: Scaled and Isolated.
- Range: Variable, configurable.
- Output Configuration: Supports various output configurations to match application requirements.
- Scaling and Offset: The output signal can be adjusted for gain and offset to match the requirements of the downstream system.
3. POWER
️· Supply Voltage: Variable. The specific supply voltage range is model-dependent. Requires a separate power supply.
️· Isolation: The power supply is also electrically isolated from the input and output circuitry.
4. PERFORMANCE
️· Accuracy: High accuracy and low drift. This means the output will remain accurate over time and temperature changes. The datasheet mentions “Low Drift Output”.
️· Linearity: Offers good linearity, meaning the output signal is directly proportional to the input signal.
️· Response Time: Not specifically listed, but a factor to consider for dynamic applications.
️· Temperature Range: Operating Temperature Range is typically -40°C to +85°C, but this is model dependent.
️· Common-Mode Rejection Ratio (CMRR): High. This is a key indicator of how well the device rejects common-mode noise.
5. PHYSICAL
️· Package Type: Likely surface-mount (SMT). The schematic shows a "Base Socket," suggesting a module design.
️· Dimensions: Not detailed.
️· Mounting: DIN Rail mounting possible.
️· Spacing: "no extra space is needed between units"
6. ORDERING INFORMATION (Not Detailed Enough in the Extract)
️· Model Numbers: Not explicitly listed in this excerpt. You’re going to need the specific datasheet for the exact model you need.
️· Options: The asterisked note (`) indicates options, most likely regarding programmability or other configurable parameters. These options can be found on the specific datasheet.
HOW THESE DEVICES CAN BE USED
️· Process Control: Monitoring temperature, pressure, flow, or level in industrial processes.
️· Data Acquisition: Gathering data from sensors in noisy environments.
️· Motor Control: Isolating motor control signals to prevent interference.
️· PLC Interface: Connecting PLCs to field devices with different ground potentials.
️· Measurement Systems: Isolating sensitive measurement circuits from noise and ground loops.
IMPORTANT NOTES & LIMITATIONS OF THIS SUMMARY
️· Model-Specific Data: This is a generalized datasheet excerpt. *Crucially*, the specific voltage ranges, accuracy, isolation voltages, and other key parameters will vary greatly depending on the specific WSB model number. Always refer to the specific model datasheet.
️· Programmability: The level of programmability isn's clear from this extract.
️· Full Feature Set: This is only an excerpt. The full datasheet may contain additional features and information.
| Part No. | WSBS-1BA-V |
| Manufacturer | MSYSTEM |
| Size | 104 Kbytes |
| Pages | 3 pages |
| Description | Dual Output Plug-in Signal Conditioners W-UNIT |