| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BML05EE Datasheet
# Example questions:
➢ How does the sensor handle polarity reversal, and is any protection built-in?
➢ What is the maximum permissible ambient temperature for the operation of this magnetically coded sensor?
➢ What is the specified ip rating of this sensor, and what level of protection does it provide?
# Magnetically Coded Sensors - BML-S2C0-Q53G-M624-K0-KA05 (Order Code: BML05EE)
## General Information
️· Order Code: BML05EE
️· Series: S2C
️· eCl@ss 9.1: 27-27-07-05
️· ETIM 6.0: EC002544
️· Measuring Principle: Incremental measuring system
## Features
️· Additional Features:
- Reference signal pole-periodic
- With error signal
- Real-time capable
️· Application: Linear/rotary motion
️· Approval/Conformity: cURus, CE, EAC, WEEE
️· Function Indicator: Green LED, Red LED
️· Polarity reversal protected: Yes
️· Error signal: Yes
️· Interface: Digital A/B (HTL)
️· Reference Signal: Pole-periodic
️· Signal sequence: A before B = rising
## Electrical Data
️· Current Consumption: 80 mA at 24 V DC
️· Operating Voltage (Ub): 10...30 VDC
️· Switch-on Delay: Max. 500 ms
️· Number of Conductors: 12
️· Conductor Cross-section: 0.08 mm²
️· Connection: Cable, 5 m, PUR
️· Cable Diameter (D): 4.9...5.2 mm
️· Cable Length (L): 5 m, Drag chain compatible
️· Bending Radius (Fixed Cable): 7.5 x D
️· Bending Radius (Flexible Cable): 15 x D
## Environmental Conditions
️· Ambient Temperature: -20...80 °C
️· Cable Temperature (Drag Chain): -25...85 °C
️· Cable Temperature (Fixed Routing): -40...85 °C
️· Cable Temperature (Flexible Routing): -25...85 °C
️· Storage Temperature: -30...85 °C
️· Altitude Max.: 2000 m
️· IP Rating: IP67
## Mechanical Data
️· Dimension: 10 x 25 x 35 mm
️· Weight: 11 g (excluding cable)
️· Mounting Part: Through-hole 3.5 mm
️· Lateral Offset (Y): ±4 mm
️· Pitch Max.: ±1.0 °
️· Pole Width: 10 mm
️· Roll Max.: ±3.0 °
️· Yaw Max.: ± 3.0 °
## Range/Distance
️· Read Distance: 0.01...6.5 mm
️· Edge Separation Min.: 4 µs
️· Repeat Accuracy: ≤ 10 µm
️· Resolution: 10 µm (edge separation A/B)
️· Traverse Speed Max.: 1.98 m/s
️· Non-Linearity Max.: ±400 µm (z=1…5 mm, y=±2 mm)
️· Non-Linearity Typ.: ±550 µm (z=0.01…6.5mm, y=±4mm)
## Material
️· Housing Material: PBT
️· Material Jacket: PUR
️· Cable Flame-resistant: UL94 V0 and IEC 60332/2
## Functional Safety
️· MTTF (40 °C): 692 a
## Miscellaneous
️· Overall System Temperature Coefficient: 10.5 ppm/K
️· Ext. Magnetic Fields Max. (Operation): 1 mT (no effect)
# Magnetically Coded Sensors - BML-S2C0-Q53G-M624-K0-KA05 (Order Code: BML05EE)
## General Information
️· Order Code: BML05EE
️· Series: S2C
️· eCl@ss 9.1: 27-27-07-05
️· ETIM 6.0: EC002544
️· Measuring Principle: Incremental measuring system
## Features
️· Additional Features:
- Reference signal pole-periodic
- With error signal
- Real-time capable
️· Application: Linear/rotary motion
️· Approval/Conformity: cURus, CE, EAC, WEEE
️· Function Indicator: Green LED, Red LED
️· Polarity reversal protected: Yes
️· Error signal: Yes
️· Interface: Digital A/B (HTL)
️· Reference Signal: Pole-periodic
️· Signal sequence: A before B = rising
## Electrical Data
️· Current Consumption: 80 mA at 24 V DC
️· Operating Voltage (Ub): 10...30 VDC
️· Switch-on Delay: Max. 500 ms
️· Number of Conductors: 12
️· Conductor Cross-section: 0.08 mm²
️· Connection: Cable, 5 m, PUR
️· Cable Diameter (D): 4.9...5.2 mm
️· Cable Length (L): 5 m, Drag chain compatible
️· Bending Radius (Fixed Cable): 7.5 x D
️· Bending Radius (Flexible Cable): 15 x D
## Environmental Conditions
️· Ambient Temperature: -20...80 °C
️· Cable Temperature (Drag Chain): -25...85 °C
️· Cable Temperature (Fixed Routing): -40...85 °C
️· Cable Temperature (Flexible Routing): -25...85 °C
️· Storage Temperature: -30...85 °C
️· Altitude Max.: 2000 m
️· IP Rating: IP67
## Mechanical Data
️· Dimension: 10 x 25 x 35 mm
️· Weight: 11 g (excluding cable)
️· Mounting Part: Through-hole 3.5 mm
️· Lateral Offset (Y): ±4 mm
️· Pitch Max.: ±1.0 °
️· Pole Width: 10 mm
️· Roll Max.: ±3.0 °
️· Yaw Max.: ± 3.0 °
## Range/Distance
️· Read Distance: 0.01...6.5 mm
️· Edge Separation Min.: 4 µs
️· Repeat Accuracy: ≤ 10 µm
️· Resolution: 10 µm (edge separation A/B)
️· Traverse Speed Max.: 1.98 m/s
️· Non-Linearity Max.: ±400 µm (z=1…5 mm, y=±2 mm)
️· Non-Linearity Typ.: ±550 µm (z=0.01…6.5mm, y=±4mm)
## Material
️· Housing Material: PBT
️· Material Jacket: PUR
️· Cable Flame-resistant: UL94 V0 and IEC 60332/2
## Functional Safety
️· MTTF (40 °C): 692 a
## Miscellaneous
️· Overall System Temperature Coefficient: 10.5 ppm/K
️· Ext. Magnetic Fields Max. (Operation): 1 mT (no effect)
| Part No. | BML05EE |
| Manufacturer | BALLUFF |
| Size | 126 Kbytes |
| Pages | 2 pages |
| Description | Magnetically Coded Sensors |