전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BML0904 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BML0904 Datasheet

  • # Example questions: ➢ What is the maximum allowable ambient temperature for this sensor's operation?
    ➢ How is the position data output from this sensor, specifically regarding its data format and interface?
    ➢ What is the maximum traverse speed at which this sensor can accurately measure position?

  • Part No.BML0904
    ManufacturerBALLUFF
    Size118 Kbytes
    Pages3 pages
    DescriptionMagnetically Coded Sensors
    Datasheet Summary with AI

    # Magnetically Coded Sensors
    ## Overview
    ️· Model: BML SL1-ALZ1-UEZZ-ZU1L-S4
    ️· Order Code: BML0904
    ️· Website: www.balluff.com

    ## Application & Features
    ️· Application: Linear/rotary motion
    ️· Measuring Principle: Absolute measuring system
    ️· Series: SL1
    ️· Interface: IO-Link 1.1, Binary Coding
    ️· Real-Time Signals: Analog, Sin/Cos
    ️· Function Indicator: Green LED, Yellow LED, Red LED

    ## Electrical Specifications
    ️· Operating Voltage: 18...30 VDC
    ️· Output Value: Position in µm
    ️· Power Consumption: ≤ 1.4 W (no load)
    ️· Hysteresis: 1 µm max.
    ️· Switch-on Delay: 100 ms max.
    ️· Polarity Reversal Protection: Yes

    ## Mechanical & Environmental
    ️· Dimensions: 16 x 18.6 x 54 mm
    ️· Weight: 50 g
    ️· Ambient Temperature: -20...70 °C
    ️· Storage Temperature: -25...85 °C
    ️· IP Rating: IP67
    ️· Material: Die-cast zinc, nickel plated, Chrome-plated

    ## Performance
    ️· Measuring Range: 8190 mm
    ️· Resolution: 1 µm
    ️· Repeat Accuracy: ≤ 1 µm
    ️· Non-linearity: ±5 µm max.
    ️· Optimal Read Distance: 0.4 mm
    ️· Read Distance: 0.01...1.3 mm
    ️· Traverse Speed: 10 m/s max.
    ️· Interpolation Factor: 2000
    ️· Overall System Temperature Coefficient: 10.5 ppm/K
    ️· MTTF (40°C): 153 a

    # Magnetically Coded Sensors
    ## Overview
    ️· Model: BML SL1-ALZ1-UEZZ-ZU1L-S4
    ️· Order Code: BML0904
    ️· Website: www.balluff.com

    ## Application & Features
    ️· Application: Linear/rotary motion
    ️· Measuring Principle: Absolute measuring system
    ️· Series: SL1
    ️· Interface: IO-Link 1.1, Binary Coding
    ️· Real-Time Signals: Analog, Sin/Cos
    ️· Function Indicator: Green LED, Yellow LED, Red LED

    ## Electrical Specifications
    ️· Operating Voltage: 18...30 VDC
    ️· Output Value: Position in µm
    ️· Power Consumption: ≤ 1.4 W (no load)
    ️· Hysteresis: 1 µm max.
    ️· Switch-on Delay: 100 ms max.
    ️· Polarity Reversal Protection: Yes

    ## Mechanical & Environmental
    ️· Dimensions: 16 x 18.6 x 54 mm
    ️· Weight: 50 g
    ️· Ambient Temperature: -20...70 °C
    ️· Storage Temperature: -25...85 °C
    ️· IP Rating: IP67
    ️· Material: Die-cast zinc, nickel plated, Chrome-plated

    ## Performance
    ️· Measuring Range: 8190 mm
    ️· Resolution: 1 µm
    ️· Repeat Accuracy: ≤ 1 µm
    ️· Non-linearity: ±5 µm max.
    ️· Optimal Read Distance: 0.4 mm
    ️· Read Distance: 0.01...1.3 mm
    ️· Traverse Speed: 10 m/s max.
    ️· Interpolation Factor: 2000
    ️· Overall System Temperature Coefficient: 10.5 ppm/K
    ️· MTTF (40°C): 153 a

    Part No.BML0904
    ManufacturerBALLUFF
    Size118 Kbytes
    Pages3 pages
    DescriptionMagnetically Coded Sensors