| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AP163-317 Datasheet
# Example questions:
➢ What is the minimum supply voltage (vd) required for the ap163-317, according to the absolute maximum ratings table?
➢ Within what frequency range is the ap163-317 designed to operate, as specified in the absolute maximum ratings section?
➢ What is the typical dc current consumption of the ap163-317 when delivering a linear output power of 25 dbm?
# AP163-317 3.3V, 802.11b/g Linear Power Amplifier
## Features
· High Linearity: 23 dBm
· DC Current: 180 mA @ 3.3 V
· Compliant: 802.11b/g
· Frequency: 1800–2500 MHz
· Gain: 19 dB
· Output Power: 27 dBm @ 2.4 GHz
· Package: Low cost plastic package, Tape & Reel available.
## Description
· Linear, medium power amplifier for 2.4–2.5 GHz ISM band.
· Designed for low voltage operation with 802.11b/g signals.
· Housed in a 16-pin, 4x4 mm micro lead package.
## Electrical Specifications
· Frequency Range: 1800-2500 MHz
· Small Signal Gain (S21): 17-22 dB
· Output Power at 1 dB Compression (P1dB): 26-27 dBm
· Linear Output Power: 23-23.5 dBm @ 186 mA
· First Sidelobe: -40 dBc
· Second Sidelobe: -54 dBc
· Operating Voltage: 2.5-4.5V
· Reverse Isolation: ≥30 dB
· Current Consumption: 90-186 mA
## Absolute Maximum Ratings
· RF Input Power: 20 dBm
· Supply Current: 800 mA
· Supply Voltage: 5 V
· Operating Temperature: -65°C to +125°C
· Storage Temperature: -65°C to +125°C
## Evaluation Board
· Schematic and layout provided for evaluation purposes.
· Key components: Q1 MZ1, R1 560 Ω.
# AP163-317 3.3V, 802.11b/g Linear Power Amplifier
## Features
· High Linearity: 23 dBm
· DC Current: 180 mA @ 3.3 V
· Compliant: 802.11b/g
· Frequency: 1800–2500 MHz
· Gain: 19 dB
· Output Power: 27 dBm @ 2.4 GHz
· Package: Low cost plastic package, Tape & Reel available.
## Description
· Linear, medium power amplifier for 2.4–2.5 GHz ISM band.
· Designed for low voltage operation with 802.11b/g signals.
· Housed in a 16-pin, 4x4 mm micro lead package.
## Electrical Specifications
· Frequency Range: 1800-2500 MHz
· Small Signal Gain (S21): 17-22 dB
· Output Power at 1 dB Compression (P1dB): 26-27 dBm
· Linear Output Power: 23-23.5 dBm @ 186 mA
· First Sidelobe: -40 dBc
· Second Sidelobe: -54 dBc
· Operating Voltage: 2.5-4.5V
· Reverse Isolation: ≥30 dB
· Current Consumption: 90-186 mA
## Absolute Maximum Ratings
· RF Input Power: 20 dBm
· Supply Current: 800 mA
· Supply Voltage: 5 V
· Operating Temperature: -65°C to +125°C
· Storage Temperature: -65°C to +125°C
## Evaluation Board
· Schematic and layout provided for evaluation purposes.
· Key components: Q1 MZ1, R1 560 Ω.
| Part No. | AP163-317 |
| Manufacturer | SKYWORKS |
| Size | 178 Kbytes |
| Pages | 3 pages |
| Description | 3.3 V, 802.11b/g Linear Power Amplifier |