| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DF005MA Datasheet
# Example questions:
➢ What is the case style used for the package outlined in the document?
➢ For what types of applications are vishay products *not* designed?
➢ What is the typical maximum heating time shown on figure 6?
# Miniature Glass Passivated Single-Phase Bridge Rectifiers
## Features
· UL recognition (file number E54214)
· Suitable for PCB and automated insertion
· High surge current capability
· Solder dip 275 °C (max. 10 s)
· RoHS-compliant options available (E3 suffix)
## Applications
· General purpose AC/DC bridge rectification
· SMPS, lighting ballasts, adapters, battery chargers, home/office appliances, telecommunications
## Mechanical Data
· Case: DFM
· UL 94 V-0 flammability rating
· Matte tin plated leads, solderable (J-STD-002/JESD 22-B102)
· Polarity marked on body
## Primary Characteristics
· IF(AV): 1 A
· VRRM: 50 V, 100 V, 200 V, 400 V, 600 V, 800 V, 1000 V
· IFSM: 30 A
· IR: 5 μA
· VF: 1.1 V (at IF = 1.0 A)
· TJ max.: 150 °C
## Maximum Ratings
· VRRM: 50 - 1000 V (depending on model)
· VRMS: 35 - 700 V (depending on model)
· VDC: 50 - 1000 V (depending on model)
· IF(AV): 1.0 A
· IFSM: 30 A
· I2t: 4.5 A²s
· TJ, TSTG: -55 to +150 °C
## Electrical Characteristics
· VF: 1.1 V (at 1.0 A)
· IR: 5 μA (at rated VDC, 25°C) / 500 μA (at rated VDC, 125°C)
· CJ: 25 pF (typical)
## Thermal Characteristics
· RθJA: 40 °C/W
· RθJL: 15 °C/W
## Ordering Information
· Example: DF06MA-E3/45 (Tube packaging, 50 units)
# Miniature Glass Passivated Single-Phase Bridge Rectifiers
## Features
· UL recognition (file number E54214)
· Suitable for PCB and automated insertion
· High surge current capability
· Solder dip 275 °C (max. 10 s)
· RoHS-compliant options available (E3 suffix)
## Applications
· General purpose AC/DC bridge rectification
· SMPS, lighting ballasts, adapters, battery chargers, home/office appliances, telecommunications
## Mechanical Data
· Case: DFM
· UL 94 V-0 flammability rating
· Matte tin plated leads, solderable (J-STD-002/JESD 22-B102)
· Polarity marked on body
## Primary Characteristics
· IF(AV): 1 A
· VRRM: 50 V, 100 V, 200 V, 400 V, 600 V, 800 V, 1000 V
· IFSM: 30 A
· IR: 5 μA
· VF: 1.1 V (at IF = 1.0 A)
· TJ max.: 150 °C
## Maximum Ratings
· VRRM: 50 - 1000 V (depending on model)
· VRMS: 35 - 700 V (depending on model)
· VDC: 50 - 1000 V (depending on model)
· IF(AV): 1.0 A
· IFSM: 30 A
· I2t: 4.5 A²s
· TJ, TSTG: -55 to +150 °C
## Electrical Characteristics
· VF: 1.1 V (at 1.0 A)
· IR: 5 μA (at rated VDC, 25°C) / 500 μA (at rated VDC, 125°C)
· CJ: 25 pF (typical)
## Thermal Characteristics
· RθJA: 40 °C/W
· RθJL: 15 °C/W
## Ordering Information
· Example: DF06MA-E3/45 (Tube packaging, 50 units)
| Part No. | DF005MA |
| Manufacturer | VISHAY |
| Size | 90 Kbytes |
| Pages | 5 pages |
| Description | Miniature Glass Passivated Single-Phase Bridge Rectifiers |