전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM520C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SM520C Datasheet

  • # Example questions: ➢ What is the customer's responsibility when using ait products in critical applications?
    ➢ What are the dimensions of the recommended mounting pad in millimeters for parameter 'a' (maximum)?
    ➢ What is the maximum average forward rectified current for all listed devices?

  • Part No.SM520C
    ManufacturerAITSEMI
    Size360 Kbytes
    Pages5 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
    Datasheet Summary with AI

    1. General Description

    ️· Product: Schottky Barrier Rectifiers
    ️· Manufacturer: AiT Semiconductor
    ️· Series: SM520C through SM5200C (a range of models)
    ️· Function: These are semiconductor devices designed to allow current flow in one direction only, with a low forward voltage drop characteristic of Schottky diodes.
    ️· Applications: Suitable for general rectification, switching power supplies, DC-DC converters, and other applications where low voltage drop and fast switching are required.
    ️· Revision: Document revision is REV3.1, released in August 2018.

    2. Key Features & Benefits

    ️· Low Forward Voltage Drop: Schottky diodes are known for their lower forward voltage drop compared to standard silicon diodes, resulting in reduced power losses.
    ️· Fast Switching Speed: Schottky diodes exhibit fast switching characteristics, making them suitable for high-frequency applications.
    ️· RoHS Compliant: The products are compliant with the Restriction of Hazardous Substances (RoHS) directive.
    ️· Variety of Voltage/Current Ratings: The range (SM520C to SM5200C) provides options for different voltage and current requirements.

    3. Absolute Maximum Ratings & Electrical Characteristics

    This is a critical section. Key parameters include (but are not limited to - see the table below for more detail):

    ️· Reverse Voltage (VRRM): Ranges from 20V to 200V, depending on the specific model (SM520C to SM5200C).
    ️· Forward Current (IF(AV)): All models listed have a 5.0A forward current rating.
    ️· Peak Forward Surge Current (IFSM): Ranges from 150A to 175A depending on the model.
    ️· Forward Voltage (VF): Ranges from 0.45V to 0.85V, depending on the model.
    ️· Reverse Current (IR): Low, but the exact value is model-dependent.
    ️· Junction Temperature (TJ): -55°C to +150°C.
    ️· Storage Temperature (TSTG): -55°C to +150°C.

    4. Package Information

    ️· Type: Plastic Surface Mounted Package (2 leads)
    ️· Dimensions: Specific dimensions are provided in a table within the datasheet.
    ️· Mounting: Designed for surface mount technology.

    5. Important Notes

    ️· Disclaimer: AiT Semiconductor reserves the right to change product specifications without notice.
    ️· Life Support Applications: The datasheet explicitly states that these devices are *not* intended for use in life support applications without prior written agreement with AiT Semiconductor.
    ️· Liability: AiT Semiconductor assumes no liability for customer product design or application support.

    Table of Key Parameters (Summary)

    Parameter SM520C SM540C SM560C SM580C SM5100C SM5120C SM5150C SM5200C Unit
    VRRM (Reverse Voltage) 20 40 60 80 100 120 150 200 V
    IF(AV) (Avg. Forward Current) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 A
    IFSM (Peak Surge Current) 175 175 175 175 150 150 150 150 A
    VF (Forward Voltage) 0.45 0.55 0.70 0.70 0.85 0.85 0.85 0.85 V
    CJ (Junction Capacitance) 600 600 400 400 400 400 400 400 pF
    RθJA (Thermal Resistance) 35 35 35 35 35 35 35 35 °C/W

    1. General Description

    ️· Product: Schottky Barrier Rectifiers
    ️· Manufacturer: AiT Semiconductor
    ️· Series: SM520C through SM5200C (a range of models)
    ️· Function: These are semiconductor devices designed to allow current flow in one direction only, with a low forward voltage drop characteristic of Schottky diodes.
    ️· Applications: Suitable for general rectification, switching power supplies, DC-DC converters, and other applications where low voltage drop and fast switching are required.
    ️· Revision: Document revision is REV3.1, released in August 2018.

    2. Key Features & Benefits

    ️· Low Forward Voltage Drop: Schottky diodes are known for their lower forward voltage drop compared to standard silicon diodes, resulting in reduced power losses.
    ️· Fast Switching Speed: Schottky diodes exhibit fast switching characteristics, making them suitable for high-frequency applications.
    ️· RoHS Compliant: The products are compliant with the Restriction of Hazardous Substances (RoHS) directive.
    ️· Variety of Voltage/Current Ratings: The range (SM520C to SM5200C) provides options for different voltage and current requirements.

    3. Absolute Maximum Ratings & Electrical Characteristics

    This is a critical section. Key parameters include (but are not limited to - see the table below for more detail):

    ️· Reverse Voltage (VRRM): Ranges from 20V to 200V, depending on the specific model (SM520C to SM5200C).
    ️· Forward Current (IF(AV)): All models listed have a 5.0A forward current rating.
    ️· Peak Forward Surge Current (IFSM): Ranges from 150A to 175A depending on the model.
    ️· Forward Voltage (VF): Ranges from 0.45V to 0.85V, depending on the model.
    ️· Reverse Current (IR): Low, but the exact value is model-dependent.
    ️· Junction Temperature (TJ): -55°C to +150°C.
    ️· Storage Temperature (TSTG): -55°C to +150°C.

    4. Package Information

    ️· Type: Plastic Surface Mounted Package (2 leads)
    ️· Dimensions: Specific dimensions are provided in a table within the datasheet.
    ️· Mounting: Designed for surface mount technology.

    5. Important Notes

    ️· Disclaimer: AiT Semiconductor reserves the right to change product specifications without notice.
    ️· Life Support Applications: The datasheet explicitly states that these devices are *not* intended for use in life support applications without prior written agreement with AiT Semiconductor.
    ️· Liability: AiT Semiconductor assumes no liability for customer product design or application support.

    Table of Key Parameters (Summary)

    Parameter SM520C SM540C SM560C SM580C SM5100C SM5120C SM5150C SM5200C Unit
    VRRM (Reverse Voltage) 20 40 60 80 100 120 150 200 V
    IF(AV) (Avg. Forward Current) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 A
    IFSM (Peak Surge Current) 175 175 175 175 150 150 150 150 A
    VF (Forward Voltage) 0.45 0.55 0.70 0.70 0.85 0.85 0.85 0.85 V
    CJ (Junction Capacitance) 600 600 400 400 400 400 400 400 pF
    RθJA (Thermal Resistance) 35 35 35 35 35 35 35 35 °C/W

    Part No.SM520C
    ManufacturerAITSEMI
    Size360 Kbytes
    Pages5 pages
    DescriptionSCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A