# MEGA BRIGHT LED BTL-54NRC-XX-X
## Product Features
· Ultra Bright Normal Red Color
· High Light Output
· 5x4mm Diameter Elliptical Package
· Water Clear Lens
· Highly Reliable
· IC Compatible
· Leads without Stand Off
## Applications
· Full Color Display
· Automotive
· Front Panel Indicator
· Special Lighting
· General Purpose LEDs
## Optical & Electrical Characteristics (Ta=25℃)
· Luminous Intensity (Iv): 2500 mcd (min), ±15% tolerance
· Viewing Angle (2θ):
- X: 70°
- y: 30°
· Dominant Wavelength (λD): 620-635 nm, ±2nm tolerance
· DC Forward Voltage (VF): 1.9-2.5V (IF = 20mA)
· DC Reverse Current (IR): 0-10 µA (VR=5V)
## Absolute Maximum Ratings (Ta=25℃)
· Power Rating (PD): 100 mW
· Reverse Voltage (VR): 5 V
· Continuous Forward Current (IF): 30 mA
· Peak Forward Current (IFP): 50 mA (0.1 duty cycle @ 1kHz)
· Operating Temperature Range (Topr): -35 ~ +80 ℃
· Storage Temperature Range (Tstg): -40 ~ +100 ℃
· Lead Soldering Temperature: 260℃ (max 5 seconds)
## Wavelength and Brightness Selection
· Wavelength Bin (Normal Red):
- O1: 620-625 nm
- O2: 625-630 nm
- O3: 630-635 nm
- XX: 620-635 nm
· Brightness Bin:
- P: 1485-1930 mcd
- Q: 1930-2510 mcd
- R: 2510-3265 mcd
## Packaging
· Standard: 1000 pc bulk pack
· Optional: Tape and Reel (specify when ordering)