전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP2014 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AP2014 Datasheet

  • # Example questions: ➢ What is the maximum height (a) of the sop-8l package in millimeters?
    ➢ The document details two package types: sop-8l and pdip-8l. what is the pitch (e) between pins for the pdip-8l package in inches?
    ➢ What is the nominal value for dimension 'e' in millimeters?

  • Part No.AP2014
    ManufacturerANACHIP
    Size233 Kbytes
    Pages12 pages
    DescriptionSynchronous PWM Controller
    Datasheet Summary with AI

    1. Device Overview

    ️· Device: AP2014/A (Synchronous PWM Controller)
    ️· Manufacturer: Anachip Corp
    ️· Revision: Rev. 1.2, November 29, 2005
    ️· Package Options:
    - SOP-8L (Small Outline Package, 8-Lead)
    - PDIP-8L (Plastic Dual In-line Package, 8-Lead)
    ️· Website: [www.anachip.com.tw](http://www.anachip.com.tw)

    2. Functional Description (Implied - no explicit description provided)

    ️· The AP2014/A is a synchronous PWM controller. This implies it's used to regulate voltage and control power delivery, likely in DC-DC converter applications. The "synchronous" aspect suggests it utilizes synchronous rectification for higher efficiency.

    3. Package Dimensions & Specifications (Detailed for both SOP-8L & PDIP-8L)

    a) SOP-8L Package

    ️· Diagram: A visual representation of the SOP-8L package showing pin locations, dimensions, and key features.
    ️· Dimensions (Millimeters & Inches):
    - A: 1.40 - 1.75 (0.055 - 0.069)
    - A1: 0.10 (0.040)
    - A2: 1.30 - 1.50 (0.051 - 0.059)
    - B: 0.33 - 0.51 (0.013 - 0.020)
    - C: 0.19 - 0.25 (0.0075 - 0.010)
    - D: 4.80 - 5.30 (0.189 - 0.209)
    - E: 3.70 - 4.10 (0.146 - 0.161)
    - e: 1.27 (0.050) - Pitch
    - H: 5.79 - 6.20 (0.228 - 0.244)
    - L: 0.38 - 1.27 (0.015 - 0.050)
    - y: Up to 0.10 (0.004)
    ️· Notes:
    - "E-PIN O0.118 inch" - Refers to a specific edge feature.
    - Diagram depicts the package body.

    b) PDIP-8L Package

    ️· Diagram: A visual representation of the PDIP-8L package.
    ️· Dimensions (Millimeters & Inches):
    - A: 3.1 - 3.5 (0.122 - 0.138)
    - B: 0.36 - 0.56 (0.014 - 0.022)
    - B1: 1.4 - 1.65 (0.055 - 0.065)
    - B2: 0.81 - 1.14 (0.032 - 0.045)
    - C: 0.20 - 0.36 (0.008 - 0.014)
    - D: 9.02 - 9.53 (0.355 - 0.375)
    - E: 7.62 - 8.26 (0.300 - 0.325)
    - E1: 6.15 - 6.55 (0.242 - 0.258)
    - e: 2.54 (0.100) - Pitch
    - L: 2.92 - 3.81 (0.115 - 0.150)
    - eB: 8.38 - 9.70 (0.330 - 0.382)
    - S: 0.71 - 0.97 (0.028 - 0.038)
    ️· Notes:
    - "PIN #1 INDENT O0.025 DEEP 0.006-0.008 inch" - Indicates a notch to identify pin 1.

    4. Additional Information:

    ️· Page numbers appear throughout the document (e.g., 11/12, 12/12).
    ️· Diagrams and tables are heavily used for package specification.
    ️· A number of numbered locations appear across the SOP-8L diagram with numbers like "7 (4X)". These are potentially location markers for manufacturing processes.

    Limitations of Summary:

    ️· Functional Details: The document doesn't provide a detailed explanation of the AP2014/A's operation as a PWM controller.
    ️· Electrical Characteristics: There are no datasheet-like electrical specifications (voltage ranges, current limits, etc.).
    ️· Application Information: No suggestions on how to use the AP2014/A in a circuit.
    ️· Image Resolution: Some very fine details in the diagrams are hard to interpret due to image quality.

    1. Device Overview

    ️· Device: AP2014/A (Synchronous PWM Controller)
    ️· Manufacturer: Anachip Corp
    ️· Revision: Rev. 1.2, November 29, 2005
    ️· Package Options:
    - SOP-8L (Small Outline Package, 8-Lead)
    - PDIP-8L (Plastic Dual In-line Package, 8-Lead)
    ️· Website: [www.anachip.com.tw](http://www.anachip.com.tw)

    2. Functional Description (Implied - no explicit description provided)

    ️· The AP2014/A is a synchronous PWM controller. This implies it's used to regulate voltage and control power delivery, likely in DC-DC converter applications. The "synchronous" aspect suggests it utilizes synchronous rectification for higher efficiency.

    3. Package Dimensions & Specifications (Detailed for both SOP-8L & PDIP-8L)

    a) SOP-8L Package

    ️· Diagram: A visual representation of the SOP-8L package showing pin locations, dimensions, and key features.
    ️· Dimensions (Millimeters & Inches):
    - A: 1.40 - 1.75 (0.055 - 0.069)
    - A1: 0.10 (0.040)
    - A2: 1.30 - 1.50 (0.051 - 0.059)
    - B: 0.33 - 0.51 (0.013 - 0.020)
    - C: 0.19 - 0.25 (0.0075 - 0.010)
    - D: 4.80 - 5.30 (0.189 - 0.209)
    - E: 3.70 - 4.10 (0.146 - 0.161)
    - e: 1.27 (0.050) - Pitch
    - H: 5.79 - 6.20 (0.228 - 0.244)
    - L: 0.38 - 1.27 (0.015 - 0.050)
    - y: Up to 0.10 (0.004)
    ️· Notes:
    - "E-PIN O0.118 inch" - Refers to a specific edge feature.
    - Diagram depicts the package body.

    b) PDIP-8L Package

    ️· Diagram: A visual representation of the PDIP-8L package.
    ️· Dimensions (Millimeters & Inches):
    - A: 3.1 - 3.5 (0.122 - 0.138)
    - B: 0.36 - 0.56 (0.014 - 0.022)
    - B1: 1.4 - 1.65 (0.055 - 0.065)
    - B2: 0.81 - 1.14 (0.032 - 0.045)
    - C: 0.20 - 0.36 (0.008 - 0.014)
    - D: 9.02 - 9.53 (0.355 - 0.375)
    - E: 7.62 - 8.26 (0.300 - 0.325)
    - E1: 6.15 - 6.55 (0.242 - 0.258)
    - e: 2.54 (0.100) - Pitch
    - L: 2.92 - 3.81 (0.115 - 0.150)
    - eB: 8.38 - 9.70 (0.330 - 0.382)
    - S: 0.71 - 0.97 (0.028 - 0.038)
    ️· Notes:
    - "PIN #1 INDENT O0.025 DEEP 0.006-0.008 inch" - Indicates a notch to identify pin 1.

    4. Additional Information:

    ️· Page numbers appear throughout the document (e.g., 11/12, 12/12).
    ️· Diagrams and tables are heavily used for package specification.
    ️· A number of numbered locations appear across the SOP-8L diagram with numbers like "7 (4X)". These are potentially location markers for manufacturing processes.

    Limitations of Summary:

    ️· Functional Details: The document doesn't provide a detailed explanation of the AP2014/A's operation as a PWM controller.
    ️· Electrical Characteristics: There are no datasheet-like electrical specifications (voltage ranges, current limits, etc.).
    ️· Application Information: No suggestions on how to use the AP2014/A in a circuit.
    ️· Image Resolution: Some very fine details in the diagrams are hard to interpret due to image quality.

    Part No.AP2014
    ManufacturerANACHIP
    Size233 Kbytes
    Pages12 pages
    DescriptionSynchronous PWM Controller