| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GAAGE24 Datasheet
# Example questions:
➢ What is the attenuation level at 1300 nm, and how does this affect signal transmission over long distances?
➢ How does the cable's waterblocking feature (waterblocking aramid yarns + tape) contribute to its suitability for outdoor applications?
➢ What is the maximum span length for which this cable is suitable when installed between poles?
# GAAGE24 Outdoor (ADSS) Optical Fiber Cable
## Product Description
· 24-fiber Multi Loose Tube cable
· OM4 fiber
· Outdoor, all dielectric, self-supporting (ADSS)
· Aramid yarn strength member
· Polyethylene (PE) outer jacket
· 6 tubes with 1.9mm diameter, 24 fibers (4t x 6f)
## Technical Specifications
### Construction
· Fiber Type: OM4
· Fiber Count: 24
· TIA Color Coding: Blue, Orange, Green, Brown
· Central Strength Member: GRP
· Water Tight: Yes
· Waterblocking: Aramid Yarns + Tape
· Bulk Cable Weight: 72 kg/km
### Subunit Specifications
· Number of Active Subunits: 4
· Number of Subunit Positions: 6
· Fibers Per Subunit: 6
· Subunit Diameter: 1.9 mm
· Subunit Waterblocking: Gel Filled
### Jacket Specifications
· Number of Jackets: Single Jacket
· Armor: Non-Armored
· Outer Jacket Material: PE - Polyethylene
· Outer Jacket Color: Black
· Nominal Diameter: 10.3 mm
· Ripcord: Yes
### Optical Characteristics
· Max. Attenuation at 1300 nm: 0.9 dB/km
· Max. Attenuation at 850 nm: 2.9 dB/km
### Mechanical Characteristics
· Min. Bend Radius (Installation): 206 mm
· Min. Bend Radius (Operation): 206 mm
· Max. Tensile Strength (Installation): 2550 N (573 lbf)
· Max. Tensile Strength (Operation): 850 N (191 lbf)
· Max. Crush Resistance (Installation): 15 kN/m
· Max. Crush Resistance (Operation): 7.5 kN/m
### Temperature Range
· Operating: -30 °C to +70 °C
· Installation: -5 °C to +50 °C
· Storage: -30 °C to +70 °C
### Standards
· UL Rating/Flame Test: Non-UL Rated
· REACH: Compliant
· ISO/IEC Compliance: IEC 60794
· RoHS 2 Compliant: Yes
· UV/Sunlight Protection: Yes
### History
· Revision Date: 01-20-2023
# GAAGE24 Outdoor (ADSS) Optical Fiber Cable
## Product Description
· 24-fiber Multi Loose Tube cable
· OM4 fiber
· Outdoor, all dielectric, self-supporting (ADSS)
· Aramid yarn strength member
· Polyethylene (PE) outer jacket
· 6 tubes with 1.9mm diameter, 24 fibers (4t x 6f)
## Technical Specifications
### Construction
· Fiber Type: OM4
· Fiber Count: 24
· TIA Color Coding: Blue, Orange, Green, Brown
· Central Strength Member: GRP
· Water Tight: Yes
· Waterblocking: Aramid Yarns + Tape
· Bulk Cable Weight: 72 kg/km
### Subunit Specifications
· Number of Active Subunits: 4
· Number of Subunit Positions: 6
· Fibers Per Subunit: 6
· Subunit Diameter: 1.9 mm
· Subunit Waterblocking: Gel Filled
### Jacket Specifications
· Number of Jackets: Single Jacket
· Armor: Non-Armored
· Outer Jacket Material: PE - Polyethylene
· Outer Jacket Color: Black
· Nominal Diameter: 10.3 mm
· Ripcord: Yes
### Optical Characteristics
· Max. Attenuation at 1300 nm: 0.9 dB/km
· Max. Attenuation at 850 nm: 2.9 dB/km
### Mechanical Characteristics
· Min. Bend Radius (Installation): 206 mm
· Min. Bend Radius (Operation): 206 mm
· Max. Tensile Strength (Installation): 2550 N (573 lbf)
· Max. Tensile Strength (Operation): 850 N (191 lbf)
· Max. Crush Resistance (Installation): 15 kN/m
· Max. Crush Resistance (Operation): 7.5 kN/m
### Temperature Range
· Operating: -30 °C to +70 °C
· Installation: -5 °C to +50 °C
· Storage: -30 °C to +70 °C
### Standards
· UL Rating/Flame Test: Non-UL Rated
· REACH: Compliant
· ISO/IEC Compliance: IEC 60794
· RoHS 2 Compliant: Yes
· UV/Sunlight Protection: Yes
### History
· Revision Date: 01-20-2023
| Part No. | GAAGE24 |
| Manufacturer | BELDEN |
| Size | 151 Kbytes |
| Pages | 2 pages |
| Description | Outdoor (ADSS) OFC MLT: ARAMID + PE with 6 Tubes of Ø1.9mm 24f MM OM4. |
| 개인정보취급방침 |
| ALLDATASHEET.CO.KR |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |