전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.HCTS393D
MfrRENESAS
Size471 Kbytes
Pages9 pages
DescriptionRadiation Hardened Dual 4-Stage Binary Counter
Datasheet SummaryAI
1. Electrical Characteristics (DC)

️· Supply Voltage (VCC): Not explicitly stated, but assumed to be around 4.5V - 5.5V based on test conditions.
️· Quiescent Current (ICC): 0.75mA (max) at 5.5V, and up to 12uA change during burn-in tests.
️· Output Drive:
- Output Sink Current (IOL): 4.0 mA (min) at 4.5V
- Output Source Current (IOH): -4.0 mA (min) at 4.5V
️· Output Voltage Levels:
- VOL (Low): 0.1V (max)
- VOH (High): VCC - 0.1V
️· Input Leakage Current (IIN): ±5µA

2. AC Performance

️· Propagation Delay (TPHL/TPLH): Varies depending on the output (Q0-Q3) and temperature. At 4.5V and 25°C:
- CPn to Q0: 2ns
- CPn to Q1: 2ns
- CPn to Q2: 2ns
- CPn to Q3: 2ns
- MR to Qn: 2ns
️· Maximum Operating Frequency (FMAX): 27 MHz (at 4.5V and 25°C)

3. Capacitance

️· Power Dissipation Capacitance (CPD): 39 pF (max) at 5.0V, 1MHz
️· Input Capacitance (CIN): 10 pF (max) at 5.0V, 1MHz

4. Radiation Hardness

️· The device is tested for post-radiation performance (200k RAD).
️· Delta limits are specified in Table 5 for parameters like ICC, IOL/IOH during burn-in and operating life tests.

5. Test Conditions & Notes

️· Many AC measurements are made with specific test conditions: RL = 500Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
️· Some parameters (e.g., those in Table 3) are controlled via design/process parameters and are characterized but not directly tested.

In essence, this document provides a comprehensive datasheet outlining the electrical characteristics, AC performance, and radiation hardness of a specific integrated circuit (likely a counter or similar logic device). It’s intended for engineers designing systems that will use this component, especially in environments where radiation is a concern.
HCTS393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about HCTS393D Datasheet.
    Example questions: ➤ What is the maximum input capacitance (cin) at 125°c as specified in table 3?➤ What is the maximum operating frequency of the hcts393ms at 125°c, according to table 3?➤ What is the maximum delta limit for icc during a group b burn-in test?
  • Datasheet Details
    Part No.HCTS393D
    ManufacturerRENESAS
    Size471 Kbytes
    Pages9 pages
    DescriptionRadiation Hardened Dual 4-Stage Binary Counter
    Datasheet Summary AI Expand summary
    1. Electrical Characteristics (DC)

    ️· Supply Voltage (VCC): Not explicitly stated, but assumed to be around 4.5V - 5.5V based on test conditions.
    ️· Quiescent Current (ICC): 0.75mA (max) at 5.5V, and up to 12uA change during burn-in tests.
    ️· Output Drive:
    - Output Sink Current (IOL): 4.0 mA (min) at 4.5V
    - Output Source Current (IOH): -4.0 mA (min) at 4.5V
    ️· Output Voltage Levels:
    - VOL (Low): 0.1V (max)
    - VOH (High): VCC - 0.1V
    ️· Input Leakage Current (IIN): ±5µA

    2. AC Performance

    ️· Propagation Delay (TPHL/TPLH): Varies depending on the output (Q0-Q3) and temperature. At 4.5V and 25°C:
    - CPn to Q0: 2ns
    - CPn to Q1: 2ns
    - CPn to Q2: 2ns
    - CPn to Q3: 2ns
    - MR to Qn: 2ns
    ️· Maximum Operating Frequency (FMAX): 27 MHz (at 4.5V and 25°C)

    3. Capacitance

    ️· Power Dissipation Capacitance (CPD): 39 pF (max) at 5.0V, 1MHz
    ️· Input Capacitance (CIN): 10 pF (max) at 5.0V, 1MHz

    4. Radiation Hardness

    ️· The device is tested for post-radiation performance (200k RAD).
    ️· Delta limits are specified in Table 5 for parameters like ICC, IOL/IOH during burn-in and operating life tests.

    5. Test Conditions & Notes

    ️· Many AC measurements are made with specific test conditions: RL = 500Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
    ️· Some parameters (e.g., those in Table 3) are controlled via design/process parameters and are characterized but not directly tested.

    In essence, this document provides a comprehensive datasheet outlining the electrical characteristics, AC performance, and radiation hardness of a specific integrated circuit (likely a counter or similar logic device). It’s intended for engineers designing systems that will use this component, especially in environments where radiation is a concern.