전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP150S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP150S Datasheet

  • # Example questions: ➢ What is the approximate typical forward voltage when the forward current is 1 ampere?
    ➢ What information is consistently provided as a note or disclaimer within the tables, and what does it indicate about the data?
    ➢ What are the specified operating and storage temperature ranges?

  • Part No.SP150S
    ManufacturerVMI
    Size75 Kbytes
    Pages2 pages
    Description15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
    Datasheet Summary with AI

    # Voltage Multiplier Rectifier Stacks

    ## Electrical Characteristics & Ratings
    ️· Models: SP150S, SP200S, SP250S, SP300S
    ️· Forward Current: 0.5A
    ️· Recovery Time: 3000ns (Trr)
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    ## Dimensions
    ️· Length (L): 2.00 in (50.80 mm) ±.020
    ️· Width: .500 in (12.70 mm) ±.020
    ️· Diameter: 0.51 in (1.30 mm) ±.003
    ️· Diameter: 0.250 in (6.35 mm) ±.020

    ## Performance Data (Values vary by model - SP150S, SP200S, SP250S, SP300S)
    ️· Forward Voltage (Vf): 0.1 - 0.6V (typical)
    ️· Reverse Current (Ir): µA (varies with temperature and voltage)
    ️· Maximum Forward Current vs. Temperature: Graph provided.
    ️· Typical Forward Voltage vs. Forward Current: Graph provided (at 25°C).

    ️· Reverse Current vs. Temperature: Graph provided (at Vrwm).

    # Voltage Multiplier Rectifier Stacks

    ## Electrical Characteristics & Ratings
    ️· Models: SP150S, SP200S, SP250S, SP300S
    ️· Forward Current: 0.5A
    ️· Recovery Time: 3000ns (Trr)
    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    ## Dimensions
    ️· Length (L): 2.00 in (50.80 mm) ±.020
    ️· Width: .500 in (12.70 mm) ±.020
    ️· Diameter: 0.51 in (1.30 mm) ±.003
    ️· Diameter: 0.250 in (6.35 mm) ±.020

    ## Performance Data (Values vary by model - SP150S, SP200S, SP250S, SP300S)
    ️· Forward Voltage (Vf): 0.1 - 0.6V (typical)
    ️· Reverse Current (Ir): µA (varies with temperature and voltage)
    ️· Maximum Forward Current vs. Temperature: Graph provided.
    ️· Typical Forward Voltage vs. Forward Current: Graph provided (at 25°C).
    ️· Reverse Current vs. Temperature: Graph provided (at Vrwm).

    Part No.SP150S
    ManufacturerVMI
    Size75 Kbytes
    Pages2 pages
    Description15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time