전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USM-S67 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USM-S67 Datasheet

  • # Example questions: ➢ What is the operating temperature range for the compact lorawan gateway?
    ➢ What is the maximum wireless range for the leo-s lorawan temperature probe sensor?
    ➢ What type of power supply does the usm-s67 lorawan gateway require?

  • Part No.USM-S67
    ManufacturerADVANTECH
    Size696 Kbytes
    Pages3 pages
    DescriptionLoRaWAN Temperature Probe Sensor
    Datasheet Summary with AI

    # LEO-S572-TPG0 LoRaWAN Temperature Probe Sensor

    ## Features

    · 3-wire connection for high precision
    · LoRaWAN technology for long-range wireless data transmissions
    · IP67 waterproof enclosure
    · 19000 mAh replaceable battery for long life
    · NFC for easy configuration
    · Compliant with standard LoRaWAN gateways

    ## Specifications

    · Frequency: US915/AU915/KR920/AS923/CN470
    · NFC: Yes (Configuration)
    · Button: 1 x Power Button (Internal)
    · Battery: 1 x 19000 mAh (ER34615)
    · Battery Life: 5 years (10 min interval, @25°C)*
    · Working Temperature: -30°C ~ 70°C
    · Working Humidity: 0 ~ 100% (non-condensing) at 25°C
    · Wireless Range: 100 meters+ (Line of Sight)*
    · Dimensions: 105.4 x 71 x 69.5 mm (4.1 x 2.8 x 2.7 in)
    · Weight: 1kg
    · IP Rating: IP 67
    · Certification: FCC, TELEC, CE
    · Connection Type: 3-wire connection
    · Cable Length: 1.5m
    · Probe Type: Stainless steel 304
    · Temperature Range: -200 °C ~ 50 °C
    · Temperature Accuracy: ±0.5°C
    · Temperature Resolution: 0.1°C

    ## Ordering Information

    · LEO-S572-TPG0: LEO-S LoRaWAN Temp Probe sensor 915
    · LEO-S572-TPC0: LEO-S LoRaWAN Temp Probe sensor 470

    ## Packing List

    · 1 x Mounting Bracket
    · 2 x Wall Mounting Kits
    · 4 x Rubber Screw Caps
    · 1 x Hose Clamp

    # USM-S67-G0WP0 LoRaWAN Gateway

    ## Features

    · Quad-core industrial processor
    · SX1302 chip for efficient traffic handling
    · 8 half/full-duplex channels
    · IP65 enclosure for outdoor environments
    · Desktop, wall, or pole mounting options
    · Ethernet and Wi-Fi backhaul backups
    · Easy and centralized device management
    · Multiple VPN security communication
    · Built-in network server and API for integration
    · Embedded Python SDK for development
    · Node-RED development tool

    ## Specifications

    · CPU: Quad-core 1.5 GHz, 64-bit ARM Cortex-A53
    · Memory: 512 MB DDR4
    · Flash: 8 GB eMMC
    · LED Indicators: POWER, STATUS, LoRa, Wi-Fi, Ethernet
    · Frequency: US915/AU915/KR920/AS923/CN470
    · Antenna: 2 x Internal, 1 x External
    · Wireless Range: 100 meters+ (Line of Sight)**
    · Connectivity: Ethernet 10/100/1000 Base-T, Wi-Fi IEEE 802.11 b/g/n 2.4GHz
    · Button: Reset Button
    · Power: DC Jack Connector (9-24 VDC), PoE input
    · Working Temperature: -40 ~ 70°C (-40 ~ 158°F)
    · Storage Temperature: -40 ~ 85°C (-40 ~ 185°F)
    · Operating Humidity: 0 ~ 95% (non-condensing) at 25°C
    · Dimensions: 180 x 110 x 56.5 mm (7.09 x 4.33 x 2.22 in)
    · IP Rating: IP 65
    · Certification: CE, FCC

    ## Ordering Information

    · USM-S67-G0WP0: USM-S67 LoRaWAN & WIFI Gateway 915
    · USM-S67-C0WP0: USM-S67 LoRaWAN & WIFI Gateway 470

    ## Packing List

    · 6 x Screw
    · 1 x Rear bracket
    · 1 x LAN cable (1.5M)

    # USM-S67-G00P0 Compact LoRaWAN Gateway

    ## Features

    · Compact LoRaWAN Gateway
    · Supports 8 half/full-duplex channels
    · Multiple VPN security communication
    · Noise level detection and analysis
    · Built-in network server and API

    ## Specifications

    · CPU: 528 MHz, ARM Cortex-A7
    · Memory: 256 MB DDR4
    · Flash: 4 GB eMMC
    · LED Indicators: SYS, LoRa
    · Frequency: US915/AU915/KR920/AS923/CN470
    · Antenna: 2 x Internal
    · Wireless Range: 100 meters+ (Line of Sight)**
    · Connectivity: Ethernet 10/100 Base-T
    · Power: PoE input, Type-C Port (5V/1A)
    · Working Temperature: -20 ~ 50°C (-4 ~ 122°F)
    · Storage Temperature: -40 ~ 85°C (-40 ~ 185°F)
    · Operating Humidity: 0 ~ 95% (non-condensing) at 25°C
    · Dimensions: n115 x n3.5
    · Certification: n3.5

    ## Ordering Information

    · USM-S67-G00P0: Compact LoRaWAN Gateway.

    # LEO-S572-TPG0 LoRaWAN Temperature Probe Sensor

    ## Features

    · 3-wire connection for high precision
    · LoRaWAN technology for long-range wireless data transmissions
    · IP67 waterproof enclosure
    · 19000 mAh replaceable battery for long life
    · NFC for easy configuration
    · Compliant with standard LoRaWAN gateways

    ## Specifications

    · Frequency: US915/AU915/KR920/AS923/CN470
    · NFC: Yes (Configuration)
    · Button: 1 x Power Button (Internal)
    · Battery: 1 x 19000 mAh (ER34615)
    · Battery Life: 5 years (10 min interval, @25°C)*
    · Working Temperature: -30°C ~ 70°C
    · Working Humidity: 0 ~ 100% (non-condensing) at 25°C
    · Wireless Range: 100 meters+ (Line of Sight)*
    · Dimensions: 105.4 x 71 x 69.5 mm (4.1 x 2.8 x 2.7 in)
    · Weight: 1kg
    · IP Rating: IP 67
    · Certification: FCC, TELEC, CE
    · Connection Type: 3-wire connection
    · Cable Length: 1.5m
    · Probe Type: Stainless steel 304
    · Temperature Range: -200 °C ~ 50 °C
    · Temperature Accuracy: ±0.5°C
    · Temperature Resolution: 0.1°C

    ## Ordering Information

    · LEO-S572-TPG0: LEO-S LoRaWAN Temp Probe sensor 915
    · LEO-S572-TPC0: LEO-S LoRaWAN Temp Probe sensor 470

    ## Packing List

    · 1 x Mounting Bracket
    · 2 x Wall Mounting Kits
    · 4 x Rubber Screw Caps
    · 1 x Hose Clamp

    # USM-S67-G0WP0 LoRaWAN Gateway

    ## Features

    · Quad-core industrial processor
    · SX1302 chip for efficient traffic handling
    · 8 half/full-duplex channels
    · IP65 enclosure for outdoor environments
    · Desktop, wall, or pole mounting options
    · Ethernet and Wi-Fi backhaul backups
    · Easy and centralized device management
    · Multiple VPN security communication
    · Built-in network server and API for integration
    · Embedded Python SDK for development
    · Node-RED development tool

    ## Specifications

    · CPU: Quad-core 1.5 GHz, 64-bit ARM Cortex-A53
    · Memory: 512 MB DDR4
    · Flash: 8 GB eMMC
    · LED Indicators: POWER, STATUS, LoRa, Wi-Fi, Ethernet
    · Frequency: US915/AU915/KR920/AS923/CN470
    · Antenna: 2 x Internal, 1 x External
    · Wireless Range: 100 meters+ (Line of Sight)**
    · Connectivity: Ethernet 10/100/1000 Base-T, Wi-Fi IEEE 802.11 b/g/n 2.4GHz
    · Button: Reset Button
    · Power: DC Jack Connector (9-24 VDC), PoE input
    · Working Temperature: -40 ~ 70°C (-40 ~ 158°F)
    · Storage Temperature: -40 ~ 85°C (-40 ~ 185°F)
    · Operating Humidity: 0 ~ 95% (non-condensing) at 25°C
    · Dimensions: 180 x 110 x 56.5 mm (7.09 x 4.33 x 2.22 in)
    · IP Rating: IP 65
    · Certification: CE, FCC

    ## Ordering Information

    · USM-S67-G0WP0: USM-S67 LoRaWAN & WIFI Gateway 915
    · USM-S67-C0WP0: USM-S67 LoRaWAN & WIFI Gateway 470

    ## Packing List

    · 6 x Screw
    · 1 x Rear bracket
    · 1 x LAN cable (1.5M)

    # USM-S67-G00P0 Compact LoRaWAN Gateway

    ## Features

    · Compact LoRaWAN Gateway
    · Supports 8 half/full-duplex channels
    · Multiple VPN security communication
    · Noise level detection and analysis
    · Built-in network server and API

    ## Specifications

    · CPU: 528 MHz, ARM Cortex-A7
    · Memory: 256 MB DDR4
    · Flash: 4 GB eMMC
    · LED Indicators: SYS, LoRa
    · Frequency: US915/AU915/KR920/AS923/CN470
    · Antenna: 2 x Internal
    · Wireless Range: 100 meters+ (Line of Sight)**
    · Connectivity: Ethernet 10/100 Base-T
    · Power: PoE input, Type-C Port (5V/1A)
    · Working Temperature: -20 ~ 50°C (-4 ~ 122°F)
    · Storage Temperature: -40 ~ 85°C (-40 ~ 185°F)
    · Operating Humidity: 0 ~ 95% (non-condensing) at 25°C
    · Dimensions: n115 x n3.5
    · Certification: n3.5

    ## Ordering Information

    · USM-S67-G00P0: Compact LoRaWAN Gateway.

    Part No.USM-S67
    ManufacturerADVANTECH
    Size696 Kbytes
    Pages3 pages
    DescriptionLoRaWAN Temperature Probe Sensor