전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DPIHGF02TR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DPIHGF02TR Datasheet

  • # Example questions: ➢ What is the operating temperature range for this product?
    ➢ What are the available options for the terminal type?
    ➢ What is the maximum contact resistance specified for this dip switch?

  • Part No.DPIHGF02TR
    ManufacturerAPEX-ELECTRONICS
    Size331 Kbytes
    Pages2 pages
    DescriptionDIP Switch, top actuated, SMD, half-pitch
    Datasheet Summary with AI

    # DPIH Series

    DIP Switch, top actuated, SMD, half-pitch

    ## Features

    · Gold plated twin contactor for reliability
    · Top tape seal for washing process
    · Available positions: 2, 4, 6, 8, 10
    · Low-profile, half-pitch, SMD process
    · RoHS compliant

    ## Materials

    · Cover: PPS
    · Housing: PPS
    · Actuator: Nylon46
    · Contactor: Gold plated phosphor bronze
    · Terminal: Gold plated brass
    · Tape: Kapton

    ## Specifications

    · Operating Temperature: -20°C to +85°C
    · Storage Temperature: -40°C to +85°C
    · Actuation Life: 1,000 cycles
    · Contact Resistance: 100mȍ max.
    · Travel: 0.6mm
    · Insulation Resistance: 100Mȍ min. at 500VDC
    · Dielectric Strength: 300VAC for 1 min.

    ## Dimensions (DIM A)

    Position DIM A
    02 3.77
    04 6.31
    06 8.85
    08 11.39
    10 13.93

    ## Terminals

    · Gull-wing, 6.7mm
    · Gull-wing, 8.1mm

    ## Packaging

    · Tube
    · Reel

    # DPIH Series

    DIP Switch, top actuated, SMD, half-pitch

    ## Features

    · Gold plated twin contactor for reliability
    · Top tape seal for washing process
    · Available positions: 2, 4, 6, 8, 10
    · Low-profile, half-pitch, SMD process
    · RoHS compliant

    ## Materials

    · Cover: PPS
    · Housing: PPS
    · Actuator: Nylon46
    · Contactor: Gold plated phosphor bronze
    · Terminal: Gold plated brass
    · Tape: Kapton

    ## Specifications

    · Operating Temperature: -20°C to +85°C
    · Storage Temperature: -40°C to +85°C
    · Actuation Life: 1,000 cycles
    · Contact Resistance: 100mȍ max.
    · Travel: 0.6mm
    · Insulation Resistance: 100Mȍ min. at 500VDC
    · Dielectric Strength: 300VAC for 1 min.

    ## Dimensions (DIM A)

    Position DIM A
    02 3.77
    04 6.31
    06 8.85
    08 11.39
    10 13.93

    ## Terminals

    · Gull-wing, 6.7mm
    · Gull-wing, 8.1mm

    ## Packaging

    · Tube
    · Reel

    Part No.DPIHGF02TR
    ManufacturerAPEX-ELECTRONICS
    Size331 Kbytes
    Pages2 pages
    DescriptionDIP Switch, top actuated, SMD, half-pitch