전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Datasheet with Chat AI
Datasheet Details
Part No.SN74HC393D
MfrTI
Size612 Kbytes
Pages21 pages
DescriptionDUAL 4-BIT BINARY COUNTERS
Datasheet SummaryAI
# SN54HC393, SN74HC393 DUAL 4-BIT BINARY COUNTERS

## General Description

️· Dual 4-bit binary counters in a single package
️· Independent 4-bit counters with clear (CLR) and clock (CLK) inputs
️· Can implement N-bit binary counters
️· Divide-by-256 capability
️· Parallel outputs for timing signals

## Features

️· Wide operating voltage range: 2V to 6V
️· Low power consumption: 80µA max ICC
️· Typical tpd = 13ns
️· ±4mA Output Drive at 5V
️· Low Input Current of 1 µA Max
️· Direct Clear for Each 4-Bit Counter

## Absolute Maximum Ratings

️· Supply voltage range: -0.5V to 7V
️· Input clamp current: ±20mA
️· Output clamp current: ±20mA
️· Continuous output current: ±25mA
️· Continuous current through VCC or GND: ±50mA
️· Package thermal impedance varies by package type.
️· Storage temperature range: -65°C to 150°C

## Recommended Operating Conditions

️· VCC: 2V to 6V
️· Operating free-air temperature: -55°C to 125°C (SN54HC393) or -40°C to 85°C (SN74HC393)

## Electrical Characteristics

️· VOH (high-level output voltage): varies with VCC and load current
️· VOL (low-level output voltage): varies with VCC and load current
️· II (input current): ±100µA
️· ICC (supply current): varies with VCC and operating conditions

## Timing Requirements

️· Clock frequency: varies with VCC
️· Pulse duration (high and low): varies with VCC
️· Setup and hold times for CLR
️· Propagation delay times

## Package Options

️· PDIP – N (Tube of 25)
️· SOIC – D (Tube of 50, Reel of 2500, Reel of 250)
️· SOP – NS (Reel of 2000)
️· SSOP – DB (Reel of 2000)
️· TSSOP – PW (Tube of 90, Reel of 2000, Reel of 250)
️· CDIP – J (Tube of 25)
️· CFP – W (Tube of 150)
️· LCCC – FK (Tube of 55)
SN74HC393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about SN74HC393D Datasheet.
    Example questions: ➤ What is the maximum supply voltage (vcc) specified in the document for operation?➤ What is the typical power dissipation capacitance (cpd) per counter as stated in the 'operating characteristics' section?➤ What characteristics are specified for the input pulses used in testing?
  • Datasheet Details
    Part No.SN74HC393D
    ManufacturerTI
    Size612 Kbytes
    Pages21 pages
    DescriptionDUAL 4-BIT BINARY COUNTERS
    Datasheet Summary AI Expand summary
    # SN54HC393, SN74HC393 DUAL 4-BIT BINARY COUNTERS

    ## General Description

    ️· Dual 4-bit binary counters in a single package
    ️· Independent 4-bit counters with clear (CLR) and clock (CLK) inputs
    ️· Can implement N-bit binary counters
    ️· Divide-by-256 capability
    ️· Parallel outputs for timing signals

    ## Features

    ️· Wide operating voltage range: 2V to 6V
    ️· Low power consumption: 80µA max ICC
    ️· Typical tpd = 13ns
    ️· ±4mA Output Drive at 5V
    ️· Low Input Current of 1 µA Max
    ️· Direct Clear for Each 4-Bit Counter

    ## Absolute Maximum Ratings

    ️· Supply voltage range: -0.5V to 7V
    ️· Input clamp current: ±20mA
    ️· Output clamp current: ±20mA
    ️· Continuous output current: ±25mA
    ️· Continuous current through VCC or GND: ±50mA
    ️· Package thermal impedance varies by package type.
    ️· Storage temperature range: -65°C to 150°C

    ## Recommended Operating Conditions

    ️· VCC: 2V to 6V
    ️· Operating free-air temperature: -55°C to 125°C (SN54HC393) or -40°C to 85°C (SN74HC393)

    ## Electrical Characteristics

    ️· VOH (high-level output voltage): varies with VCC and load current
    ️· VOL (low-level output voltage): varies with VCC and load current
    ️· II (input current): ±100µA
    ️· ICC (supply current): varies with VCC and operating conditions

    ## Timing Requirements

    ️· Clock frequency: varies with VCC
    ️· Pulse duration (high and low): varies with VCC
    ️· Setup and hold times for CLR
    ️· Propagation delay times

    ## Package Options

    ️· PDIP – N (Tube of 25)
    ️· SOIC – D (Tube of 50, Reel of 2500, Reel of 250)
    ️· SOP – NS (Reel of 2000)
    ️· SSOP – DB (Reel of 2000)
    ️· TSSOP – PW (Tube of 90, Reel of 2000, Reel of 250)
    ️· CDIP – J (Tube of 25)
    ️· CFP – W (Tube of 150)
    ️· LCCC – FK (Tube of 55)