전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP331CT/TR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP331CT/TR Datasheet

  • # Example questions: ➢ How does the sp331 utilize the sel_c and sel_d pins, and what effect does asserting 'xx11' into the select pins have on the drivers and receivers?
    ➢ What is the primary function of the charge pump within the sp331, and how does it achieve symmetrical power supplies?
    ➢ What are the key differences in operating voltage and maximum data rate between the rs-232 and rs-485 receivers?

  • Part No.SP331CT/TR
    ManufacturerSIPEX
    Size187 Kbytes
    Pages13 pages
    DescriptionProgrammable Dual RS-232/RS-485 Transceiver
    Datasheet Summary with AI

    1. Overview:

    ️· Type: Programmable multi-protocol transceiver. It can operate in RS-232 and RS-485 modes.
    ️· Functionality: Contains charge pump, drivers, receivers, and control logic.
    ️· Key Feature: The ability to switch between RS-232 and RS-485 modes via select pins. It can also be configured for mixed RS-232/RS-485 operation.

    2. Electrical Characteristics & Performance

    ️· Charge Pump: Generates ±10V supplies using external capacitors. Uses a four-phase voltage shifting technique for efficiency.
    ️· RS-232 Drivers:
    - Single-ended outputs.
    - Compliant with RS-232E and ITU V.28 standards.
    - Output voltage: ±5V (minimum) with a 3kΩ load & 2500pF capacitance.
    - Data Rate: Up to 120 kbps.
    ️· RS-485 Drivers:
    - Differential outputs.
    - Compliant with RS-485 and RS-422 standards.
    - Output voltage: ≥ 1.5V (differential) with a 54Ω load.
    - Data Rate: Up to 10 Mbps.
    ️· RS-232 Receivers:
    - Single-ended inputs.
    - Input Voltage Range: ±15V
    - Threshold: 0.8V to 2.4V
    - Data Rate: Up to 120 kbps
    ️· RS-485 Receivers:
    - Differential inputs.
    - Input Impedance: 15 kΩ.
    - Differential Threshold: ±200 mV.
    - Data Rate: Up to 10 Mbps.

    3. Control & Configuration

    ️· Select Pins (SEL A, SEL B, SEL C, SEL D): These 4 pins determine the operating mode (RS-232, RS-485, or mixed) and can put drivers into tri-state.
    ️· Loopback Mode: Enabled by setting SEL A, SEL B to '11'. Disconnects drivers/receivers from the outside world.

    4. Other Important Details:

    ️· Internal Pull-Up/Down Resistors: The chip has some internal resistors for receiver configuration.
    ️· Power Supply: Requires external capacitors for the charge pump.

    In short, the SP331 is a flexible chip designed to simplify serial communication interfaces by allowing you to switch between common standards (RS-232 and RS-485) using a few control pins.



    Is there anything specific you would like me to elaborate on or any particular aspect of the SP331 that you are interested in? Do you want me to focus on the control logic, the electrical specs, or something else?

    1. Overview:

    ️· Type: Programmable multi-protocol transceiver. It can operate in RS-232 and RS-485 modes.
    ️· Functionality: Contains charge pump, drivers, receivers, and control logic.
    ️· Key Feature: The ability to switch between RS-232 and RS-485 modes via select pins. It can also be configured for mixed RS-232/RS-485 operation.

    2. Electrical Characteristics & Performance

    ️· Charge Pump: Generates ±10V supplies using external capacitors. Uses a four-phase voltage shifting technique for efficiency.
    ️· RS-232 Drivers:
    - Single-ended outputs.
    - Compliant with RS-232E and ITU V.28 standards.
    - Output voltage: ±5V (minimum) with a 3kΩ load & 2500pF capacitance.
    - Data Rate: Up to 120 kbps.
    ️· RS-485 Drivers:
    - Differential outputs.
    - Compliant with RS-485 and RS-422 standards.
    - Output voltage: ≥ 1.5V (differential) with a 54Ω load.
    - Data Rate: Up to 10 Mbps.
    ️· RS-232 Receivers:
    - Single-ended inputs.
    - Input Voltage Range: ±15V
    - Threshold: 0.8V to 2.4V
    - Data Rate: Up to 120 kbps
    ️· RS-485 Receivers:
    - Differential inputs.
    - Input Impedance: 15 kΩ.
    - Differential Threshold: ±200 mV.
    - Data Rate: Up to 10 Mbps.

    3. Control & Configuration

    ️· Select Pins (SEL A, SEL B, SEL C, SEL D): These 4 pins determine the operating mode (RS-232, RS-485, or mixed) and can put drivers into tri-state.
    ️· Loopback Mode: Enabled by setting SEL A, SEL B to '11'. Disconnects drivers/receivers from the outside world.

    4. Other Important Details:

    ️· Internal Pull-Up/Down Resistors: The chip has some internal resistors for receiver configuration.
    ️· Power Supply: Requires external capacitors for the charge pump.

    In short, the SP331 is a flexible chip designed to simplify serial communication interfaces by allowing you to switch between common standards (RS-232 and RS-485) using a few control pins.



    Is there anything specific you would like me to elaborate on or any particular aspect of the SP331 that you are interested in? Do you want me to focus on the control logic, the electrical specs, or something else?

    Part No.SP331CT/TR
    ManufacturerSIPEX
    Size187 Kbytes
    Pages13 pages
    DescriptionProgrammable Dual RS-232/RS-485 Transceiver