전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSCLM393 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GSCLM393 Datasheet

  • # Example questions: ➢ What is the maximum differential input voltage (vidiff) that the gsclm393 can withstand?
    ➢ What is the minimum and maximum operating temperature range for this comparator?
    ➢ What is the typical supply current (icc) when vcc is 5v?

  • Part No.GSCLM393
    ManufacturerGTM
    Size229 Kbytes
    Pages4 pages
    DescriptionDUAL DIFFERENTIAL COMPARATOR
    Datasheet Summary with AI

    # GSCLM393 Dual Differential Comparator

    ## Description
    The GSCLM393 consists of two independent voltage comparators, designed to operate from a single power source over a wide voltage range.

    ## Features
    ️· Supply Voltage: Single or dual supply operation (Vcc=2V~36V or ±1 to ±18V)
    ️· Input Range: Input common-mode voltage includes ground.
    ️· Current Consumption:
    - ICC (Typical): 0.8mA
    - ICC (RL=Ќ, Vcc=30V): 0.8 - 2.5mA
    ️· Output Compatibility: TTL, DTL, and CMOS logic systems.
    ️· Input Bias Current: Ibias=25nA (Typical)

    ## Package Dimensions
    REF. Millimeter Col3 REF. Millimeter Col6
    REF. Min. Max. Max. Min. Max.
    A 5.80 6.20 M 0.10 0.25
    B 4.80 5.00 H 0.35 0.49
    C 3.80 4.00 L 1.35 1.75
    D J 0.375 REF. 0.375 REF.
    E 0.40 0.90 K 45° 45°
    F 0.19 0.25 G 1.27 TYP. 1.27 TYP.

    ## Absolute Maximum Ratings
    Parameter Symbol Value Unit
    Supply Voltage Vcc ±18 or 36 V
    Differential Input Voltage VIDiff 36 V
    Input Voltage VI -0.3~36 V
    Power Dissipation PD 570 mW
    Operating Temperature Topr 0~+70 °C
    Storage Temperature Tstg -65 to 150 °C

    ## Electrical Characteristics (Vcc=5V, Ta=25°C)
    Parameter Symbol Test Conditions Min Typ Max Unit
    Input Offset Voltage VIO VCM=0 TO Vcc – 1.5, Vo(p) = 1.4V, Rs=0 ±1.0 ±5.0 mV
    Input Offset Current lIO ±5 ±50 nA
    Input Bias Current lb 65 250 nA
    Input Common-Mode Voltage Range VI(R) 0 Vcc-1.5 V
    Supply Current Icc 0.6 1.0 mA
    Large Signal Voltage Gain Gv Vcc=15V, RL>15K 50 200 V/mV
    Response Time tres VRL=5V, RL=5.1K 1400 ns

    ## Important Notices
    ️· Product specifications are subject to change without notice.
    ️· The device is not warranted for use in life-support applications.

    # GSCLM393 Dual Differential Comparator

    ## Description
    The GSCLM393 consists of two independent voltage comparators, designed to operate from a single power source over a wide voltage range.

    ## Features
    ️· Supply Voltage: Single or dual supply operation (Vcc=2V~36V or ±1 to ±18V)
    ️· Input Range: Input common-mode voltage includes ground.
    ️· Current Consumption:
    - ICC (Typical): 0.8mA
    - ICC (RL=Ќ, Vcc=30V): 0.8 - 2.5mA
    ️· Output Compatibility: TTL, DTL, and CMOS logic systems.
    ️· Input Bias Current: Ibias=25nA (Typical)

    ## Package Dimensions
    REF. Millimeter Col3 REF. Millimeter Col6
    REF. Min. Max. Max. Min. Max.
    A 5.80 6.20 M 0.10 0.25
    B 4.80 5.00 H 0.35 0.49
    C 3.80 4.00 L 1.35 1.75
    D J 0.375 REF. 0.375 REF.
    E 0.40 0.90 K 45° 45°
    F 0.19 0.25 G 1.27 TYP. 1.27 TYP.

    ## Absolute Maximum Ratings
    Parameter Symbol Value Unit
    Supply Voltage Vcc ±18 or 36 V
    Differential Input Voltage VIDiff 36 V
    Input Voltage VI -0.3~36 V
    Power Dissipation PD 570 mW
    Operating Temperature Topr 0~+70 °C
    Storage Temperature Tstg -65 to 150 °C

    ## Electrical Characteristics (Vcc=5V, Ta=25°C)
    Parameter Symbol Test Conditions Min Typ Max Unit
    Input Offset Voltage VIO VCM=0 TO Vcc – 1.5, Vo(p) = 1.4V, Rs=0 ±1.0 ±5.0 mV
    Input Offset Current lIO ±5 ±50 nA
    Input Bias Current lb 65 250 nA
    Input Common-Mode Voltage Range VI(R) 0 Vcc-1.5 V
    Supply Current Icc 0.6 1.0 mA
    Large Signal Voltage Gain Gv Vcc=15V, RL>15K 50 200 V/mV
    Response Time tres VRL=5V, RL=5.1K 1400 ns

    ## Important Notices
    ️· Product specifications are subject to change without notice.
    ️· The device is not warranted for use in life-support applications.

    Part No.GSCLM393
    ManufacturerGTM
    Size229 Kbytes
    Pages4 pages
    DescriptionDUAL DIFFERENTIAL COMPARATOR