| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1664038 Datasheet
# Example questions:
➢ How many insertion/withdrawal cycles can this connector withstand before potential failure?
➢ What is the minimum operating temperature for this connector, and is it suitable for use in outdoor environments?
➢ What is the rated current that this rj45 pcb connector can safely handle?
# CUC-IB7G-J1ST-AT/R4T-P - RJ45 PCB Connector
## General Information
· Item Number: 1664038
· Connector Type: RJ45 PCB connector
· Number of Positions: 8
· Transmission Speed: 1 Gbps
## Key Features & Benefits
· Integrated filtering for simplified Ethernet design
· Reduced PCB complexity and EMC risks
· Reflow solderability for automated processing
· Industrial design for demanding applications
## Technical Specifications
· Insulation: Overvoltage category I, Degree of pollution 2
· Electrical: Rated surge voltage 1.5 kV, Rated current 0.5 A, Insulation resistance > 500 MΩ
· Dimensions: Width 15.75 mm, Height 17.4 mm, Length 21.5 mm
· Material: Copper alloy housing, Phosphor bronze contact material
· Halogen-free: Yes
· Mechanical: >750 insertion/withdrawal cycles, <20N insertion/extraction force
· Testing: IEC 60603-7
· Operating Temperature: -40 °C ... 85 °C
· Storage/Transport Temperature: -40 °C ... 85 °C
## Mounting & Processing
· Mounting Type: THT wave
· Classification Temperature: 260 °C
## Packaging
· Type: Tray
## Compliance
· EU RoHS: Compliant
· EU REACH SVHC: No substance above 0.1 wt%
# CUC-IB7G-J1ST-AT/R4T-P - RJ45 PCB Connector
## General Information
· Item Number: 1664038
· Connector Type: RJ45 PCB connector
· Number of Positions: 8
· Transmission Speed: 1 Gbps
## Key Features & Benefits
· Integrated filtering for simplified Ethernet design
· Reduced PCB complexity and EMC risks
· Reflow solderability for automated processing
· Industrial design for demanding applications
## Technical Specifications
· Insulation: Overvoltage category I, Degree of pollution 2
· Electrical: Rated surge voltage 1.5 kV, Rated current 0.5 A, Insulation resistance > 500 MΩ
· Dimensions: Width 15.75 mm, Height 17.4 mm, Length 21.5 mm
· Material: Copper alloy housing, Phosphor bronze contact material
· Halogen-free: Yes
· Mechanical: >750 insertion/withdrawal cycles, <20N insertion/extraction force
· Testing: IEC 60603-7
· Operating Temperature: -40 °C ... 85 °C
· Storage/Transport Temperature: -40 °C ... 85 °C
## Mounting & Processing
· Mounting Type: THT wave
· Classification Temperature: 260 °C
## Packaging
· Type: Tray
## Compliance
· EU RoHS: Compliant
· EU REACH SVHC: No substance above 0.1 wt%
| Part No. | 1664038 |
| Manufacturer | PHOENIX |
| Size | 423 Kbytes |
| Pages | 6 pages |
| Description | CUC-IB7G-J1ST-AT/R4T-P - RJ45 PCB connector |